công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST72T2511R9T1S bảng dữ liệu(PDF) 8 Page - STMicroelectronics

tên linh kiện ST72T2511R9T1S
Giải thích chi tiết về linh kiện  8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
Download  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72T2511R9T1S bảng dữ liệu(HTML) 8 Page - STMicroelectronics

Back Button ST72T2511R9T1S Datasheet HTML 4Page - STMicroelectronics ST72T2511R9T1S Datasheet HTML 5Page - STMicroelectronics ST72T2511R9T1S Datasheet HTML 6Page - STMicroelectronics ST72T2511R9T1S Datasheet HTML 7Page - STMicroelectronics ST72T2511R9T1S Datasheet HTML 8Page - STMicroelectronics ST72T2511R9T1S Datasheet HTML 9Page - STMicroelectronics ST72T2511R9T1S Datasheet HTML 10Page - STMicroelectronics ST72T2511R9T1S Datasheet HTML 11Page - STMicroelectronics ST72T2511R9T1S Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 164 page
background image
ST72311R, ST72511R, ST72512R, ST72532R
8/164
PIN DESCRIPTION (Cont’d)
For external pin connection guidelines, refer to Section 12 ”ELECTRICAL CHARACTERISTICS” on page
131.
Legend / Abbreviations for Table 1:
Type:
I = input, O = output, S = supply
Input level:
A = Dedicated analog input
In/Output level: C = CMOS 0.3VDD/0.7VDD,
CT= CMOS 0.3VDD/0.7VDD with input trigger
Output level:
HS = 20mA high sink (on N-buffer only)
Port and control configuration:
– Input:
float = floating, wpu = weak pull-up, int = interrupt 1), ana = analog
– Output:
OD = open drain 2), PP = push-pull
Refer to Section 8 ”I/O PORTS” on page 38 for more details on the software configuration of the I/O ports.
The RESET configuration of each pin is shown in bold. This configuration is valid as long as the device is
in reset state.
Table 1. Device Pin Description
Pin n
°
Pin Name
Level
Port
Main
function
(after
reset)
Alternate function
Inpu t
Outp ut
1
PE4 (HS)
I/O CT HS X
X
X
X
Port E4
2
PE5 (HS)
I/O CT HS X
X
X
X
Port E5
3
PE6 (HS)
I/O CT HS X
X
X
X
Port E6
4
PE7 (HS)
I/O CT HS X
X
X
X
Port E7
5
PB0/PWM3
I/O
CT
X
ei2
X
X
Port B0
PWM Output 3
6
PB1/PWM2
I/O
CT
X
ei2
X
X
Port B1
PWM Output 2
7
PB2/PWM1
I/O
CT
X
ei2
X
X
Port B2
PWM Output 1
8
PB3/PWM0
I/O
CT
X
ei2
X
X
Port B3
PWM Output 0
9
PB4/ARTCLK
I/O
CT
X
ei3
X
X
Port B4
PWM-ART External Clock
10
PB5
I/O
CT
X
ei3
X
X
Port B5
11
PB6
I/O
CT
X
ei3
X
X
Port B6
12
PB7
I/O
CT
X
ei3
X
X
Port B7
13
PD0/AIN0
I/O
CT
X
X
X
X
X
Port D0
ADC Analog Input 0
14
PD1/AIN1
I/O
CT
X
X
X
X
X
Port D1
ADC Analog Input 1
15
PD2/AIN2
I/O
CT
X
X
X
X
X
Port D2
ADC Analog Input 2
16
PD3/AIN3
I/O
CT
X
X
X
X
X
Port D3
ADC Analog Input 3
17
PD4/AIN4
I/O
CT
X
X
X
X
X
Port D4
ADC Analog Input 4
18
PD5/AIN5
I/O
CT
X
X
X
X
X
Port D5
ADC Analog Input 5
19
PD6/AIN6
I/O
CT
X
X
X
X
X
Port D6
ADC Analog Input 6
20
PD7/AIN7
I/O
CT
X
X
X
X
X
Port D7
ADC Analog Input 7
21
VDDA
S
Analog Power Supply Voltage
22
VSSA
S
Analog Ground Voltage
23
VDD_3
S
Digital Main Supply Voltage
6


Số phần tương tự - ST72T2511R9T1S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST72T251 STMICROELECTRONICS-ST72T251 Datasheet
66Kb / 4P
   REAL-TIME DEVELOPMENT TOOLS FOR THE ST7 MCU FAMILY
February 2000
More results

Mô tả tương tự - ST72T2511R9T1S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST72589BW STMICROELECTRONICS-ST72589BW Datasheet
1Mb / 158P
   8-BIT MCU WITH NESTED INTERRUPTS, DOT MATRIX LCD, ADC, TIMERS, PWM-BRM, SPI, SCI, I짼C, CAN INTERFACES
June 2003 Rev. 2.7
ST72521M STMICROELECTRONICS-ST72521M Datasheet
105Kb / 11P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
ST72F324J STMICROELECTRONICS-ST72F324J Datasheet
1Mb / 156P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
ST72521 STMICROELECTRONICS-ST72521 Datasheet
2Mb / 211P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
August 2003 Rev. 1.9
ST72F521M STMICROELECTRONICS-ST72F521M Datasheet
1Mb / 199P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
ST72324 STMICROELECTRONICS-ST72324 Datasheet
2Mb / 161P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
August 2003 Rev. 1.9
ST72321 STMICROELECTRONICS-ST72321 Datasheet
2Mb / 185P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
August 2003 Rev. 1.9
ST72321J STMICROELECTRONICS-ST72321J Datasheet
2Mb / 179P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 5 TIMERS, SPI, SCI, I2C INTERFACE
July 2003 Rev. 1.8
ST72334J STMICROELECTRONICS-ST72334J_03 Datasheet
1Mb / 153P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
ST72334J STMICROELECTRONICS-ST72334J Datasheet
1,022Kb / 125P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com