công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
J0060L7575A00 bảng dữ liệu(PDF) 3 Page - Anaren Microwave |
|
J0060L7575A00 bảng dữ liệu(HTML) 3 Page - Anaren Microwave |
3 / 5 page Available on Tape and Reel for Pick and Place Manufacturing. USA/Canada: Toll Free: Europe : (315) 432-8909 (800) 411-6596 +44 2392-232392 Model J0060L7575A00 Rev C Mounting Configuration: In order for Xinger surface mount components to work optimally, the proper impedance transmission lines must be used to connect to the RF ports. If this condition is not satisfied, insertion loss, Isolation and VSWR may not meet published specifications. All of the Xinger components are constructed from ceramic filled PTFE composites which possess excellent electrical and mechanical stability having X and Y thermal coefficient of expansion (CTE) of 17 ppm/ oC. An example of the PCB footprint used in the testing of these parts is shown on below. In specific designs, the transmission line widths need to be adjusted to the unique dielectric coefficients and thicknesses as well as varying pick and place equipment tolerances. Mounting Footprint Dimensions are in Inches [Millimeters] Circuit Pattern Footprint Pad (s) Solder Resist Transmission Line 4X .002 [0.05] 4X .011 [0.29] 6X .011 [0.28] .027 [0.69] .012 [0.31] Plated thru holes to ground Part Orientation (Top View) |
Số phần tương tự - J0060L7575A00 |
|
Mô tả tương tự - J0060L7575A00 |