công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TAX826M07512 bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers

tên linh kiện TAX826M07512
Giải thích chi tiết về linh kiện  Commercial Types TAT for CLR79 and TAX for CLR81
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

TAX826M07512 bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers

  TAX826M07512 Datasheet HTML 1Page - List of Unclassifed Manufacturers TAX826M07512 Datasheet HTML 2Page - List of Unclassifed Manufacturers TAX826M07512 Datasheet HTML 3Page - List of Unclassifed Manufacturers TAX826M07512 Datasheet HTML 4Page - List of Unclassifed Manufacturers TAX826M07512 Datasheet HTML 5Page - List of Unclassifed Manufacturers TAX826M07512 Datasheet HTML 6Page - List of Unclassifed Manufacturers TAX826M07512 Datasheet HTML 7Page - List of Unclassifed Manufacturers TAX826M07512 Datasheet HTML 8Page - List of Unclassifed Manufacturers TAX826M07512 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Wet Tantalum - CLR 79 (MIL-C-39006/22)
CLR 81 (MIL-C-39006/25)
Ratings
TAT(CLR79)
+25° C
+85°C
&
+125°C
-55°C +85°C +125°C M (1.0) P (0.1) R (0.01)
TAT306M 00611
30
20
1
9
3.98
1
2
820
-40
+10.5
+12
0001
0221
0441
TAT306K 00611
30
10
1
9
3.98
1
2
820
-40
+10.5
+12
0002
0222
0442
TAT306J 00611
30
5
1
9
3.98
1
2
820
-40
+10.5
+12
0003
0223
0443
TAT686M 00611
68
20
1
15
3.16
1
2
960
-40
+14
+16
0004
0224
0444
TAT686K 00611
68
10
1
15
3.16
1
2
960
-40
+14
+16
0005
0225
0445
TAT686J 00611
68
5
1
15
3.16
1
2
960
-40
+14
+16
0006
0226
0446
TAT147M 00612
140
20
2
21
1.99
1
3
1200
-40
+14
+16
0007
0227
0447
TAT147K 00612
140
10
2
21
1.99
1
3
1200
-40
+14
+16
0008
0228
0448
TAT147J 00612
140
5
2
21
1.99
1
3
1200
-40
+14
+16
0009
0229
0449
TAT277M 00612
270
20
2
45
2.21
1
6.5
1375
-44
+17.5
+20
0010
0230
0450
TAT277K 00612
270
10
2
45
2.21
1
6.5
1375
-44
+17.5
+20
0011
0231
0451
TAT277J 00612
270
5
2
45
2.21
1
6.5
1375
-44
+17.5
+20
0012
0232
0452
TAT337M 00613
330
20
3
36
1.45
2
7.9
1800
-44
+14
+16
0013
0233
0453
TAT337K 00613
330
10
3
36
1.45
2
7.9
1800
-44
+14
+16
0014
0234
0454
TAT337J 00613
330
5
3
36
1.45
2
7.9
1800
-44
+14
+16
0015
0235
0455
TAT567M 00613
560
20
3
55
1.30
2
13
1900
-64
+17.5
+20
0016
0236
0456
TAT567K 00613
560
10
3
55
1.30
2
13
1900
-64
+17.5
+20
0017
0237
0457
TAT567J 00613
560
5
3
55
1.30
2
13
1900
-64
+17.5
+20
0018
0238
0458
TAT128M 00614
1200
20
4
90
1.00
3
14
2265
-80
+25
+25
0019
0239
0459
TAT128K 00614
1200
10
4
90
1.00
3
14
2265
-80
+25
+25
0020
0240
0460
TAT256M 00811
25
20
1
7.5
3.98
1
2
820
-40
+10.5
+12
0021
0241
0461
TAT256K 00811
25
10
1
7.5
3.98
1
2
820
-40
+10.5
+12
0022
0242
0462
TAT256J 00811
25
5
1
7.5
3.98
1
2
820
-40
+10.5
+12
0023
0243
0463
TAT566M 00811
56
20
1
14
3.32
1
2
900
-40
+14
+16
0024
0244
0464
TAT566K 00811
56
10
1
14
3.32
1
2
900
-40
+14
+16
0025
0245
0465
TAT566J 00811
56
5
1
14
3.32
1
2
900
-40
+14
+16
0026
0246
0466
TAT127M 00812
120
20
2
20
2.21
1
2
1220
-44
+17.5
+20
0027
0247
0467
TAT127K 00812
120
10
2
20
2.21
1
2
1220
-44
+17.5
+20
0028
0248
0468
TAT127J 00812
120
5
2
20
2.21
1
2
1220
-44
+17.5
+20
0029
0249
0469
TAT227M 00812
220
20
2
37
2.23
1
7
1370
-44
+17.5
+20
0030
0250
0470
TAT227K 00812
220
10
2
37
2.23
1
7
1370
-44
+17.5
+20
0031
0251
0471
TAT227J 00812
220
5
2
37
2.23
1
7
1370
-44
+17.5
+20
0032
0252
0472
TAT297M 00813
290
20
3
34
1.56
2
6
1770
-64
+17.5
+20
0033
0253
0473
TAT297K 00813
290
10
3
34
1.56
2
6
1770
-64
+17.5
+20
0034
0254
0474
TAT297J 00813
290
5
3
34
1.56
2
6
1770
-64
+17.5
+20
0035
0255
0475
TAT437M 00813
430
20
3
46
1.42
2
14
1825
-64
+17.5
+20
0036
0256
0476
TAT437K 00813
430
10
3
46
1.42
2
14
1825
-64
+17.5
+20
0037
0257
0477
TAT437J 00813
430
5
3
46
1.42
2
14
1825
-64
+17.5
+20
0038
0258
0478
TAT857M 00814
850
20
4
60
0.94
4
16
2330
-80
+25
+25
0039
0259
0479
TAT857K 00814
850
10
4
60
0.94
4
16
2330
-80
+25
+25
0040
0260
0480
Max Ripple
@ +85°C
40kHz
(mA)
CDE
Com m ercial
Part Num ber
Cap (µF)
Cap
Tol
(±)
Case
Code
8 Volts Maximum at 85°C(5 Volts at 125°C), Surge Voltage 9.2 at 85°C
Maximum %
Capacitance change
from Room
Tem perature
Part Num ber MIL-C-
M39006/22 Failure Rate
Level/%1000 Hours
6 Volts Maximum at 85°C(4 Volts at 125°C), Surge Voltage 6.9 at 85°C
Max
DF %
Max
ESR
@+25ºC
(Ω)
Maximum DC
Leakage (µA)


Mô tả tương tự - TAX826M07512

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
300074 VISHAY-300074 Datasheet
146Kb / 11P
   Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
Revison: 28-Aug-12
M3900622-0557 VISHAY-M3900622-0557 Datasheet
146Kb / 11P
   Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
Revison: 28-Aug-12
M3900622 VISHAY-M3900622 Datasheet
146Kb / 11P
   Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
Revison: 28-Aug-12
logo
TT Electronics.
QDN002 TTELEC-QDN002 Datasheet
453Kb / 2P
   Reduces overshoot and undershoot for all data line types
logo
Vishay Siliconix
VS-95SQ015TR VISHAY-VS-95SQ015TR Datasheet
140Kb / 7P
   Designed and qualified for commercial level
Revision: 09-Sep-11
logo
Panasonic Semiconductor
ECK-TBC472MF PANASONIC-ECK-TBC472MF Datasheet
248Kb / 5P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types BC and FC
logo
MERITEK ELECTRONICS COR...
CF MERITEK-CF Datasheet
86Kb / 1P
   Economically priced for commercial and industrial applications
logo
Hamamatsu Corporation
A8406 HAMAMATSU-A8406 Datasheet
169Kb / 8P
   Various types of cables for frame grabber
logo
Bourns Electronic Solut...
CR0402-FX-1150GLF BOURNS-CR0402-FX-1150GLF Datasheet
138Kb / 3P
   Suitable for most types of soldering processes
logo
Panasonic Semiconductor
ECCTBC100DG PANASONIC-ECCTBC100DG Datasheet
244Kb / 5P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types BC and FC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com