công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
742X083151XP bảng dữ liệu(PDF) 4 Page - CTS Corporation |
|
742X083151XP bảng dữ liệu(HTML) 4 Page - CTS Corporation |
4 / 5 page Page 4 of 5 February 2008 CTS Electronic Components www.ctscorp.com A B C D Recommended Land Patterns Environmental Performance Specifications Max. Delta R Test 740 741 742-746 Test Description Thermal Cycle 1.00% 1.00% 1.00% 5 Cycles -55°C to +125°C Short Time Overload 2.00% 2.50% 1.00% 2½ X Rated Working Voltage for 5 Seconds Moisture Resistance 2.00% 5.00% 2.00% 240 Hours 10% rated load, -10°C to +65°C, 90% R.H. High Temperature Exposure 3.00% 1.00% 1.00% 1000 Hours, no load, +125°C Load Life 3.00% 5.00% 2.00% 1000 Hours @ 70°C, rated load Resistance to Solder Heat 1.00% 2.50% 1.00% 10 Seconds @ 260°C solder Resistance to Solvents Isopropyl alcohol, Freon TMC Solderability RMA Flux, 230°C, 5 Seconds dip, 95% coverage DIMENSIONS mm/in SERIES A B C D 0.60 0.50 0.30 0.30 740 0.023 0.019 0.012 0.012 1.00 0.65 0.33 0.50 741X043 0.039 0.026 0.013 0.020 1.00 0.50 0.30 0.50 741X083 0.039 0.020 0.012 0.020 1.00 0.50 0.28 0.50 741C083 0.039 0.020 0.011 0.020 1.60 0.50 0.30 0.80 741X163 0.063 0.020 0.012 0.031 1.60 0.80 0.50 0.90 742 0.063 0.032 0.020 0.035 2.00 1.27 0.80 1.00 743 0.079 0.050 0.031 0.051 3.20 1.27 0.80 1.00 744 0.126 0.050 0.031 0.039 3.20 1.27 0.90 1.30 745 0.126 0.050 0.035 0.039 1.65 0.64 0.35 0.80 746 0.065 0.025 0.014 0.032 |
Số phần tương tự - 742X083151XP |
|
Mô tả tương tự - 742X083151XP |