công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS13 bảng dữ liệu(PDF) 1 Page - TAITRON Components Incorporated

tên linh kiện SS13
Giải thích chi tiết về linh kiện  1.0A Surface Mount Schottky Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TAITRON [TAITRON Components Incorporated]
Trang chủ  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

SS13 bảng dữ liệu(HTML) 1 Page - TAITRON Components Incorporated

  SS13 Datasheet HTML 1Page - TAITRON Components Incorporated SS13 Datasheet HTML 2Page - TAITRON Components Incorporated SS13 Datasheet HTML 3Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. B/AH 2008-02-18
SS12 – SS110
1.0A Surface Mount
Schottky Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 3
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
1.0A Surface Mount Schottky Rectifier
Features
• Low Profile in SMA Package
• High current capability, low forward voltage drop
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
• High temperature soldering guaranteed: 250° C/10 seconds, at terminals
• RoHS compliant
Mechanical Data
Case:
JEDEC DO-214AC, Molded plastic body
Terminals:
Solder plated, solderable per MIL-STD-750D, Method 2026
Polarity
Color band denotes the cathode end
Weight:
0.002 ounce, 0.064 gram
Maximum Ratings & Electrical Characteristics (T
Ambient=25ºC unless noted otherwise)
Symbols
Description
SS
12
SS
13
SS
14
SS
15
SS
16
SS
19
SS
110
Unit
Conditions
VRMS
Maximum RMS voltage
14
21
28
35
42
63
70
V
VRRM
Maximum repetitive peak reverse
voltage
20
30
40
50
60
90
100
V
VDC
Maximum DC blocking voltage
20
30
40
50
60
90
100
V
I(AV)
Maximum average forward rectified
current (FIG.1)
1.0
A
IFSM
Peak forward surge current
(JEDEC Method)
40
A
8.3ms single half sine-
wave superimposed on
rated load
VF
Maximum instantaneous forward
voltage at 3.0A
0.50
0.75
0.85
V
I(AV)=1.0A
0.5
Ta=25 °C
IR
Maximum DC reverse current at
rated DC blocking voltage
20
mA
Ta=100 °C
50
RθJA
RθJL
Maximum thermal resistance,
Junction to Ambient
28
° C/W
CJ
Typical Junction Capacitance
(NOTE)
110
pf
VR=4V, f=1MHz
TJ
Operating junction temperature
range
-50 to +125
-50 to +150
° C
TSTG
Storage Temperature Range
-65 to +150
° C
SMA
(DO-214AC)


Số phần tương tự - SS13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pan Jit International I...
SS13 PANJIT-SS13 Datasheet
66Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS13 DGNJDZ-SS13 Datasheet
255Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
SS13 VISHAY-SS13 Datasheet
81Kb / 4P
   Surface Mount Schottky Barrier Rectifier
Revision: 18-Apr-11
logo
Taiwan Semiconductor Co...
SS13 TSC-SS13 Datasheet
137Kb / 2P
   1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
Shanghai Yint Electroni...
SS13 YINT-SS13 Datasheet
415Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS
More results

Mô tả tương tự - SS13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TAITRON Components Inco...
MFPS2S TAITRON-MFPS2S Datasheet
193Kb / 4P
   1.0A Surface Mount Schottky Rectifier
TSMF14 TAITRON-TSMF14 Datasheet
136Kb / 4P
   1.0A Surface Mount Schottky Rectifier
logo
Diodes Incorporated
B120B DIODES-B120B Datasheet
57Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 13 - 2
B130L DIODES-B130L Datasheet
65Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30151 Rev. A-1
B130LAW DIODES-B130LAW Datasheet
66Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30308 Rev. 2 - 2
B140N DIODES-B140N Datasheet
65Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30136 Rev. A-0
B120B DIODES-B120B_10 Datasheet
113Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 16 - 2
DFLS130 DIODES-DFLS130 Datasheet
94Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30445 Rev. 1 - 2
1N5819HW DIODES-1N5819HW_10 Datasheet
103Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 15 - 2 February 2010
DFLS160 DIODES-DFLS160_08 Datasheet
109Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com