công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P-20A bảng dữ liệu(PDF) 2 Page - Advanced Photonix, Inc.

tên linh kiện P-20A
Giải thích chi tiết về linh kiện  An ultrafast, InGaAs PIN photodetector module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ADVANCEDPHOTONIX [Advanced Photonix, Inc.]
Trang chủ  http://www.advancedphotonix.com
Logo ADVANCEDPHOTONIX - Advanced Photonix, Inc.

P-20A bảng dữ liệu(HTML) 2 Page - Advanced Photonix, Inc.

  P-20A Datasheet HTML 1Page - Advanced Photonix, Inc. P-20A Datasheet HTML 2Page - Advanced Photonix, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Picometrix, Inc. • PO Box 130243
Ann Arbor, MI • 48113-0243
734-998-4501 • 734-998-3474 fax
www.picometrix.com
Application Notes
Electrostatic discharge (ESD) will cause permanent
damage to the product. Please avoid any ESD to the
input pins or output connector. Use standard ESD
protective equipment when handling this product.
Temperature and fiber restrictions are as follows:
Lead soldering: 250°C for no more than 10 seconds
Fiber feed-through tube: 120°C
Fiber pull force: 10 N
Fiber bending radius: 1 inch or less
Exceeding these conditions can cause permanent
damage to the device.
Quality Vision
As a leader in ultrafast optical receivers, Picometrix
is committed to providing the highest quality
ultrafast products on the market. This quality vision
commits us to continually improving our product
designs and manufacturing processes, in order to
ensure the highest level of customer satisfaction.
The company maintains a stringent quality control
program to ensure that all products meet or
surpass customer requirements.
2X ø.080 THRU
.100
.100
.018 TYP.
.700
1.148
.295
.325
.195
.873
.500
.050
.202
Single-mode fiber
with 900µm buffer
(1 meter typical)
.500
1
2
3
P-20A Ordering Information
Base model
P-20A
Option format
/Package/Output termination/Fiber connector
Package options
3K or 3NC
Output termination options
Z50
Fiber connector options
FC or SC
Product Specifications
© 2002 Picometrix, Inc. All rights reserved. Specifications
and output data subject to change without notice.
PB-P-20A-0202-A
Pin Description
1V
PD
2
GND
3NC
Frequency (GHz)
05
10
15
20
25
-12
-9
-6
-3
0
0.0
0.5
1.0
Time (20 ps/div)


Số phần tương tự - P-20A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Amphenol Corporation
P-20-A AMPHENOL-P-20-A Datasheet
73Kb / 4P
   Thermometrics
P-20-AA AMPHENOL-P-20-AA Datasheet
73Kb / 4P
   Thermometrics
P-20-B AMPHENOL-P-20-B Datasheet
73Kb / 4P
   Thermometrics
logo
Copal Electronics
P-2000 COPAL-P-2000 Datasheet
75Kb / 3P
   PRESSURE TRANSDUCERS
P-2000-101G-15-AN COPAL-P-2000-101G-15-AN Datasheet
75Kb / 3P
   PRESSURE TRANSDUCERS
More results

Mô tả tương tự - P-20A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advanced Photonix, Inc.
P-15B ADVANCEDPHOTONIX-P-15B Datasheet
100Kb / 2P
   An ultrafast, InGaAs PIN photodetector module
P-18A ADVANCEDPHOTONIX-P-18A Datasheet
99Kb / 2P
   An ultrafast, InGaAs PIN photodetector
P-50A ADVANCEDPHOTONIX-P-50A Datasheet
102Kb / 2P
   An ultrafast, InGaAs PIN photodetector designed
logo
List of Unclassifed Man...
SD039-151-011 ETC2-SD039-151-011 Datasheet
226Kb / 2P
   InGaAs Photodetector
logo
Luna Innovations Incorp...
SD039-151-011 LUNA-SD039-151-011 Datasheet
166Kb / 2P
   InGaAs Photodetector
logo
Advanced Photonix, Inc.
SD039-151-011 ADVANCEDPHOTONIX-SD039-151-011 Datasheet
400Kb / 2P
   InGaAs Photodetector
logo
List of Unclassifed Man...
SD012-151-011 ETC2-SD012-151-011 Datasheet
158Kb / 2P
   InGaAs Photodetector
logo
Luna Innovations Incorp...
SD012-151-011 LUNA-SD012-151-011 Datasheet
158Kb / 2P
   InGaAs Photodetector
logo
Advanced Photonix, Inc.
SD012-151-011 ADVANCEDPHOTONIX-SD012-151-011 Datasheet
354Kb / 2P
   InGaAs Photodetector
logo
List of Unclassifed Man...
SD012-151-001 ETC2-SD012-151-001 Datasheet
160Kb / 2P
   Surface Mount InGaAs Photodetector
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com