công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM78LM15S8-XX-BL bảng dữ liệu(PDF) 6 Page - TAITRON Components Incorporated

tên linh kiện LM78LM15S8-XX-BL
Giải thích chi tiết về linh kiện  200mA Positive Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TAITRON [TAITRON Components Incorporated]
Trang chủ  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LM78LM15S8-XX-BL bảng dữ liệu(HTML) 6 Page - TAITRON Components Incorporated

Back Button LM78LM15S8-XX-BL Datasheet HTML 2Page - TAITRON Components Incorporated LM78LM15S8-XX-BL Datasheet HTML 3Page - TAITRON Components Incorporated LM78LM15S8-XX-BL Datasheet HTML 4Page - TAITRON Components Incorporated LM78LM15S8-XX-BL Datasheet HTML 5Page - TAITRON Components Incorporated LM78LM15S8-XX-BL Datasheet HTML 6Page - TAITRON Components Incorporated LM78LM15S8-XX-BL Datasheet HTML 7Page - TAITRON Components Incorporated LM78LM15S8-XX-BL Datasheet HTML 8Page - TAITRON Components Incorporated LM78LM15S8-XX-BL Datasheet HTML 9Page - TAITRON Components Incorporated LM78LM15S8-XX-BL Datasheet HTML 10Page - TAITRON Components Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
200mA Positive Voltage Regulator
Rev. A/DX 2007-06-04
LM78LM
www.taitroncomponents.com
Page 6 of 15
For LM78LM12 (VIN=19V, IOUT=40mA, 0° C<TJ<125° C, C1=0.33µF, CO=0.1µF, unless otherwise specified)
LM78LM12
Symbol
Description
Min.
Typ.
Max.
Unit
Test Conditions
11.52
12.00
12.48
V
TJ=25℃
11.40
-
12.60
V
14.5V≤VIN≤27V, IOUT=1mA-40mA
VOUT
Output Voltage
11.40
-
12.60
V
14.5V≤VIN≤VMAX, IOUT=1mA-
200mA, Power Dissipation<0.5W
-
25
150
mV
TJ=25℃, 1mA≤IOUT≤100mA
∆VOUT
Load Regulation
-
12
75
mV
TJ=25℃, 1mA≤IOUT≤40mA
-
25
300
mV
TJ=25℃, 14.5V≤VIN≤27V
∆VOUT
Line Regulation
-
20
250
mV
TJ=25℃, 16V≤VIN≤27V
IQ
Quiescent Current
-
2.0
6.0
mA
-
-
1.5
mA
16V≤VIN≤27V
∆IQ
Quiescent Current Change
-
-
0.1
mA
1mA≤IIN≤40mA
eN
Output Noise Voltage
-
80
-
µV
10Hz≤f≤100KHz
∆VO/∆T
Temperature coefficient of VOUT
-
-1.0
-
mV/℃
IOUT=5mA
RR
Ripple Rejection
37
65
-
dB
15V≤VIN≤25V, f=120Hz, TJ=25℃
VD
Dropout Voltage
-
1.7
-
V
TJ=25℃
For LM78LM15 (VIN=23V, IOUT=40mA, 0° C<TJ<125° C, C1=0.33µF, CO=0.1µF, unless otherwise specified)
LM78LM15
Symbol
Description
Min.
Typ.
Max.
Unit
Test Conditions
14.40
15.00
15.60
V
TJ=25℃
14.25
-
15.75
V
17.5V≤VIN≤30V, IOUT=1mA-40mA
VOUT
Output Voltage
14.25
-
15.75
V
17.5V≤VIN≤VMAX, IOUT=1mA-
200mA, Power Dissipation<0.5W
-
20
150
mV
TJ=25℃, 1mA≤IOUT≤100mA
∆VOUT
Load Regulation
-
25
150
mV
TJ=25℃, 1mA≤IOUT≤70mA
-
25
150
mV
TJ=25℃, 17.5V≤VIN≤30V
∆VOUT
Line Regulation
-
15
75
mV
TJ=25℃, 20V≤VIN≤30V
IQ
Quiescent Current
-
2.2
6.5
mA
-
-
1.5
mA
20V≤VIN≤30V
∆IQ
Quiescent Current Change
-
-
0.1
mA
1mA≤IIN≤40mA
eN
Output Noise Voltage
-
90
-
µV
10Hz≤f≤100KHz
∆VO/∆T
Temperature coefficient of VOUT
-
-1.3
-
mV/℃
IOUT=5mA
RR
Ripple Rejection
34
63
-
dB
18.5V≤VIN≤28.5V, f=120Hz,
TJ=25℃
VD
Dropout Voltage
-
1.7
-
V
TJ=25℃


Số phần tương tự - LM78LM15S8-XX-BL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM78L NSC-LM78L Datasheet
211Kb / 12P
   3-Terminal Positive Regulators
logo
TAITRON Components Inco...
LM78L TAITRON-LM78L Datasheet
589Kb / 14P
   100mA Positive Voltage Regulator
logo
Texas Instruments
LM78L TI1-LM78L Datasheet
1Mb / 35P
[Old version datasheet]   LM78L 100-mA Fixed Output Linear Regulator
JUNE 2020
logo
National Semiconductor ...
LM78L00 NSC-LM78L00 Datasheet
164Kb / 10P
   LM78L00 Series 3-Terminal Positive Voltage Regulators
logo
First Components Intern...
LM78L00 FCI-LM78L00 Datasheet
386Kb / 6P
   3-Terminal Low Current Positive Voltage Regulators
More results

Mô tả tương tự - LM78LM15S8-XX-BL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micrel Semiconductor
MIC5201 MICREL-MIC5201 Datasheet
132Kb / 12P
   200mA Low-Dropout Voltage Regulator
logo
Unisonic Technologies
M2950 UTC-M2950_15 Datasheet
316Kb / 8P
   200mA LOW-DROPOUT VOLTAGE REGULATOR
M2950 UTC-M2950_11 Datasheet
265Kb / 8P
   200mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Seaward Electronics Inc...
SE5221 SEAWARD-SE5221 Datasheet
204Kb / 7P
   Dual 200mA CMOS LDO Voltage Regulator
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
   Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
   Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
   Positive Voltage Regulator
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
   Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
   Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com