công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM78L09K-XX-BL bảng dữ liệu(PDF) 4 Page - TAITRON Components Incorporated

tên linh kiện LM78L09K-XX-BL
Giải thích chi tiết về linh kiện  100mA Positive Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TAITRON [TAITRON Components Incorporated]
Trang chủ  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LM78L09K-XX-BL bảng dữ liệu(HTML) 4 Page - TAITRON Components Incorporated

  LM78L09K-XX-BL Datasheet HTML 1Page - TAITRON Components Incorporated LM78L09K-XX-BL Datasheet HTML 2Page - TAITRON Components Incorporated LM78L09K-XX-BL Datasheet HTML 3Page - TAITRON Components Incorporated LM78L09K-XX-BL Datasheet HTML 4Page - TAITRON Components Incorporated LM78L09K-XX-BL Datasheet HTML 5Page - TAITRON Components Incorporated LM78L09K-XX-BL Datasheet HTML 6Page - TAITRON Components Incorporated LM78L09K-XX-BL Datasheet HTML 7Page - TAITRON Components Incorporated LM78L09K-XX-BL Datasheet HTML 8Page - TAITRON Components Incorporated LM78L09K-XX-BL Datasheet HTML 9Page - TAITRON Components Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
100mA Positive Voltage Regulator
Rev. A/DX 2007-06-04
LM78L
www.taitroncomponents.com
Page 4 of 14
For LM78L06 (VIN=12V, IOUT=40mA, 0° C<TJ<125° C, C1=0.33µF, CO =0.1µF, unless otherwise specified)
LM78L06
Symbol
Description
Min.
Typ.
Max.
Unit
Test Conditions
5.76
6.0
6.24
V
TJ=25℃
5.70
-
6.30
V
8.5V≤VIN≤20V, IOUT=1mA-40mA
VOUT
Output Voltage
5.70
-
6.30
V
8.5V≤VIN≤VMAX, IOUT=1mA-
70mA
Power Dissipation<0.5W
-
12.8
80
mV
TJ=25℃, 1mA≤IOUT≤100mA
∆VOUT
Load Regulation
-
5.8
40
mV
TJ=25℃, 1mA≤IOUT≤70mA
-
64
175
mV
TJ=25℃, 8.5V≤VIN≤20V
∆VOUT
Line Regulation
-
54
125
mV
TJ=25℃, 9V≤VIN≤20V
IQ
Quiescent Current
-
3.9
6.0
mA
VIN=12V, IOUT=0mA, TJ=25℃
-
-
1.5
mA
9V≤VIN≤20V
∆IQ
Quiescent Current Change
-
-
0.1
mA
1mA≤IIN≤40mA
eN
Output Noise Voltage
-
49
-
µV
10Hz≤f≤100KHz
∆VO/∆T
Temperature coefficient of VOUT
-
-0.75
-
mV/℃
IOUT=5mA
RR
Ripple Rejection
40
46
-
dB
10V≤VIN≤20V, f=120Hz, TJ=25
VD
Dropout Voltage
-
1.7
-
V
TJ=25℃
For LM78L08 (VIN=14V, IOUT=40mA, 0° C<TJ<125° C, C1=0.33µF, CO=0.1µF, unless otherwise specified)
LM78L08
Symbol
Description
Min.
Typ.
Max.
Unit
Test Conditions
7.68
8.0
8.32
V
TJ=25℃
7.60
-
8.40
V
10.5V≤VIN≤23V, IOUT=1mA-40mA
VOUT
Output Voltage
7.60
-
8.40
V
10.5V≤VIN≤VMAX, IOUT=1mA-
70mA
Power Dissipation<0.5W
-
15
80
mV
TJ=25℃, 1mA≤IOUT≤100mA
∆VOUT
Load Regulation
-
8.0
40
mV
TJ=25℃, 1mA≤IOUT≤70mA
-
10
175
mV
TJ=25℃, 10.5V≤VIN≤23V
∆VOUT
Line Regulation
-
8
125
mV
TJ=25℃, 11V≤VIN≤23V
IQ
Quiescent Current
-
2.0
5.5
mA
VIN=14V, IOUT=0mA, TJ=25℃
-
-
1.5
mA
11V≤VIN≤23V
∆IQ
Quiescent Current Change
-
-
0.1
mA
1mA≤IIN≤40mA
eN
Output Noise Voltage
-
49
-
µV
10Hz≤f≤100KHz
∆VO/∆T
Temperature coefficient of VOUT
-
-0.75
-
mV/℃
IOUT=5mA
RR
Ripple Rejection
39
70
-
dB
11V≤VIN≤23V, f=120Hz, TJ=25℃
VD
Dropout Voltage
-
1.7
-
V
TJ=25℃


Số phần tương tự - LM78L09K-XX-BL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM78L09 NSC-LM78L09 Datasheet
211Kb / 12P
   3-Terminal Positive Regulators
LM78L09 NSC-LM78L09 Datasheet
685Kb / 14P
   3-Terminal Positive Regulators
logo
HTC Korea TAEJIN Techno...
LM78L09 HTC-LM78L09 Datasheet
252Kb / 11P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
Guangdong Kexin Industr...
LM78L09 KEXIN-LM78L09 Datasheet
55Kb / 2P
   Three-Terminal Positive Voltage Regulator
logo
Shenzhen Jin Yu Semicon...
LM78L09 HTSEMI-LM78L09 Datasheet
1Mb / 2P
   Three-terminal positive voltage regulator
More results

Mô tả tương tự - LM78L09K-XX-BL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
BCD Semiconductor Manuf...
AS78L05Z-E1 BCDSEMI-AS78L05Z-E1_09 Datasheet
874Kb / 20P
   100mA POSITIVE VOLTAGE REGULATOR
AS78LXX BCDSEMI-AS78LXX Datasheet
175Kb / 15P
   100mA POSITIVE VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM78L00 GAMMA-GM78L00_12 Datasheet
178Kb / 12P
   100mA POSITIVE VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AS78LXX BCDSEMI-AS78LXX_13 Datasheet
972Kb / 18P
   100mA POSITIVE VOLTAGE REGULATOR
AS78LXX BCDSEMI-AS78LXX_07 Datasheet
202Kb / 16P
   100mA POSITIVE VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE78LXXG ACE-ACE78LXXG Datasheet
657Kb / 10P
   100mA Positive Voltage Regulator
VER1.5
logo
Diodes Incorporated
AS78LXX DIODES-AS78LXX Datasheet
402Kb / 17P
   100mA POSITIVE VOLTAGE REGULATOR
logo
TAITRON Components Inco...
LM317L TAITRON-LM317L Datasheet
305Kb / 8P
   100mA Adjustable Positive Voltage Regulator
LA317L TAITRON-LA317L Datasheet
342Kb / 9P
   100mA Adustable Positive Voltage Regulator
logo
Sipex Corporation
SP78LXX SIPEX-SP78LXX Datasheet
481Kb / 11P
   100mA 3-Terminal Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com