công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM358BP8-XX-TR30 bảng dữ liệu(PDF) 1 Page - TAITRON Components Incorporated

tên linh kiện LM358BP8-XX-TR30
Giải thích chi tiết về linh kiện  Dual Low Offset Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TAITRON [TAITRON Components Incorporated]
Trang chủ  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LM358BP8-XX-TR30 bảng dữ liệu(HTML) 1 Page - TAITRON Components Incorporated

  LM358BP8-XX-TR30 Datasheet HTML 1Page - TAITRON Components Incorporated LM358BP8-XX-TR30 Datasheet HTML 2Page - TAITRON Components Incorporated LM358BP8-XX-TR30 Datasheet HTML 3Page - TAITRON Components Incorporated LM358BP8-XX-TR30 Datasheet HTML 4Page - TAITRON Components Incorporated LM358BP8-XX-TR30 Datasheet HTML 5Page - TAITRON Components Incorporated LM358BP8-XX-TR30 Datasheet HTML 6Page - TAITRON Components Incorporated LM358BP8-XX-TR30 Datasheet HTML 7Page - TAITRON Components Incorporated LM358BP8-XX-TR30 Datasheet HTML 8Page - TAITRON Components Incorporated LM358BP8-XX-TR30 Datasheet HTML 9Page - TAITRON Components Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev. A/DX 2007-06-04
LM358A LM358B
Dual Low Offset
Operational Amplifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 10
Tel:
(800)-TAITRON (800)-824-8766 (661)-257-6060
Fax:
(800)-TAITFAX (800)-824-8329
(661)-257-6415
Dual Low Offset Operational Amplifier
General Description
• The LM358A/B series consist of two independent, high gain
and internally frequency compensated operational amplifiers.
They can specifically designed to operate from a single power
supply. Operation from split power supply is also possible and
the low power supply current drain is independent of the magnitude
of the power supply voltages.
• The LM358A/B is available in SOP-8 and DIP-8 packages.
Features
Applications
• Internally frequency compensated for unity gain
• Large DC voltage gain: 100dB Typical
• Wide power supply range:
Single Supply: 3V to 36 V
Dual Supplies: ±1.5V to ±18V
• Input common-mode voltage range include ground
• RoHS Compliance
Ordering Information
DIP-8
SOP-8
• Battery Charger
• Cordless Telephone
• Switching Power Supply


Số phần tương tự - LM358BP8-XX-TR30

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM358BP NSC-LM358BP Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
LM358BPX NSC-LM358BPX Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
More results

Mô tả tương tự - LM358BP8-XX-TR30

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
OP200AZ AD-OP200AZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP-200 AD-OP-200 Datasheet
602Kb / 10P
   DUAL LOW OFFSET, LOW POWER OPERATIONAL AMPLIFIER
OP200 AD-OP200_04 Datasheet
393Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. B
5962-8859301MPA AD-5962-8859301MPA Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP227 AD-OP227_17 Datasheet
557Kb / 6P
   Dual, Low-Offset Low Noise Operational Amplifier
OP200GZ AD-OP200GZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200 AD-OP200 Datasheet
369Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. A
5962-8859301MPA AD-5962-8859301MPA Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200 AD-OP200_17 Datasheet
410Kb / 17P
   Dual Low Offset, Low Power Operational Amplifier
OP227 AD-OP227_15 Datasheet
487Kb / 16P
   Dual, Low Noise, Low Offset Instrumentation Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com