công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM78LM05Z-XX-TU bảng dữ liệu(PDF) 5 Page - TAITRON Components Incorporated |
|
LM78LM05Z-XX-TU bảng dữ liệu(HTML) 5 Page - TAITRON Components Incorporated |
5 / 15 page 200mA Positive Voltage Regulator Rev. A/DX 2007-06-04 LM78LM www.taitroncomponents.com Page 5 of 15 For LM78LM09 (VIN=15V, IOUT=40mA, 0° C<TJ<125° C, C1=0.33µF, CO=0.1µF, unless otherwise specified) LM78LM09 Symbol Description Min. Typ. Max. Unit Test Conditions 8.64 9.0 9.36 V TJ=25℃ 8.55 - 9.45 V 11.5V≤VIN≤24V, IOUT=1mA-40mA VOUT Output Voltage 8.55 - 9.45 V 11.5V≤VIN≤VMAX, IOUT=1mA- 200mA, Power Dissipation<0.5W - 20 90 mV TJ=25℃, 1mA≤IOUT≤100mA ∆VOUT Load Regulation - 10 45 mV TJ=25℃, 1mA≤IOUT≤40mA - 90 200 mV TJ=25℃, 11.5V≤VIN≤24V ∆VOUT Line Regulation - 100 150 mV TJ=25℃, 13V≤VIN≤24V IQ Quiescent Current - 2.0 6.0 mA - - 1.5 mA 13V≤VIN≤24V ∆IQ Quiescent Current Change - - 0.1 mA 1mA≤IIN≤40mA eN Output Noise Voltage - 49 - µV 10Hz≤f≤100KHz ∆VO/∆T Temperature coefficient of VOUT - -0.75 - mV/℃ IOUT=5mA RR Ripple Rejection 38 44 - dB 12V≤VIN≤23V, f=120Hz, TJ=25℃ VD Dropout Voltage - 1.7 - V TJ=25℃ For LM78LM10 (VIN=16V, IOUT=40mA, 0° C<TJ<125° C, C1=0.33µF, CO=0.1µF, unless otherwise specified) LM78LM10 Symbol Description Min. Typ. Max. Unit Test Conditions 9.6 10.0 10.4 V TJ=25℃ 9.5 - 10.5 V 12.5V≤VIN≤23V, IOUT=1mA-40mA VOUT Output Voltage 9.5 - 10.5 V 12.5V≤VIN≤VMAX, IOUT=1mA- 200mA, Power Dissipation<0.5W - 20 94 mV TJ=25℃, 1mA≤IOUT≤100mA ∆VOUT Load Regulation - 10 47 mV TJ=25℃, 1mA≤IOUT≤70mA - 100 200 mV TJ=25℃, 12.5V≤VIN≤23V ∆VOUT Line Regulation - 100 170 mV TJ=25℃, 14V≤VIN≤23V IQ Quiescent Current - 4.2 6.5 mA - - 1.5 mA 12.5V≤VIN≤23V ∆IQ Quiescent Current Change - - 0.1 mA 1mA≤IIN≤40mA eN Output Noise Voltage - 74 - µV 10Hz≤f≤100KHz ∆VO/∆T Temperature coefficient of VOUT - -0.95 - mV/℃ IOUT=5mA RR Ripple Rejection 38 43 - dB 15V≤VIN≤23V, f=120Hz, TJ=25℃ VD Dropout Voltage - 1.7 - V TJ=25℃ |
Số phần tương tự - LM78LM05Z-XX-TU |
|
Mô tả tương tự - LM78LM05Z-XX-TU |