công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM317LZ-XX-BL bảng dữ liệu(PDF) 3 Page - TAITRON Components Incorporated

tên linh kiện LM317LZ-XX-BL
Giải thích chi tiết về linh kiện  100mA Adjustable Positive Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TAITRON [TAITRON Components Incorporated]
Trang chủ  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LM317LZ-XX-BL bảng dữ liệu(HTML) 3 Page - TAITRON Components Incorporated

  LM317LZ-XX-BL Datasheet HTML 1Page - TAITRON Components Incorporated LM317LZ-XX-BL Datasheet HTML 2Page - TAITRON Components Incorporated LM317LZ-XX-BL Datasheet HTML 3Page - TAITRON Components Incorporated LM317LZ-XX-BL Datasheet HTML 4Page - TAITRON Components Incorporated LM317LZ-XX-BL Datasheet HTML 5Page - TAITRON Components Incorporated LM317LZ-XX-BL Datasheet HTML 6Page - TAITRON Components Incorporated LM317LZ-XX-BL Datasheet HTML 7Page - TAITRON Components Incorporated LM317LZ-XX-BL Datasheet HTML 8Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
100mA Adjustable Positive Voltage Regulator
Rev. A/DX 2007-06-04
LM317L
www.taitroncomponents.com
Page 3 of 8
Absolute Maximum Ratings (Ta=25° C, unless otherwise specified)
Symbol
Description
Ratings
Unit
VIN-VOUT
Input - Output Voltage Differential
40
V
IO
Max. Output Current
100
mA
PD
Power Dissipation
Internally Limited
mW
TJ
Operating Junction Temperature
125
° C
TOPR
Operating Temperature Range
0 ~ 125
° C
TSTG
Storage Temperature Range
-40 ~ 150
° C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
Electrical Characteristics
(VIN-VOUT=5V, IOUT=40mA, Ta=25ºC, unless otherwise specified)
LM317L
Symbol
Description
Min.
Typ.
Max.
Unit
Conditions
∆VOUT/VOUT Line Regulation
-
0.01
0.04
%/V
3V≤VIN-VOUT≤40V,
IOUT≤20mA
-
5
25
%
5mA≤IOUT≤100mA, Vout≥5V
∆VOUT
Load Regulation
-
0.1
0.5
%
5mA≤IOUT≤101mA, Vout≤5V
IADJ
Adjustable Pin Current
-
50
100
µA
-
∆IADJ
Adjustable Pin Current
Change
-
0.2
5
µA
3V≤
VIN-VOUT≤40V,
5mA≤IOUT≤100mA, Pd<625mW
VREF
Reference Input Voltage
1.20
1.25
1.30
V
3V≤
VIN-VOUT≤15V,
5mA≤IOUT≤100mA, Pd<625mW
-
Temperature Stability
-
0.7
-
%/VOUT
TMIN ≤TJ≤TMAX
IL(MIN)
Minimum Load Current for
Regulation
-
3.5
10
mA
VIN-VOUT=40V
IO(MAX)
Maximum Output Current
-
50
-
mA
VIN-VOUT=40V, Pd≤625mW
eN
RMS Noise vs. % of Vout
-
0.003
0.01
%/Vout
10Hz ≤f≤10KHz
-
65
-
VOUT=10V, f=120Hz, CADJ=0µF
PSRR
Ripple Rejection
66
80
-
dB
VOUT=10V, f=120Hz, CADJ=10µF
Note: CADJ is connected between Adjust pin and Ground.


Số phần tương tự - LM317LZ-XX-BL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM317LZ NSC-LM317LZ Datasheet
442Kb / 17P
   3-Terminal Adjustable Regulator
logo
ON Semiconductor
LM317LZ ONSEMI-LM317LZ Datasheet
184Kb / 12P
   LOW CURRENT THREE-TERMINAL ADJUSTABLE POSITIVE VOLTAGE REGULATOR
1996 Rev 1
logo
STMicroelectronics
LM317LZ STMICROELECTRONICS-LM317LZ Datasheet
130Kb / 8P
   LOW CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
February 2003
LM317LZ STMICROELECTRONICS-LM317LZ Datasheet
250Kb / 10P
   LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
February 2003
logo
Fairchild Semiconductor
LM317LZ FAIRCHILD-LM317LZ Datasheet
46Kb / 8P
   3-Terminal 0.1A Positive Adjustable Regulator
More results

Mô tả tương tự - LM317LZ-XX-BL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
KODENSHI_AUK CORP.
SN317L KODENSHI-SN317L Datasheet
387Kb / 8P
   [100mA /Adjustable Output] Positive Voltage Regulator
logo
IK Semicon Co., Ltd
IL317L IKSEMICON-IL317L Datasheet
271Kb / 4P
   100mA ADJUSTABLE OUTPUT, POSITIVE VOLTAGE REGULATOR IC
logo
SeCoS Halbleitertechnol...
SCLM317L SECOS-SCLM317L Datasheet
595Kb / 3P
   100mA Adjustable Voltage Regulator
logo
GTM CORPORATION
GLLM317L GTM-GLLM317L Datasheet
197Kb / 3P
   100mA ADJUSTABLE VOLTAGE REGULATOR
GMLM317L GTM-GMLM317L Datasheet
206Kb / 3P
   100mA ADJUSTABLE VOLTAGE REGULATOR
GSCLM317L GTM-GSCLM317L Datasheet
229Kb / 3P
   100mA ADJUSTABLE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SMLM317L SECOS-SMLM317L Datasheet
595Kb / 3P
   100mA Adjustable Voltage Regulator
logo
GTM CORPORATION
GCLM317L GTM-GCLM317L Datasheet
194Kb / 3P
   100mA adjustable voltage regulator.
logo
BCD Semiconductor Manuf...
AS78L05Z-E1 BCDSEMI-AS78L05Z-E1_09 Datasheet
874Kb / 20P
   100mA POSITIVE VOLTAGE REGULATOR
AS78LXX BCDSEMI-AS78LXX Datasheet
175Kb / 15P
   100mA POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com