công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N5819 bảng dữ liệu(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

tên linh kiện 1N5819
Giải thích chi tiết về linh kiện  1.0 AMP. SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  YANGJIE [Yangzhou yangjie electronic co., ltd]
Trang chủ  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

1N5819 bảng dữ liệu(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  1N5819 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd 1N5819 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DO-41
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
VF
IR
R*JA
R*JC
CJ
TJ
TSTG
Voltage Range
20 to 40 Volts
Current
1.0 Amperes
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.205(5.2)
.166(4.2)
.107(2.7)
.080(2.0)
DIA.
1N5817 THRU 1N5819
Features
*Low forward voltage drop
*High current capability
*High reliability
*High surge current capability
Mechanical Data
*Cases:Molded plastic DO-41
*Epoxy:UL 94V-O rate flame retardant
*Lead:Axial leads,solderable per MIL-
STD-202,Method 208 guaranteed
*Polarity:Color band denotes cathode end
*High temperature soldering guaranteed:
2500C/10 seconds/.375",(9.5mm) lead
lengths at 5 lbs.,(2.3kg) tension
*Weight:0.33 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25oC ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length @TL = 90oC
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method)
Maximum Instantaneous Forward Voltage
@1.0A
Maximum Instantaneous Forward Voltage
@3.0A
Maximun DC Reverse Current @
TA = 25oC
at Rated DC Blocking Voltage @
TA = 100oC
Typical Thermal Resistance
Typical Junction Capacitance (Note 2)
Operating Temperature Range
Storage Temperature Range
UNITS
V
V
V
A
A
V
V
mA
mA
o
C/W
pF
o
C
o
C
-55 to+125
-55 to+150
1N5817
20
14
20
1N5818
30
21
30
1.0
25
1N5819
40
28
40
Dimensions in inches and (millimeters)
1.0 AMP. SCHOTTKY BARRIER
RECTIFIERS
.034(.86)
.028(.71)
DIA.
1.0
10
50
12
110
NOTES: 1. Thermal Resistance from Junction to Ambient Vertical PC Board Mounting, 0.375"(9.5mm) Lead Length.
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
0.45
0.750
0.550
0.875
0.600
0.900


Số phần tương tự - 1N5819

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Semikron International
1N5819 SEMIKRON-1N5819 Datasheet
127Kb / 2P
   Schottky barrier rectifiers diodes
logo
List of Unclassifed Man...
1N5819 ETC2-1N5819 Datasheet
329Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jingheng (Group) ...
1N5819 JINANJINGHENG-1N5819 Datasheet
65Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Motorola, Inc
1N5819 MOTOROLA-1N5819 Datasheet
96Kb / 6P
   SCHOTTKY BARRIER RECTIFIERS 1 AMPERE 20, 30 and 40 VOLTS
logo
SeCoS Halbleitertechnol...
1N5819 SECOS-1N5819 Datasheet
190Kb / 2P
   VOLTAGE 20V ~ 40V 1.0AMP Schottky Barrier Rectifiers
More results

Mô tả tương tự - 1N5819

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
SDBS12 TSC-SDBS12 Datasheet
101Kb / 2P
   1.0 AMP. Schottky Barrier Rectifiers
SR102 TSC-SR102_10 Datasheet
527Kb / 2P
   1.0 AMP. Schottky Barrier Rectifiers
logo
List of Unclassifed Man...
SR160S ETC1-SR160S Datasheet
53Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
1N5817 TSC-1N5817_1 Datasheet
61Kb / 2P
   1.0 AMP. Schottky Barrier Rectifiers
logo
DIYI Electronic Technol...
1S2 DYELEC-1S2 Datasheet
792Kb / 2P
   1.0 AMP. Schottky Barrier Rectifiers
logo
Nanjing International G...
SR1100-1A-DO-41 DGNJDZ-SR1100-1A-DO-41 Datasheet
318Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
SB120U DYELEC-SB120U Datasheet
710Kb / 2P
   1.0 AMP. Schottky Barrier Rectifiers
logo
Nanjing International G...
1N5817-1A-DO-41 DGNJDZ-1N5817-1A-DO-41 Datasheet
206Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR220-2A-DO-41 DGNJDZ-SR220-2A-DO-41 Datasheet
212Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR250-2A-DO-41 DGNJDZ-SR250-2A-DO-41 Datasheet
212Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR1150.1A-DO-41 DGNJDZ-SR1150.1A-DO-41 Datasheet
318Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com