công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CXZ49LFA04000H0QSWZZ bảng dữ liệu(PDF) 1 Page - Kyocera Kinseki Corpotation |
|
CXZ49LFA04000H0QSWZZ bảng dữ liệu(HTML) 1 Page - Kyocera Kinseki Corpotation |
1 / 27 page Features • Crystal unit for audio-visual, office equipment • Ultra-miniature and low profile (2.5x2.0x0.45mm) • Ceramic package • A lead free product • Reflow compatible Applications • Digital Electronics • Audio-Visual, Office Equipment Pb Free Specifications Items Symbol Specification Units Remarks f_nom OT f_tol f_tem R1 DL CL T_use T_stg 13560 to 60000 Fundamental 50 50 Table 1 Table 2 8 10 to 70 40 to 85 kHz –––– 10-6 10-6 ohm W pF °C °C @ 25°C ref.@ 25°C Over Operating Temp. Range How to Order ② ① ③ ⑦ ⑥ ⑤ ④ ①Code ②Typical Frequencies ③Load Capacitance ④Frequency Stability ⑤Operating Temperature Range ⑥Frequency Temperature Stability ⑦Special *Please inquire about frequencies other than the above. CX2520SB 27000 D0 P E S ZZ Code Freq.(kHz) Code Freq.(kHz) 13560 16000 18000 20000 24000 26000 27000 27120 13560.000 16000.000 18000.000 20000.000 24000.000 26000.000 27000.000 27120.000 30000 32000 33000 33333 40000 48000 54000 30000.000 32000.000 33000.000 33333.000 40000.000 48000.000 54000.000 8pF 5010-6 10°C to 70°C 5010-6 D0 P E S ZZ Custom Specification Table1 Motional Series Resistances Dimensions (Unit : mm) Recommended Land Pattern (Unit : mm) 2.50.1 1.0 0.75 CONNECTION (TOP VIEW) NC HOT HOT GND #4 #3 #1 #2 #4 #3 #1 #2 #1 #2 #4 #3 1.2 1.2 0.5 Table2 Level of Drive Frequency Range Motional Series Resistance Units ohm 300 150 100 50 13560 to 15999kHz 16000 to 19999kHz 20000 to 39999kHz 40000 to 60000kHz Frequency Range Level of Drive Units 13560 to 60000kHz 10 (100 max.) W Frequency Range Overtone Order Frequency Tolerance Frequency Temp. Characteristics Motional Series Resistance Level of Drive Load Capacitance Operating Temp. Range Storage Temp. Range * Please inqurie about specifications other than the above. RoHS Compliant Crystal Units Surface Mount Type CX2520SB (CX-2520SB) 2.5×2.0mm for Audio & Visual, Office Equipment - 34 - |
Mô tả tương tự - CXZ49LFA04000H0QSWZZ |