công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74ABT16374ADLG4 bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
SN74ABT16374ADLG4 bảng dữ liệu(HTML) 4 Page - Texas Instruments |
4 / 13 page SN54ABT16374A, SN74ABT16374A 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS SCBS205C – MARCH 1993 – REVISED MAY 1997 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS TA = 25°C SN54ABT16374A SN74ABT16374A UNIT PARAMETER TEST CONDITIONS MIN TYP† MAX MIN MAX MIN MAX UNIT VIK VCC = 4.5 V, II = –18 mA –1.2 –1.2 –1.2 V VCC = 4.5 V, IOH = –3 mA 2.5 2.5 2.5 VOH VCC = 5 V, IOH = –3 mA 3 3 3 V VOH VCC =4 5V IOH = –24 mA 2 2 V VCC = 4.5 V IOH = –32 mA 2* 2 VOL VCC =4 5V IOL = 48 mA 0.55 0.55 V VOL VCC = 4.5 V IOL = 64 mA 0.55* 0.55 V Vhys 100 mV II VCC = 0 to 5.5 V, VI = VCC or GND ±1 ±1 ±1 µA IOZPU‡ VCC = 0 to 2.1 V, VO = 0.5 to 2.7 V, OE = X ±50 ±50 ±50 µA IOZPD‡ VCC = 2.1 V to 0, VO = 0.5 to 2.7 V, OE = X ±50 ±50 ±50 µA IOZH VCC = 2.1 V to 5.5 V, VO = 2.7 V, OE ≥ 2 V 10 10 10 µA IOZL VCC = 2.1 V to 5.5 V, VO = 0.5 V, OE ≥ 2 V –10 –10 –10 µA Ioff VCC = 0, VI or VO ≤ 4.5 V ±100 ±100 µA ICEX Outputs high VCC = 5.5 V, VO = 5.5 V 50 50 50 µA IO§ VCC = 5.5 V, VO = 2.5 V –50 –100 –180 –50 –180 –50 –180 mA Outputs high 2 2 2 ICC Outputs low VCC = 5.5 V, IO = 0, 72 72 72 mA ICC Outputs disabled VI = VCC or GND 2 2 2 mA ∆ICC¶ VCC = 5.5 V, One input at 3.4 V, Other inputs at VCC or GND 1.5 1.5 1.5 mA Ci VI = 2.5 V or 0.5 V 3.5 pF Co VO = 2.5 V or 0.5 V 9.5 pF * On products compliant to MIL-PRF-38535, this parameter does not apply. † All typical values are at VCC = 5 V. ‡ This parameter is characterized, but not production tested. § Not more than one output should be tested at a time, and the duration of the test should not exceed one second. ¶ This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND. timing requirements over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 1) VCC = 5 V, TA = 25°C# SN54ABT16374A SN74ABT16374A UNIT MIN MAX MIN MAX MIN MAX fclock Clock frequency 0 150 0 150 0 150 MHz tw Pulse duration, CLK high or low 3.3 3.3 3.3 ns tsu Setup time, data before CLK ↑ 1.1 1.3 1.1 ns th Hold time, data after CLK ↑ 1.3 1.5 1.3 ns # These values apply only to the SN74ABT16374A. |
Số phần tương tự - SN74ABT16374ADLG4 |
|
Mô tả tương tự - SN74ABT16374ADLG4 |