công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS1621D-28SKDIP bảng dữ liệu(PDF) 6 Page - List of Unclassifed Manufacturers

tên linh kiện SS1621D-28SKDIP
Giải thích chi tiết về linh kiện  RAM MAPPING 32 X 4 LCD CONTROLLER FOR I/O UC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

SS1621D-28SKDIP bảng dữ liệu(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SS1621D-28SKDIP Datasheet HTML 2Page - List of Unclassifed Manufacturers SS1621D-28SKDIP Datasheet HTML 3Page - List of Unclassifed Manufacturers SS1621D-28SKDIP Datasheet HTML 4Page - List of Unclassifed Manufacturers SS1621D-28SKDIP Datasheet HTML 5Page - List of Unclassifed Manufacturers SS1621D-28SKDIP Datasheet HTML 6Page - List of Unclassifed Manufacturers SS1621D-28SKDIP Datasheet HTML 7Page - List of Unclassifed Manufacturers SS1621D-28SKDIP Datasheet HTML 8Page - List of Unclassifed Manufacturers SS1621D-28SKDIP Datasheet HTML 9Page - List of Unclassifed Manufacturers SS1621D-28SKDIP Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
SS1621
p. 6
Last update: 2008-06-03 04:36
A.C. Characteristics
Test Conditions
Sym.
Parameter
VDD
Conditions
Min.
Typ.
Max.
Unit
3V
256
kHz
f
SYS1
System Clock
5V
On-chip RC oscillator
256
kHz
3V
32.768
kHz
f
SYS2
System Clock
5V
Crystal oscillator
32.768
kHz
3V
256
kHz
f
SYS3
System Clock
5V
External clock source
256
kHz
On-chip RC oscillator
F
SYS1/1024
Hz
Crystal oscillator
F
SYS2/128
Hz
f
LCD
LCD Clock
External clock source
F
SYS3/1024
Hz
t
COM
LCD Common Period
n: Number of COM
n/f
LCD
s
3V
150
kHz
f
CLK1
Serial Data Clock (WR Pin)
5V
Duty cycle 50%
300
kHz
3V
75
kHz
f
CLK2
Serial Data Clock (RD Pin)
5V
Duty cycle 50%
150
kHz
f
TONE
Tone Frequency
On-chip RC oscillator
2.0 or 4.0
kHz
3V
t
CS
Serial Interface Reset Pulse Width
(Figure 3)
5V
CS
250
ns
Write mode
3.34
3V
Read mode
6.67
μs
Write mode
1.67
t
CLK
WR
, RD Input Pulse Width
(Figure 1)
5V
Read mode
3.34
μs
3V
t
r, tf
Rise/Fall Time Serial Data Clock
Width
(Figure 1)
5V
120
ns
3V
t
su
Setup Time for DATA to WR, RD
Clock Width
(Figure 2)
5V
120
ns
3V
t
h
Hold Time for DATA to WR, RD
Clock Width
(Figure 2)
5V
120
ns
3V
t
su1
Setup Time for CS to WR, RD
Clock Width
(Figure 3)
5V
100
ns
3V
t
h1
Hold Time for CS to WR, RD
Clock Width
(Figure 3)
5V
100
ns


Số phần tương tự - SS1621D-28SKDIP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pan Jit International I...
SS16 PANJIT-SS16 Datasheet
66Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
SS16 BILIN-SS16 Datasheet
163Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SS16 TSC-SS16 Datasheet
138Kb / 2P
   1.0AMP Surface Mount Schottky Barrier Rectifier
logo
Won-Top Electronics
SS16 WTE-SS16 Datasheet
45Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
PACELEADER INDUSTRIAL
SS16 PACELEADER-SS16 Datasheet
550Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
More results

Mô tả tương tự - SS1621D-28SKDIP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
ESC1621 ETC-ESC1621 Datasheet
56Kb / 7P
   RAM Mapping 32 X 4 LCD Controller for I/O uC
logo
Holtek Semiconductor In...
HT1620 HOLTEK-HT1620_11 Datasheet
146Kb / 16P
   RAM Mapping 324 LCD Controller for I/O MCU
HT1621 HOLTEK-HT1621_10 Datasheet
206Kb / 21P
   RAM Mapping 324 LCD Controller for I/O MCU
HT1620 HOLTEK-HT1620_09 Datasheet
135Kb / 16P
   RAM Mapping 324 LCD Controller for I/O MCU
HT1621 HOLTEK-HT1621_09 Datasheet
186Kb / 21P
   RAM Mapping 324 LCD Controller for I/O MCU
HT16220 HOLTEK-HT16220_09 Datasheet
145Kb / 15P
   RAM Mapping 328 LCD Controller for I/O MCU
HT1622 HOLTEK-HT1622_09 Datasheet
144Kb / 17P
   RAM Mapping 328 LCD Controller for I/O MCU
HT16220 HOLTEK-HT16220_04 Datasheet
140Kb / 13P
   RAM Mapping 328 LCD Controller for I/O MCU
HT1627 HOLTEK-HT1627 Datasheet
151Kb / 17P
   RAM Mapping 64x16 LCD Controller for I/O C
HT1621B HOLTEK-HT1621B Datasheet
179Kb / 20P
   RAM Mapping 32x4 LCD Controller for I/O MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com