công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STK14EC8-BF25ITR bảng dữ liệu(PDF) 7 Page - Simtek Corporation |
|
STK14EC8-BF25ITR bảng dữ liệu(HTML) 7 Page - Simtek Corporation |
7 / 19 page STK14EC8 7 Simtek Confidential Jan, 2008 Document Control #ML0060 Rev 1.1 Preliminary AutoStore™/POWER-UP RECALL Note i: tHRECALL starts from the time VCC rises above VSWITCH Note j: If an SRAM WRITE has not taken place since the last nonvolatile cycle, no STORE will take place AutoStore™/POWER-UP RECALL NO. SYMBOLS PARAMETER STK14EC8 UNITS NOTES Standard Alternate MIN MAX 22 tHRECALL Power-up RECALL Duration 20 ms i 23 tSTORE tHLHZ STORE Cycle Duration 12.5 ms j 24 VSWITCH Low Voltage Trigger Level 2.65 V 25 VCCRISE VCC Rise Time 150 μs POWER-UP RECALL VCC 23 tSTORE 22 tHRECALL 24 VSWITCH AutoStore TM POWER DOWN AutoStore TM BROWN OUT AutoStore TM POWER-UP RECALL Read & Write Inhibited 25 tVCCRISE 23 tSTORE 22 tHRECALL POWER-UP RECALL STORE occurs only if a SRAM write has happened. No STORE occurs without at least one SRAM write. Note: Read and Write cycles will be ignored during STORE, RECALL and while VCC is below VSWITCH |
Số phần tương tự - STK14EC8-BF25ITR |
|
Mô tả tương tự - STK14EC8-BF25ITR |