công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STK15C88-SF45I bảng dữ liệu(PDF) 3 Page - Simtek Corporation |
|
STK15C88-SF45I bảng dữ liệu(HTML) 3 Page - Simtek Corporation |
3 / 15 page 3 STK15C88 Jan, 2008 Document Control #ML0016 Rev 2.0 ABSOLUTE MAXIMUM RATINGSa Voltage on Input Relative to Ground . . . . . . . . . . . . . –0.5V to 7.0V Voltage on Input Relative to VSS . . . . . . . . . . –0.6V to (VCC + 0.5V) Voltage on DQ0-7 . . . . . . . . . . . . . . . . . . . . . . –0.5V to (VCC + 0.5V) Temperature under Bias . . . . . . . . . . . . . . . . . . . . . –55 °C to 125°C Storage Temperature. . . . . . . . . . . . . . . . . . . . . . . . –65 °C to 150°C Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1W DC Output Current (1 output at a time, 1s duration) . . . . . . . . 15mA Note a: Stresses greater than those listed under “Absolute Maximum Rat- ings” may cause permanent damage to the device. This is a stress rating only, and functional operation of the device at conditions above those indicated in the operational sections of this specifica- tion is not implied. Exposure to absolute maximum rating condi- tions for extended periods may affect reliability. DC CHARACTERISTICS (VCC = 5.0V ± 10%) Note b: ICC1 and ICC3 are dependent on output loading and cycle rate. The specified values are obtained with outputs unloaded. Note c: ICC2 and ICC4 are the average currents required for the duration of the respective STORE cycles (tSTORE ). Note d: E ≥ V IH will not produce standby current levels until any nonvolatile cycle in progress has timed out. AC TEST CONDITIONS CAPACITANCEe (T A = 25°C, f = 1.0MHz) Note e: These parameters are guaranteed but not tested. SYMBOL PARAMETER COMMERCIAL INDUSTRIAL UNITS NOTES MIN MAX MIN MAX ICC1 b Average VCC Current 97 70 100 70 mA mA tAVAV = 25ns tAVAV = 45ns ICC2 c Average VCC Current during STORE 3 3 mA All Inputs Don’t Care, VCC = max ICC3 b Average VCC Current at tAVAV = 200ns 5V, 25°C, Typical 10 10 mA W ≥ (V CC – 0.2V) All Others Cycling, CMOS Levels ICC4 c Average VCAP Current during AutoStore Cycle 2 2 mA All Inputs Don’t Care ISB1 d Average VCC Current (Standby, Cycling TTL Input Levels) 30 22 31 23 mA mA tAVAV = 25ns, E ≥ VIH tAVAV = 45ns, E ≥ VIH ISB2 d VCC Standby Current (Standby, Stable CMOS Input Levels) 1.5 1.5 mA E ≥ (V CC – 0.2V) All Others VIN ≤ 0.2V or ≥ (VCC – 0.2V) IILK Input Leakage Current ±1 ±1 μA VCC = max VIN = VSS to VCC IOLK Off-State Output Leakage Current ±5 ±5 μA VCC = max VIN = VSS to VCC, E or G ≥ VIH VIH Input Logic “1” Voltage 2.2 VCC + .5 2.2 VCC + .5 V All Inputs VIL Input Logic “0” Voltage VSS – .5 0.8 VSS – .5 0.8 V All Inputs VOH Output Logic “1” Voltage 2.4 2.4 V IOUT =– 4mA VOL Output Logic “0” Voltage 0.4 0.4 V IOUT = 8mA TA Operating Temperature 0 70 –40 85 °C Input Pulse Levels . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to 3V Input Rise and Fall Times . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ≤ 5ns Input and Output Timing Reference Levels . . . . . . . . . . . . . . . 1.5V Output Load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Figure 1 SYMBOL PARAMETER MAX UNITS CONDITIONS CIN Input Capacitance 5 pF ΔV = 0 to 3V COUT Output Capacitance 7 pF ΔV = 0 to 3V Figure 1: AC Output Loading 480 Ohms 30 pF 255 Ohms 5.0V INCLUDING OUTPUT SCOPE AND FIXTURE |
Số phần tương tự - STK15C88-SF45I |
|
Mô tả tương tự - STK15C88-SF45I |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |