công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74ALVCH16821DGGRG4 bảng dữ liệu(PDF) 5 Page - Texas Instruments |
|
74ALVCH16821DGGRG4 bảng dữ liệu(HTML) 5 Page - Texas Instruments |
5 / 12 page www.ti.com SWITCHING CHARACTERISTICS OPERATING CHARACTERISTICS SN74ALVCH16821 3.3-V 20-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS SCES037F – JULY 1995 – REVISED SEPTEMBER 2004 over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1) VCC = 2.5 V VCC = 3.3 V VCC = 1.8 V VCC = 2.7 V FROM TO ± 0.2 V ± 0.3 V PARAMETER UNIT (INPUT) (OUTPUT) MIN TYP MIN MAX MIN MAX MIN MAX fmax (1) 150 150 150 MHz tpd CLK Q (1) 1 5.8 5.3 1 4.5 ns ten OE Q (1) 1 6.6 6.2 1 5.1 ns tdis OE Q (1) 1 5.7 5 1 4.6 ns (1) This information was not available at the time of publication. T A = 25°C VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V PARAMETER TEST CONDITIONS UNIT TYP TYP TYP Outputs enabled (1) 36 40 Power dissipation Cpd CL = 50 pF, f = 10 MHz pF capacitance Outputs disabled (1) 22 24 (1) This information was not available at the time of publication. 5 |
Số phần tương tự - 74ALVCH16821DGGRG4 |
|
Mô tả tương tự - 74ALVCH16821DGGRG4 |