công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IRF3704PBF bảng dữ liệu(PDF) 2 Page - International Rectifier

tên linh kiện IRF3704PBF
Giải thích chi tiết về linh kiện  HEXFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRF [International Rectifier]
Trang chủ  http://www.irf.com
Logo IRF - International Rectifier

IRF3704PBF bảng dữ liệu(HTML) 2 Page - International Rectifier

  IRF3704PBF Datasheet HTML 1Page - International Rectifier IRF3704PBF Datasheet HTML 2Page - International Rectifier IRF3704PBF Datasheet HTML 3Page - International Rectifier IRF3704PBF Datasheet HTML 4Page - International Rectifier IRF3704PBF Datasheet HTML 5Page - International Rectifier IRF3704PBF Datasheet HTML 6Page - International Rectifier IRF3704PBF Datasheet HTML 7Page - International Rectifier IRF3704PBF Datasheet HTML 8Page - International Rectifier IRF3704PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRF3704/S/LPbF
2
www.irf.com
Dynamic @ TJ = 25°C (unless otherwise specified)
ns
Symbol
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy
‚
–––
216
mJ
IAR
Avalanche Current

–––
71
A
Avalanche Characteristics
S
D
G
Diode Characteristics
77
…
308
A
Symbol
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
42
–––
–––
S
VDS = 10V, ID = 57A
Qg
Total Gate Charge
–––
19
–––
ID = 28.4A
Qgs
Gate-to-Source Charge
–––
8.1
–––
nC
VDS = 10V
Qgd
Gate-to-Drain ("Miller") Charge
–––
6.4
–––
VGS = 4.5V
ƒ
Qoss
Output Gate Charge
–––
16
24
VGS = 0V, VDS = 10V
td(on)
Turn-On Delay Time
–––
8.4
–––
VDD = 10V
tr
Rise Time
–––
98
–––
ID = 28.4A
td(off)
Turn-Off Delay Time
–––
12
–––
RG = 1.8Ω
tf
Fall Time
–––
5.0
–––
VGS = 4.5V
ƒ
Ciss
Input Capacitance
––– 1996 –––
VGS = 0V
Coss
Output Capacitance
––– 1085 –––
VDS = 10V
Crss
Reverse Transfer Capacitance
–––
155
–––
pF
ƒ = 1.0MHz
VSD
Diode Forward Voltage
Symbol
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
––– –––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

––– –––
p-n junction diode.
––– 0.88
1.3
V
TJ = 25°C, IS = 35.5A, VGS = 0V
ƒ
––– 0.82 –––
TJ = 125°C, IS = 35.5A, VGS = 0V
ƒ
trr
Reverse Recovery Time
–––
38
57
ns
TJ = 25°C, IF = 35.5A, VR=20V
Qrr
Reverse Recovery Charge
–––
45
68
nC
di/dt = 100A/µs
ƒ
trr
Reverse Recovery Time
–––
41
62
ns
TJ = 125°C, IF = 35.5A, VR=20V
Qrr
Reverse Recovery Charge
–––
50
75
nC
di/dt = 100A/µs
ƒ
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
20
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.021 –––
V/°C Reference to 25°C, ID = 1mA
–––
6.3
9.0
VGS = 10V, ID = 15A
ƒ
–––
9.8
13.5
VGS = 4.5V, ID = 12A
ƒ
VGS(th)
Gate Threshold Voltage
1.0
–––
3.0
V
VDS = VGS, ID = 250µA
–––
–––
20
µA
VDS = 16V, VGS = 0V
–––
–––
100
VDS = 16V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
200
VGS = 16V
Gate-to-Source Reverse Leakage
–––
––– -200
nA
VGS = -16V
Static @ TJ = 25°C (unless otherwise specified)
IGSS
IDSS
Drain-to-Source Leakage Current
RDS(on)
Static Drain-to-Source On-Resistance
m


Số phần tương tự - IRF3704PBF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
IRF3704PBF IRF-IRF3704PBF Datasheet
270Kb / 11P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
More results

Mô tả tương tự - IRF3704PBF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com