công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS3DV416DGGR bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TS3DV416DGGR
Giải thích chi tiết về linh kiện  4-CHANNEL DIFFERENTIAL 8:16 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TS3DV416DGGR bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button TS3DV416DGGR Datasheet HTML 5Page - Texas Instruments TS3DV416DGGR Datasheet HTML 6Page - Texas Instruments TS3DV416DGGR Datasheet HTML 7Page - Texas Instruments TS3DV416DGGR Datasheet HTML 8Page - Texas Instruments TS3DV416DGGR Datasheet HTML 9Page - Texas Instruments TS3DV416DGGR Datasheet HTML 10Page - Texas Instruments TS3DV416DGGR Datasheet HTML 11Page - Texas Instruments TS3DV416DGGR Datasheet HTML 12Page - Texas Instruments TS3DV416DGGR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
tPZH
tPZL
CL
(see Note A)
TEST CIRCUIT
S1
2
× VDD
Open
GND
RL
RL
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
50
VG1
VDD
DUT
50
VIN
50
VG2
50
VI
TEST
RL
S1
V
CL
VDD
VI
tPLZ/tPZL
3.3 V
± 0.3 V
2
× VDD
200
GND
10 pF
0.3 V
Input Generator
Input Generator
VO
tPHZ/tPZH
3.3 V
± 0.3 V
GND
200
VDD
10 pF
0.3 V
VOH −0.3 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
VDD/2
VDD/2
Output Control
(VIN)
1.25 V
2.5 V
VOH
VOL +0.3 V
VOH
VOL
0 V
1.25 V
tPLZ
tPHZ
Output
Waveform 2
S1 at GND
(see Note B)
Output
Waveform 1
S1 at 2 y VDD
(see Note B)
VOL
TS3DV416
4-CHANNEL DIFFERENTIAL 8:16 MULTIPLEXER SWITCH
FOR DVI/HDMI APPLICATIONS
SCDS198C – OCTOBER 2005 – REVISED MAY 2006
(Enable and Disable Times)
Figure 4. Test Circuit and Voltage Waveforms
9
Submit Documentation Feedback


Số phần tương tự - TS3DV416DGGR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS3DV416DGGR TI-TS3DV416DGGR Datasheet
509Kb / 17P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MUX SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV416DGGR TI-TS3DV416DGGR Datasheet
362Kb / 19P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV416DGGR TI-TS3DV416DGGR Datasheet
469Kb / 18P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV416DGGRE4 TI-TS3DV416DGGRE4 Datasheet
509Kb / 17P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MUX SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV416DGGRE4 TI-TS3DV416DGGRE4 Datasheet
362Kb / 19P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
More results

Mô tả tương tự - TS3DV416DGGR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS3DV421 TI-TS3DV421 Datasheet
654Kb / 19P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV416 TI-TS3DV416_07 Datasheet
362Kb / 19P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV416 TI-TS3DV416_09 Datasheet
469Kb / 18P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV416 TI-TS3DV416 Datasheet
509Kb / 17P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MUX SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV520 TI-TS3DV520 Datasheet
285Kb / 15P
[Old version datasheet]   5-CHANNEL DIFFERENTIAL 10:20 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV520E TI-TS3DV520E Datasheet
299Kb / 15P
[Old version datasheet]   5-CHANNEL DIFFERENTIAL 10:20 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV520RHURG4 TI-TS3DV520RHURG4 Datasheet
472Kb / 20P
[Old version datasheet]   5-CHANNEL DIFFERENTIAL 10:20 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV520E TI-TS3DV520E_10 Datasheet
618Kb / 19P
[Old version datasheet]   5-CHANNEL DIFFERENTIAL 10:20 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
logo
Pericom Semiconductor C...
PI3HDMI414 PERICOM-PI3HDMI414 Datasheet
944Kb / 10P
   4-Differential Channel, 4:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch
logo
Texas Instruments
TMDS442 TI-TMDS442 Datasheet
1Mb / 45P
[Old version datasheet]   4-TO-2 DVI/HDMI SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com