công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST10C167-Q3XX bảng dữ liệu(PDF) 11 Page - STMicroelectronics

tên linh kiện ST10C167-Q3XX
Giải thích chi tiết về linh kiện  16-BIT ROMLESS MCU
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10C167-Q3XX bảng dữ liệu(HTML) 11 Page - STMicroelectronics

Back Button ST10C167-Q3XX Datasheet HTML 7Page - STMicroelectronics ST10C167-Q3XX Datasheet HTML 8Page - STMicroelectronics ST10C167-Q3XX Datasheet HTML 9Page - STMicroelectronics ST10C167-Q3XX Datasheet HTML 10Page - STMicroelectronics ST10C167-Q3XX Datasheet HTML 11Page - STMicroelectronics ST10C167-Q3XX Datasheet HTML 12Page - STMicroelectronics ST10C167-Q3XX Datasheet HTML 13Page - STMicroelectronics ST10C167-Q3XX Datasheet HTML 14Page - STMicroelectronics ST10C167-Q3XX Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
ST10R167
11/63
IV - MEMORY ORGANIZATION
The
memory
space
of
the
ST10R167
is
configured in a Von-Neumann architecture. Code
memory, data memory, registers and I/O ports are
organized within the same linear address space of
16M Byte.
The entire memory space can be accessed Byte-
wise or Wordwise. Particular portions of the
on-chip memory have additionally been made
directly bit addressable.
ROM : 32K Byte of on-chip ROM.
RAM
:
2K Byte
of
on-chip
internal
RAM
(dual-port) is provided as a storage for data, sys-
tem stack, general purpose register banks and
code. The register bank can consist of up to 16
wordwide (R0 to R15) and/or Bytewide (RL0,
RH0,
…, RL7, RH7) general purpose registers.
XRAM : 2K Byte of on-chip extension RAM (sin-
gle port XRAM) is provided as a storage for data,
user stack and code.
The XRAM is connected to the internal XBUS and
is accessed like an external memory in 16-bit
demultiplexed bus-mode without waitstate or
read/write delay (80ns access at 25MHz CPU
clock). Byte and Word access is allowed.
The
XRAM
address
range
is
00’E000h
-
00’E7FFh if the XRAM is enabled (XPEN bit 2 of
SYSCON register). As the XRAM appears like
external memory, it cannot be used for the
ST10R167’s system stack or register banks. The
XRAM is not provided for single bit storage and
therefore is not bit addressable. If bit XRAMEN is
cleared, then any access in the address range
00’E000h - 00’E7FFh will be directed to external
memory interface, using the BUSCONx register
corresponding to address matching ADDRSELx
register.
SFR/ESFR : 1024 Byte (2 * 512 Byte) of address
space is reserved for the special function register
areas. SFRs are wordwide registers which are
used for controlling and monitoring functions of
the different on-chip units.
CAN : Address range 00’EF00h - 00’EFFFh is
reserved for the CAN Module access. The CAN is
enabled by setting XPEN bit 2 of the SYSCON
register. Accesses to the CAN Module use demul-
tiplexed addresses and a 16-bit data bus (Byte
accesses are possible). Two wait states give an
access time of 160ns at 25MHz CPU clock. No
tristate waitstate is used.
Note
If the CAN module is used, Port 4 can not
be programmed to output all 8 segment
address lines. Thus, only 4 segment
address lines can be used, reducing the
external memory space to 5M Byte (1M
Byte per CS line).
In order to meet the needs of designs where more
memory is required than is provided on chip, up to
16M Byte of external RAM and/or ROM can be
connected to the microcontroller.


Số phần tương tự - ST10C167-Q3XX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST10C167-Q3XX STMICROELECTRONICS-ST10C167-Q3XX Datasheet
433Kb / 65P
   16-BIT MCU WITH 32K BYTE ROM
More results

Mô tả tương tự - ST10C167-Q3XX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST10R167-Q3 STMICROELECTRONICS-ST10R167-Q3 Datasheet
622Kb / 63P
   16-BIT ROMLESS MCU
ST10R172L-B0 STMICROELECTRONICS-ST10R172L-B0 Datasheet
20Kb / 3P
   16-BIT LOW VOLTAGE ROMLESS MCU
ST10R172L STMICROELECTRONICS-ST10R172L Datasheet
648Kb / 68P
   16-BIT LOW VOLTAGE ROMLESS MCU
ST10R272L STMICROELECTRONICS-ST10R272L Datasheet
702Kb / 77P
   16-BIT LOW VOLTAGE ROMLESS MCU WITH MAC
ST10R272L-B0 STMICROELECTRONICS-ST10R272L-B0 Datasheet
24Kb / 4P
   16-BIT ROMLESS LOW VOLTAGE MCU WITH MAC
logo
Zilog, Inc.
Z8609316PSG ZILOG-Z8609316PSG Datasheet
362Kb / 18P
   ROMLESS CMOS 8-BIT Z8 MCU
Z88C00 ZILOG-Z88C00 Datasheet
1Mb / 52P
   CMOS SUPER8 ROMLESS MCU
Z88C0020PSG ZILOG-Z88C0020PSG Datasheet
1Mb / 61P
   Z88C00 CMOS Super8 ROMless MCU
logo
STMicroelectronics
ST90R28 STMICROELECTRONICS-ST90R28 Datasheet
383Kb / 7P
   ROMLESS HCMOS MCU WITH RAM
logo
Intel Corporation
8XC196KB INTEL-8XC196KB Datasheet
247Kb / 17P
   ADVANCED 16-BIT CHMOS MICROCONTROLLER ROMless OR ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com