công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M93S56-RBN6P bảng dữ liệu(PDF) 6 Page - STMicroelectronics |
|
M93S56-RBN6P bảng dữ liệu(HTML) 6 Page - STMicroelectronics |
6 / 34 page M93S66, M93S56, M93S46 6/34 Table 2. Instruction Set for the M93S46 Note: 1. X = Don’t Care bit. Instruction Description W PRE Start bit Op- Code Address1 Data Required Clock Cycles Additional Comments READ Read Data from Memory X 0 1 10 A5-A0 Q15-Q0 WRITE Write Data to Memory 1 0 1 01 A5-A0 D15-D0 25 Write is executed if the address is not inside the Protected area PAWRITE Page Write to Memory 10 1 11 A5-A0 N x D15-D0 9 + N x 16 Write is executed if all the N addresses are not inside the Protected area WRAL Write All Memory with same Data 10 1 0001 XXXX D15-D0 25 Write all data if the Protection Register is cleared WEN Write Enable 1 0 1 00 11 XXXX 9 WDS Write Disable X 0 1 00 00 XXXX 9 PRREAD Protection Register Read X 1 1 10 XXXXXX Q5-Q0 + Flag Data Output = Protection Register content + Protection Flag bit PRWRITE Protection Register Write 11 1 01 A5-A0 9 Data above specified address A5-A0 are protected PRCLEAR Protection Register Clear 1 1 1 11 111111 9 Protect Flag is also cleared (cleared Flag = 1) PREN Protection Register Enable 1 1 1 00 11XXXX 9 PRDS Protection Register Disable 1 1 1 00 000000 9 OTP bit is set permanently |
Số phần tương tự - M93S56-RBN6P |
|
Mô tả tương tự - M93S56-RBN6P |