công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC7805CT bảng dữ liệu(PDF) 3 Page - Vishay Siliconix

tên linh kiện MC7805CT
Giải thích chi tiết về linh kiện  3-Terminal Fixed Positive Voltage Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MC7805CT bảng dữ liệu(HTML) 3 Page - Vishay Siliconix

  MC7805CT Datasheet HTML 1Page - Vishay Siliconix MC7805CT Datasheet HTML 2Page - Vishay Siliconix MC7805CT Datasheet HTML 3Page - Vishay Siliconix MC7805CT Datasheet HTML 4Page - Vishay Siliconix MC7805CT Datasheet HTML 5Page - Vishay Siliconix MC7805CT Datasheet HTML 6Page - Vishay Siliconix MC7805CT Datasheet HTML 7Page - Vishay Siliconix MC7805CT Datasheet HTML 8Page - Vishay Siliconix MC7805CT Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MC78xxCT Series
Vishay Semiconductor
Document Number 74813
www.vishay.com
29-Nov-01
3
Electrical Characteristics – MC7806
Vin = 11V, Iout = 500mA, 0°C
≤ TJ ≤ 125°C, Cin = 0.33µF, Cout = 0.1µF; unless otherwise noted.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Voltage
Vout
TJ = 25°C
5.88
6.0
6.12
V
8V
≤ Vin ≤ 21V,
5.83
6.17
5mA
≤ Iout ≤ 1.0A, PD ≤ 15W
Line Regulation
∆REGline
8V
≤ Vin < 25V
5
120
mV
(TJ = 25°C)
9V
≤ Vin < 13V
1.5
60
Load Regulation
∆REGload
10mA
≤ Iout < 1.5A
14
120
mV
(TJ = 25°C)
250mA
≤ Iout < 750mA
460
Quiescent Current
Iq
Iout = 0, TJ = 25°C
4.3
8.0
mA
Quiescent Current Change
∆Iq
8V
≤ Vin ≤ 25V
——
1.3
mA
5mA
≤ Iout ≤ 1.0A
——
0.5
Output Noise Voltage
Vn
10Hz
≤f≤100KHz,TA =25°C
45
µV
Ripple Rejection Ratio
RR
f = 120Hz, 9V
≤ Vin ≤ 19V
59
75
dB
Dropout Voltage
Vdrop
Iout = 1.0A, TJ = 25°C
2
V
Output Resistance
Rout
f = 1KHz
19
m
Output Short Circuit Current
Ios
TJ = 25°C
550
mA
Peak Output Current
Io peak
TJ = 25°C
1.5
A
Temperature Coefficient of Output Voltage
∆Vout/∆TJ
Iout = 5mA,0°C
≤TJ ≤ 125°C
—–0.8
mV/°C
Electrical Characteristics – MC7808
Vin = 14V, Iout = 500mA, 0°C
≤ TJ ≤ 125°C, Cin = 0.33µF, Cout = 0.1µF; unless otherwise noted.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Voltage
Vout
TJ = 25°C
7.84
8.0
8.16
V
10.5V
≤ Vin ≤ 23V,
7.74
8.26
5mA
≤ Iout ≤ 1.0A, PD ≤ 15W
Line Regulation
∆REGline
10.5V
≤ Vin < 25V
6
160
mV
(TJ = 25°C)
11V
≤ Vin < 15V
280
Load Regulation
∆REGload
10mA
≤ Iout < 1.5A
12
160
mV
(TJ = 25°C)
250mA
≤ Iout < 750mA
480
Quiescent Current
Iq
Iout = 0, TJ = 25°C
4.3
8.0
mA
Quiescent Current Change
∆Iq
10.5V
≤ Vin ≤ 25V
——
1
mA
5mA
≤ Iout ≤ 1.0A
——
0.5
Output Noise Voltage
Vn
10Hz
≤f≤100KHz,TJ=25°C
52
µV
Ripple Rejection Ratio
RR
f = 120Hz
56
72
dB
Dropout Voltage
Vdrop
Iout = 1.0A, TJ = 25°C
2
V
Output Resistance
Rout
f = 1KHz
16
m
Output Short Circuit Current
Ios
TJ = 25°C
450
mA
Peak Output Current
Io peak
TJ = 25°C
1.5
A
Temperature Coefficient of Output Voltage
∆Vout/∆TJ
Iout = 5mA,0°C
≤TJ ≤ 125°C
—–0.8
mV/°C


Số phần tương tự - MC7805CT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC7805CT MOTOROLA-MC7805CT Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC7805CT ONSEMI-MC7805CT Datasheet
234Kb / 32P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
April, 2005 ??Rev. 14
logo
Fairchild Semiconductor
MC7805CT FAIRCHILD-MC7805CT Datasheet
225Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
MC7805CT FAIRCHILD-MC7805CT Datasheet
226Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
ON Semiconductor
MC7805CT ONSEMI-MC7805CT Datasheet
245Kb / 32P
   1.0 A Positive Voltage Regulators
August, 2006 ??Rev. 15
More results

Mô tả tương tự - MC7805CT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
PJ7800 ETC-PJ7800 Datasheet
381Kb / 9P
   3-Terminal Fixed Voltage Positive Regulators
logo
Motorola, Inc
MC7800 MOTOROLA-MC7800 Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC7800 ONSEMI-MC7800 Datasheet
234Kb / 32P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
April, 2005 ??Rev. 14
logo
Motorola, Inc
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
MCT7800 MOTOROLA-MCT7800 Datasheet
224Kb / 12P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
LM340 ONSEMI-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
1996 Rev 1
logo
Texas Instruments
LM341-12 TI1-LM341-12 Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XX GTM-GJ78XX Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com