công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OP265WPS bảng dữ liệu(PDF) 1 Page - OPTEK Technologies

tên linh kiện OP265WPS
Giải thích chi tiết về linh kiện  Plastic Infrared Emitting Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OPTEK [OPTEK Technologies]
Trang chủ  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP265WPS bảng dữ liệu(HTML) 1 Page - OPTEK Technologies

  OP265WPS Datasheet HTML 1Page - OPTEK Technologies OP265WPS Datasheet HTML 2Page - OPTEK Technologies OP265WPS Datasheet HTML 3Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A
07/06
Page 1 of 3
Plastic Infrared Emitting Diode
OP265WPS
Features:
T-1 (3 mm) package style
Broad irradiance pattern
Point source with flat lens
Higher power output than GaAs at equivalent drive currents
850 nm diode
Description:
The OP265WPS point source model is a flat-lensed 850 nm diode with a broad radiation pattern that provides
relatively even illumination over a large area. Its stable forward voltage (VF) vs. temperature characteristic makes
this device appropriate for applications where voltage is limited (such as battery operation), while the low rise time/
fall time (tr/tf) makes it ideal for high-speed operation.
OP265 devices conform to the OP505 and OP535 series devices.
Please refer to Application Bulletins 208 and 210 for additional design information and reliability (degradation) data.
Applications:
Space-limited applications
Applications requiring coupling
efficiency
Precision optical designs
Battery-operated or voltage-limited
applications
RoHS
Ordering Information
Part
Number
LED Peak
Wavelength
Output Power (mW/
cm
2) Min / Max
IF (mA)
Typ / Max
Total Beam
Angle
Lead
Length
OP265WPS
850 nm
.055 / .55
20 / 50
120°
0.50"
CONTAINS POLYSULFONE
To avoid stress cracking, we suggest using
ND Industries’ Vibra-Tite for thread-locking.
Vibra-Tite
evaporates fast without causing structural
failure in OPTEK'S molded plastics.
Pin #
LED
1
Cathode
2
Anode
1
2
INCHES
[MILLIMETERS]
DIMENSIONS ARE IN:


Số phần tương tự - OP265WPS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TT Electronics.
OP265WPS TTELEC-OP265WPS Datasheet
339Kb / 3P
   Plastic Infrared Emitting Diode
More results

Mô tả tương tự - OP265WPS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OPTEK Technologies
OP265 OPTEK-OP265_14 Datasheet
232Kb / 4P
   Plastic Infrared Emitting Diode
OP265 OPTEK-OP265_06 Datasheet
334Kb / 4P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP265FAA TTELEC-OP265FAA Datasheet
376Kb / 3P
   Plastic Infrared Emitting Diode
OP168F TTELEC-OP168F Datasheet
380Kb / 6P
   Plastic Infrared Emitting Diode
logo
OPTEK Technologies
OP168 OPTEK-OP168_14 Datasheet
230Kb / 6P
   Plastic Infrared Emitting Diode
OP240 OPTEK-OP240_14 Datasheet
235Kb / 3P
   Plastic Infrared Emitting Diode
OP165 OPTEK-OP165_06 Datasheet
387Kb / 4P
   Plastic Infrared Emitting Diode
OP290 OPTEK-OP290 Datasheet
343Kb / 8P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP265WPS TTELEC-OP265WPS Datasheet
339Kb / 3P
   Plastic Infrared Emitting Diode
OP290 TTELEC-OP290 Datasheet
1Mb / 9P
   Plastic Infrared Emitting Diode
logo
OPTEK Technologies
OP165 OPTEK-OP165_14 Datasheet
277Kb / 4P
   Plastic Infrared Emitting Diode
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com