công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74LCX373 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC74LCX373
Giải thích chi tiết về linh kiện  Low-Voltage CMOS Octal Transparent Latch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX373 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC74LCX373_07 Datasheet HTML 1Page - ON Semiconductor MC74LCX373_07 Datasheet HTML 2Page - ON Semiconductor MC74LCX373_07 Datasheet HTML 3Page - ON Semiconductor MC74LCX373_07 Datasheet HTML 4Page - ON Semiconductor MC74LCX373_07 Datasheet HTML 5Page - ON Semiconductor MC74LCX373_07 Datasheet HTML 6Page - ON Semiconductor MC74LCX373_07 Datasheet HTML 7Page - ON Semiconductor MC74LCX373_07 Datasheet HTML 8Page - ON Semiconductor MC74LCX373_07 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2007
November, 2007 - Rev. 8
1
Publication Order Number:
MC74LCX373/D
MC74LCX373
Low-Voltage CMOS
Octal Transparent Latch
With 5 V-Tolerant Inputs and Outputs
(3-State, Non-Inverting)
The MC74LCX373 is a high performance, non-inverting octal
transparent latch operating from a 2.3 to 3.6 V supply. High
impedance TTL compatible inputs significantly reduce current
loading to input drivers while TTL compatible outputs offer improved
switching noise performance. A VI specification of 5.5 V allows
MC74LCX373 inputs to be safely driven from 5 V devices.
The MC74LCX373 contains 8 D-type latches with 3-state outputs.
When the Latch Enable (LE) input is HIGH, data on the Dn inputs
enters the latches. In this condition, the latches are transparent, i.e., a
latch output will change state each time its D input changes. When LE
is LOW, the latches store the information that was present on the D
inputs a setup time preceding the HIGH-to-LOW transition of LE.
The 3-state standard outputs are controlled by the Output Enable (OE)
input. When OE is LOW, the standard outputs are enabled. When OE
is HIGH, the standard outputs are in the high impedance state, but this
does not interfere with new data entering into the latches.
Features
Designed for 2.3 to 3.6 V VCC Operation
5 V Tolerant - Interface Capability With 5 V TTL Logic
Supports Live Insertion and Withdrawal
IOFF Specification Guarantees High Impedance When VCC = 0 V
LVTTL Compatible
LVCMOS Compatible
24 mA Balanced Output Sink and Source Capability
Near Zero Static Supply Current in all Three Logic States (10 mA)
Substantially Reduces System Power Requirements
Latchup Performance Exceeds 500 mA
ESD Performance:
Human Body Model >2000 V
Machine Model >200 V
Pb-Free Packages are Available*
*For additional information on our Pb-Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
20
1
1
20
MARKING
DIAGRAMS
A
= Assembly Location
L, WL
= Wafer Lot
Y, YY
= Year
W, WW
= Work Week
G or
G
= Pb-Free Package
SOIC-20
DW SUFFIX
CASE 751D
LCX373
AWLYYWWG
LCX
373
ALYW
G
G
TSSOP-20
DT SUFFIX
CASE 948E
SOEIAJ-20
M SUFFIX
CASE 967
74LCX373
AWLYWWG
1
1
1
20
1
20
20
20
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
(Note: Microdot may be in either location)


Số phần tương tự - MC74LCX373_07

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74LCX373DT MOTOROLA-MC74LCX373DT Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
logo
ON Semiconductor
MC74LCX373DT ONSEMI-MC74LCX373DT Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
1996 REV 4
MC74LCX373DTG ONSEMI-MC74LCX373DTG Datasheet
137Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch
January, 2013 ??Rev. 12
MC74LCX373DTR2G ONSEMI-MC74LCX373DTR2G Datasheet
137Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch
January, 2013 ??Rev. 12
logo
Motorola, Inc
MC74LCX373DW MOTOROLA-MC74LCX373DW Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
More results

Mô tả tương tự - MC74LCX373_07

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74LVQ373 MOTOROLA-MC74LVQ373 Datasheet
214Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
MC74LCX373 MOTOROLA-MC74LCX373 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
logo
ON Semiconductor
MC74LCX373 ONSEMI-MC74LCX373 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
1996 REV 4
MC74LCX573 ONSEMI-MC74LCX573 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
1996 REV 3
logo
Motorola, Inc
MC74LVQ573 MOTOROLA-MC74LVQ573 Datasheet
215Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
MC74LCX573 MOTOROLA-MC74LCX573 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
logo
ON Semiconductor
MC74LCX373 ONSEMI-MC74LCX373_13 Datasheet
137Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch
January, 2013 ??Rev. 12
74LVT573 ONSEMI-74LVT573 Datasheet
342Kb / 13P
   Low Voltage Octal Transparent Latch
January 2008 Rev. 1.7.0
MC74LCX573 ONSEMI-MC74LCX573_13 Datasheet
140Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch Flow Through Pinout
January, 2013 ??Rev. 12
logo
Renesas Technology Corp
IDT74FCT3573 RENESAS-IDT74FCT3573 Datasheet
240Kb / 8P
   3.3V CMOS OCTAL TRANSPARENT LATCH
OCTOBER 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com