công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74AHC374DWRE4 bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện SN74AHC374DWRE4
Giải thích chi tiết về linh kiện  OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC374DWRE4 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  SN74AHC374DWRE4 Datasheet HTML 1Page - Texas Instruments SN74AHC374DWRE4 Datasheet HTML 2Page - Texas Instruments SN74AHC374DWRE4 Datasheet HTML 3Page - Texas Instruments SN74AHC374DWRE4 Datasheet HTML 4Page - Texas Instruments SN74AHC374DWRE4 Datasheet HTML 5Page - Texas Instruments SN74AHC374DWRE4 Datasheet HTML 6Page - Texas Instruments SN74AHC374DWRE4 Datasheet HTML 7Page - Texas Instruments SN74AHC374DWRE4 Datasheet HTML 8Page - Texas Instruments SN74AHC374DWRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
SN54AHC374, SN74AHC374
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
WITH 3-STATE OUTPUTS
SCLS240I – OCTOBER 1995 – REVISED JULY 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHC374
SN74AHC374
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
f
CL = 15 pF
80*
130*
70*
70
MHz
fmax
CL = 50 pF
55
85
50
50
MHz
tPLH
CLK
Q
CL =15 pF
8.1*
12.7*
1*
15*
1
15
ns
tPHL
CLK
Q
CL = 15 pF
8.1*
12.7*
1*
15*
1
15
ns
tPZH
OE
Q
CL =15 pF
7.1*
11*
1*
13*
1
13
ns
tPZL
OE
Q
CL = 15 pF
7.1*
11*
1*
13*
1
13
ns
tPHZ
OE
Q
CL =15 pF
7.5*
10.5*
1*
12.5*
1
12.5
ns
tPLZ
OE
Q
CL = 15 pF
7.5*
10.5*
1*
12.5*
1
12.5
ns
tPLH
CLK
Q
CL =50 pF
10.6
16.2
1
18.5
1
18.5
ns
tPHL
CLK
Q
CL = 50 pF
10.6
16.2
1
18.5
1
18.5
ns
tPZH
OE
Q
CL =50 pF
9.6
14.5
1
16.5
1
16.5
ns
tPZL
OE
Q
CL = 50 pF
9.6
14.5
1
16.5
1
16.5
ns
tPHZ
OE
Q
CL =50 pF
10.2
14
1
16
1
16
ns
tPLZ
OE
Q
CL = 50 pF
10.2
14
1
16
1
16
ns
tsk(o)
CL = 50 pF
1.5**
1.5
ns
∗ On products compliant to MIL-PRF-38535, this parameter is not production tested.
∗∗ On products compliant to MIL-PRF-38535, this parameter does not apply.
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHC374
SN74AHC374
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
f
CL = 15 pF
130*
185*
110*
110
MHz
fmax
CL = 50 pF
85
120
75
75
MHz
tPLH
CLK
Q
CL =15 pF
5.4*
8.1*
1*
9.5*
1
9.5
ns
tPHL
CLK
Q
CL = 15 pF
5.4*
8.1*
1*
9.5*
1
9.5
ns
tPZH
OE
Q
CL =15 pF
5.1*
7.6*
1*
9*
1
9
ns
tPZL
OE
Q
CL = 15 pF
5.1*
7.6*
1*
9*
1
9
ns
tPHZ
OE
Q
CL =15 pF
4.6*
6.8*
1*
8*
1
8
ns
tPLZ
OE
Q
CL = 15 pF
4.6*
6.8*
1*
8*
1
8
ns
tPLH
CLK
Q
CL =50 pF
6.9
10.1
1
11.5
1
11.5
ns
tPHL
CLK
Q
CL = 50 pF
6.9
10.1
1
11.5
1
11.5
ns
tPZH
OE
Q
CL =50 pF
6.6
9.6
1
11
1
11
ns
tPZL
OE
Q
CL = 50 pF
6.6
9.6
1
11
1
11
ns
tPHZ
OE
Q
CL =50 pF
6.1
8.8
1
10
1
10
ns
tPLZ
OE
Q
CL = 50 pF
6.1
8.8
1
10
1
10
ns
tsk(o)
CL = 50 pF
1**
1
ns
∗ On products compliant to MIL-PRF-38535, this parameter is not production tested.
∗∗ On products compliant to MIL-PRF-38535, this parameter does not apply.


Số phần tương tự - SN74AHC374DWRE4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74AHC374DWRE4 TI-SN74AHC374DWRE4 Datasheet
636Kb / 22P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Mô tả tương tự - SN74AHC374DWRE4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN54AHC374 TI-SN54AHC374 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT564 TI-SN54ACT564 Datasheet
110Kb / 6P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A Datasheet
125Kb / 9P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS534A TI-SN54ALS534A Datasheet
114Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVC574A TI-SN54LVC574A Datasheet
914Kb / 25P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_08 Datasheet
718Kb / 18P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC574 TI-SN54AHC574 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_02 Datasheet
276Kb / 14P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54HC574 TI-SN54HC574_07 Datasheet
674Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A_08 Datasheet
722Kb / 20P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SNJ54AS574B TI1-SNJ54AS574B Datasheet
1Mb / 25P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com