công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADXL001-500 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện ADXL001-500
Giải thích chi tiết về linh kiện  High Performance Wide Bandwidth Accelerometer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADXL001-500 bảng dữ liệu(HTML) 1 Page - Analog Devices

  ADXL001-500 Datasheet HTML 1Page - Analog Devices ADXL001-500 Datasheet HTML 2Page - Analog Devices ADXL001-500 Datasheet HTML 3Page - Analog Devices ADXL001-500 Datasheet HTML 4Page - Analog Devices ADXL001-500 Datasheet HTML 5Page - Analog Devices ADXL001-500 Datasheet HTML 6Page - Analog Devices ADXL001-500 Datasheet HTML 7Page - Analog Devices ADXL001-500 Datasheet HTML 8Page - Analog Devices ADXL001-500 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
High Performance
Wide Bandwidth Accelerometer
Preliminary Technical Data
ADXL001
This information applies to an ongoing development. Its characteristics and specifications are subject to change without notice.
Analog Devices assumes no obligation regarding future manufacturing unless otherwise agreed to in writing. Patents pending.
Rev.
PrA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
High Performance Accelerometer
±70g, ±250g And ±500g Wideband Ranges Available
22kHz Resonant Frequency Structure
High Linearity (0.2% of Full-scale)
Low-Noise (4 mg/ Hz )
Sensitive Axis in the Plane of the Chip
Frequency Response Down To DC
Full Differential Signal Processing
High Resistance to EMI/RFI
Complete Electromechanical Self-test
Output Ratiometric to Supply
Velocity Preservation During Acceleration Input Overload
Low-Power Consumption (2.5mA typ)
5mm LCC Hermetic Ceramic Package
APPLICATIONS
Vibration Monitoring
Shock Detection
Sports Diagnostic Equipment
Medical Instrumentation
Industrial Monitoring
GENERAL DESCRIPTION
The ADXL001 is a major advance over previous generations of
accelerometers - providing high performance and wide
bandwidth. This part is ideal for industrial, medical, and
military applications where wide bandwidth, small size, low
power, and robust performance are essential.
Utilizing our proprietary 5th Generation iMEMs process
enables the ADXL001 to provide the desired dynamic range that
extends from +/-70g to +/-500g in combination with 22kHz of
bandwidth. The accelerometer output channel passes through a
wide bandwidth differential to single ended converter, which
allows access to the full mechanical performance of the sensor.
The part can operate on voltage supplies from 3.3V to 5V.
The ADXL001 also has a Self-Test (ST) pin that can be asserted
to verify the full electromechanical signal chain for the
accelerometer channel.
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
The ADXL001 is available in industry standard 8 pin LCC and
is rated to work over the extended industrial temperature range
(-40 to +125C).
-10.0
-5.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
1
10
100
1000
10000
100000
Frequency (Hz)
Figure 2. Sensor Frequency Response
MOD
SELF–TEST


Số phần tương tự - ADXL001-500

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADXL001-500BEZ AD-ADXL001-500BEZ Datasheet
307Kb / 16P
   High Performance, Wide Bandwidth Accelerometer
REV. A
ADXL001-500BEZ-R7 AD-ADXL001-500BEZ-R7 Datasheet
307Kb / 16P
   High Performance, Wide Bandwidth Accelerometer
REV. A
More results

Mô tả tương tự - ADXL001-500

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADXL001 AD-ADXL001_10 Datasheet
307Kb / 16P
   High Performance, Wide Bandwidth Accelerometer
REV. A
ADXL1005 AD-ADXL1005 Datasheet
494Kb / 14P
   Low Noise, Wide Bandwidth, MEMS Accelerometer
ADXL1003 AD-ADXL1003 Datasheet
512Kb / 14P
   Low Noise, Wide Bandwidth, MEMS Accelerometer
ADXL1004 AD-ADXL1004 Datasheet
442Kb / 14P
   Low Noise, Wide Bandwidth, MEMS Accelerometer
logo
List of Unclassifed Man...
CXL02TG3 ETC2-CXL02TG3 Datasheet
391Kb / 2P
   HIGH PERFORMANCE ACCELEROMETER
logo
SYNERGY MICROWAVE CORPO...
KBK-746S SYNERGY-KBK-746S Datasheet
372Kb / 3P
   wide bandwidth
logo
M.S. Kennedy Corporatio...
MSK738 MSK-MSK738_15 Datasheet
421Kb / 5P
   Wide Bandwidth
logo
Micross Components
HMC361 MICROSS-HMC361 Datasheet
836Kb / 9P
   Wide Bandwidth
HMC363 MICROSS-HMC363 Datasheet
847Kb / 9P
   Wide Bandwidth
logo
M.S. Kennedy Corporatio...
MSK600 MSK-MSK600 Datasheet
188Kb / 6P
   WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com