công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KMPC860PZQ80D4 bảng dữ liệu(PDF) 9 Page - Freescale Semiconductor, Inc

tên linh kiện KMPC860PZQ80D4
Giải thích chi tiết về linh kiện  PowerQUICC??Family Hardware Specifications
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KMPC860PZQ80D4 bảng dữ liệu(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button KMPC860PZQ80D4 Datasheet HTML 5Page - Freescale Semiconductor, Inc KMPC860PZQ80D4 Datasheet HTML 6Page - Freescale Semiconductor, Inc KMPC860PZQ80D4 Datasheet HTML 7Page - Freescale Semiconductor, Inc KMPC860PZQ80D4 Datasheet HTML 8Page - Freescale Semiconductor, Inc KMPC860PZQ80D4 Datasheet HTML 9Page - Freescale Semiconductor, Inc KMPC860PZQ80D4 Datasheet HTML 10Page - Freescale Semiconductor, Inc KMPC860PZQ80D4 Datasheet HTML 11Page - Freescale Semiconductor, Inc KMPC860PZQ80D4 Datasheet HTML 12Page - Freescale Semiconductor, Inc KMPC860PZQ80D4 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 80 page
background image
MPC860 PowerQUICC™ Family Hardware Specifications, Rev. 8
Freescale Semiconductor
9
Thermal Characteristics
Table 4 shows the thermal characteristics for the MPC860.
Table 4. MPC860 Thermal Resistance Data
Rating
Environment
Symbol
ZP
MPC860P
ZQ / VR
MPC860P
Unit
Mold Compound Thickness
0.85
1.15
mm
Junction-to-ambient 1
1 Junction temperature is a function of on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, airflow, power dissipation of other components on the board, and board thermal
resistance.
Natural convection
Single-layer board (1s)
RθJA
2
2 Per SEMI G38-87 and JEDEC JESD51-2 with the single-layer board horizontal.
34
34
•C/W
C/W
Four-layer board (2s2p)
RθJMA
3
3 Per JEDEC JESD51-6 with the board horizontal.
22
22
Airflow (200 ft/min)
Single-layer board (1s)
RθJMA
3
27
27
Four-layer board (2s2p)
RθJMA
3
18
18
Junction-to-board 4
4 Thermal resistance between the die and the printed-circuit board per JEDEC JESD51-8. Board temperature is measured
on the top surface of the board near the package.
RθJB
14
13
Junction-to-case 5
5 Indicates the average thermal resistance between the die and the case top surface as measured by the cold plate method
(MIL SPEC-883 Method 1012.1) with the cold plate temperature used for the case temperature. For exposed pad
packages where the pad would be expected to be soldered, junction-to-case thermal resistance is a simulated value from
the junction to the exposed pad without contact resistance.
RθJC
68
Junction-to-package top 6
6 Thermal characterization parameter indicating the temperature difference between the package top and the junction
temperature per JEDEC JESD51-2.
Natural convection
ΨJT
22


Số phần tương tự - KMPC860PZQ80D4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
KMPC860PZQ80D4 FREESCALE-KMPC860PZQ80D4 Datasheet
1Mb / 80P
   Hardware Specifications
More results

Mô tả tương tự - KMPC860PZQ80D4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MPC862 FREESCALE-MPC862_06 Datasheet
1Mb / 88P
   PowerQUICC??Family Hardware Specifications
MPC8270VVUPEA FREESCALE-MPC8270VVUPEA Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
MPC8270ZQMIBA FREESCALE-MPC8270ZQMIBA Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
MPC8247VRTMFA FREESCALE-MPC8247VRTMFA Datasheet
400Kb / 61P
   PowerQUICC II Family Hardware Specifications
logo
Motorola, Inc
MPC8280 MOTOROLA-MPC8280 Datasheet
1Mb / 76P
   PowerQUICC II Family Hardware Specifications
logo
NXP Semiconductors
MPC860EC NXP-MPC860EC Datasheet
1Mb / 77P
   MPC860 PowerQUICC Family Hardware Specifications
Rev. 10, 09/2015
logo
Freescale Semiconductor...
MPC8272 FREESCALE-MPC8272_06 Datasheet
921Kb / 60P
   PowerQUICC II??Family Hardware Specifications
MPC8248VRPIEA FREESCALE-MPC8248VRPIEA Datasheet
400Kb / 61P
   PowerQUICC II Family Hardware Specifications
MPC8272EC FREESCALE-MPC8272EC Datasheet
748Kb / 60P
   PowerQUICC II??Family Hardware Specifications
logo
NXP Semiconductors
MPC8280 NXP-MPC8280 Datasheet
928Kb / 83P
   PowerQUICC II Family Hardware Specifications
Rev. 2, 09/2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com