công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese▼

Delete All
ON OFF
ALLDATASHEET.VN

X  

Preview PDF Download HTML

B-15-155-T-SSC4 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

tên linh kiện B-15-155-T-SSC4
Nội dung chi tiết  155 Mbps Bi-directional SC Receptacle Single Fiber Transceiver
tải về  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo 

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
155 Mbps Bi-directional SC Receptacle
Single Fiber Transceiver
B-15/13-155-T(3)-SSC4
Warnings
Legal Notice
Connection Diagram
1. (Rx GND)
2. (Rx +)
NC
3. (Rx-)
4. (SD)
5. (Rx Vcc)
Top View
6. (Tx Vcc)
7. (TD-)
NC
8. (TD+)
9. (Tx GND)
Receiver Signal Ground
Receiver Data Out
Receiver Data Out Bar
Signal Detect
Receiver Power Supply
Transmitter Power Supply
Transmitter Data In Bar
Transmitter Data in
Transmitter Signal Ground
PIN
Symbol
Notes
1
RxGND
Directly connect this pin to the receiver ground plane
2
RD+
See recommended circuit schematic
3
RD-
See recommended circuit schematic
4
SD
Active high on this indicates a received optical signal
5
RxVcc
dc power for the receiver section
6
TxVcc
dc power for the transmitter section
7
TD-
See recommended circuit schematic
8
TD+
See recommended circuit schematic
9
TxGND
Directly connect this pin to the transmitter ground plane



Html Pages

1  2  3  4  5  6  7 


bảng dữ liệu tải về




Link URL




Privacy Policy
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ]  

Alldatasheet là?   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Đánh dấu trang   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved© Alldatasheet.com


Site nhân bản
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn