công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC9881IRGER bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện DAC9881IRGER
Giải thích chi tiết về linh kiện  18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DAC9881IRGER bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button DAC9881IRGER Datasheet HTML 5Page - Texas Instruments DAC9881IRGER Datasheet HTML 6Page - Texas Instruments DAC9881IRGER Datasheet HTML 7Page - Texas Instruments DAC9881IRGER Datasheet HTML 8Page - Texas Instruments DAC9881IRGER Datasheet HTML 9Page - Texas Instruments DAC9881IRGER Datasheet HTML 10Page - Texas Instruments DAC9881IRGER Datasheet HTML 11Page - Texas Instruments DAC9881IRGER Datasheet HTML 12Page - Texas Instruments DAC9881IRGER Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
TIMING CHARACTERISTICS for Figure 2 and Figure 3
(1) (2) (3)
DAC9881
SBAS438 – MAY 2008........................................................................................................................................................................................................ www.ti.com
At –40
°C to +85°C, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
MAX
UNIT
2.7
≤ DVDD < 3.6V, 2.7 ≤ IOVDD ≤ DVDD
20
MHz
fSCLK
Maximum clock frequency
3.6
≤ DVDD ≤ 5.5V, 2.7 ≤ IOVDD ≤ DVDD
25
MHz
2.7
≤ DVDD < 3.6V, 2.7 ≤ IOVDD ≤ DVDD
50
ns
t1
Minumum CS high time
3.6
≤ DVDD ≤ 5.5V, 2.7 ≤ IOVDD ≤ DVDD
30
ns
2.7
≤ DVDD < 3.6V, 2.7 ≤ IOVDD ≤ DVDD
10
ns
t2
CS falling edge to SCLK rising edge
3.6
≤ DVDD ≤ 5.5V, 2.7 ≤ IOVDD ≤ DVDD
8
ns
2.7
≤ DVDD < 3.6V, 2.7 ≤ IOVDD ≤ DVDD
10
ns
SCLK falling edge to CS falling edge setup
t3
time
3.6
≤ DVDD ≤ 5.5V, 2.7 ≤ IOVDD ≤ DVDD
10
ns
2.7
≤ DVDD < 3.6V, 2.7 ≤ IOVDD ≤ DVDD
25
ns
t4
SCLK low time
3.6
≤ DVDD ≤ 5.5V, 2.7 ≤ IOVDD ≤ DVDD
20
ns
2.7
≤ DVDD < 3.6V, 2.7 ≤ IOVDD ≤ DVDD
25
ns
t5
SCLK high time
3.6
≤ DVDD ≤ 5.5V, 2.7 ≤ IOVDD ≤ DVDD
20
ns
2.7
≤ DVDD < 3.6V, 2.7 ≤ IOVDD ≤ DVDD
50
ns
t6
SCLK cycle time
3.6
≤ DVDD ≤ 5.5V, 2.7 ≤ IOVDD ≤ DVDD
40
ns
2.7
≤ DVDD < 3.6V, 2.7 ≤ IOVDD ≤ DVDD
10
ns
t7
SCLK rising edge to CS rising edge
3.6
≤ DVDD ≤ 5.5V, 2.7 ≤ IOVDD ≤ DVDD
10
ns
2.7
≤ DVDD < 3.6V, 2.7 ≤ IOVDD ≤ DVDD
5
ns
t8
Input data setup time
3.6
≤ DVDD ≤ 5.5V, 2.7 ≤ IOVDD ≤ DVDD
5
ns
2.7
≤ DVDD < 3.6V, 2.7 ≤ IOVDD ≤ DVDD
5
ns
t9
Input data hold time
3.6
≤ DVDD ≤ 5.5V, 2.7 ≤ IOVDD ≤ DVDD
5
ns
2.7
≤ DVDD < 3.6V, 2.7 ≤ IOVDD ≤ DVDD
15
ns
t10
SDO active from CS falling edge
3.6
≤ DVDD ≤ 5.5V, 2.7 ≤ IOVDD ≤ DVDD
10
ns
2.7
≤ DVDD < 3.6V, 2.7 ≤ IOVDD ≤ DVDD
20
ns
t11
SDO data valid from SCLK falling edge
3.6
≤ DVDD ≤ 5.5V, 2.7 ≤ IOVDD ≤ DVDD
15
ns
2.7
≤ DVDD < 3.6V, 2.7 ≤ IOVDD ≤ DVDD
25
ns
t12
SDO data hold from SCLK rising edge
3.6
≤ DVDD ≤ 5.5V, 2.7 ≤ IOVDD ≤ DVDD
20
ns
2.7
≤ DVDD < 3.6V, 2.7 ≤ IOVDD ≤ DVDD
8
ns
t13
SDO High-Z from CS rising edge
3.6
≤ DVDD ≤ 5.5V, 2.7 ≤ IOVDD ≤ DVDD
5
ns
2.7
≤ DVDD < 3.6V, 2.7 ≤ IOVDD ≤ DVDD
10
ns
t14
CS rising edge to LDAC falling edge
3.6
≤ DVDD ≤ 5.5V, 2.7 ≤ IOVDD ≤ DVDD
5
ns
2.7
≤ DVDD < 3.6V, 2.7 ≤ IOVDD ≤ DVDD
15
ns
t15
LDAC pulse width
3.6
≤ DVDD ≤ 5.5V, 2.7 ≤ IOVDD ≤ DVDD
10
ns
(1)
All input signals are specified with tR = tF = 2ns (10% to 90% of IOVDD) and timed from a voltage level of IOVDD/2.
(2)
Ensured by design. Not production tested.
(3)
Sample tested during the initial release and after any redesign or process changes that may affect these parameters.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): DAC9881


Số phần tương tự - DAC9881IRGER

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DAC9881 TI-DAC9881 Datasheet
1Mb / 38P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC9881 TI1-DAC9881 Datasheet
1Mb / 39P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC9881B TI1-DAC9881B Datasheet
1Mb / 39P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC9881S TI1-DAC9881S Datasheet
1Mb / 39P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC9881SB TI1-DAC9881SB Datasheet
1Mb / 39P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
More results

Mô tả tương tự - DAC9881IRGER

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DAC9881_0808 TI-DAC9881_0808 Datasheet
1Mb / 38P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC9881 TI1-DAC9881_15 Datasheet
1Mb / 39P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC8881 TI-DAC8881 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC8581 TI-DAC8581 Datasheet
507Kb / 14P
[Old version datasheet]   16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8581 TI1-DAC8581_16 Datasheet
1Mb / 20P
[Old version datasheet]   16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7613 TI1-DAC7613_14 Datasheet
1Mb / 14P
[Old version datasheet]   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7641 TI1-DAC7641_08 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7641 BURR-BROWN-DAC7641 Datasheet
1,000Kb / 18P
   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7613 BURR-BROWN-DAC7613 Datasheet
559Kb / 9P
   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7613E TI1-DAC7613E Datasheet
746Kb / 13P
[Old version datasheet]   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com