công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMX2306 bảng dữ liệu(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LMX2306
Giải thích chi tiết về linh kiện  PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2306 bảng dữ liệu(HTML) 8 Page - National Semiconductor (TI)

Back Button LMX2306 Datasheet HTML 4Page - National Semiconductor (TI) LMX2306 Datasheet HTML 5Page - National Semiconductor (TI) LMX2306 Datasheet HTML 6Page - National Semiconductor (TI) LMX2306 Datasheet HTML 7Page - National Semiconductor (TI) LMX2306 Datasheet HTML 8Page - National Semiconductor (TI) LMX2306 Datasheet HTML 9Page - National Semiconductor (TI) LMX2306 Datasheet HTML 10Page - National Semiconductor (TI) LMX2306 Datasheet HTML 11Page - National Semiconductor (TI) LMX2306 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
1.0 Functional Description (Continued)
1.2 PROGRAMMABLE DIVIDER (N COUNTER)
The N counter consists of the 5-bit swallow counter (A counter) and the 13-bit programmable counter (B counter). If the Control
Bits are [C
1,C2] = [1,0], data is transferred from the 21-bit shift register into a 5-bit latch (which sets the Swallow (A) Counter),
a 13-bit latch (which sets the 13-bit programmable (B) Counter), and the GO bit (See Section 1.3.4 FastLock MODES section)
MSB first. For the LMX2306 the maximum N value is 65535 and the minimum N value is 56. For the LMX2316/26, the maximum
N value is 262143 and the minimum N value is 992. Serial data format is shown below.
10012706
Note: Data is shifted in MSB first.
1.2.1 5-bit Swallow Counter Divide Ratio (A Counter)
LMX2316/26
Divide
NNNN
N
Ratio
5432
1
0
0000
0
1
0000
1
••••
31
1111
1
Note: Divide ratio: 0 to 31
B
≥ A
LMX2306
Divide
NNNN
N
Ratio
5432
1
0X
X
0
0
0
Divide
NNNN
N
Ratio
5432
1
1X
X
0
0
1
••••
7X
X
1
1
1
Note: Divide ratio: 0 to 7
B
≥ A
X denotes a Don’t Care condition
1.2.2 13-Bit Programmable Counter Divide Ratio (B Counter)
Divide
NNNNNNNNN
N
N
N
N
Ratio
18
17
16
15
14
13
12
11
10
9
8
7
6
3
000000000
0
0
1
1
4
000000000
0
1
0
0
•••••••••
8191
111111111
1
1
1
1
Divide ratio: 3 to 8191 (Divide ratios less than 3 are prohibited)
B
≥A
1.2.3 Pulse Swallow Function
fvco = [(P x B) + A] x fosc/R
f
vco: Output frequency of external voltage controlled oscillator (VCO)
B:
Preset divide ratio of binary 13-bit programmable counter (3 to 8191)
A:
Preset divide ratio of binary 5-bit swallow counter (0
≤ A ≤ 31; A ≤ B for LMX2316/26)
or (0
≤ A ≤ 7, A ≤ B for LMX2306)
f
osc: Output frequency of the external reference frequency oscillator
R:
Preset divide ratio of binary 14-bit programmable reference counter (3 to 16383)
P:
Preset modulus of dual modulus prescaler
for the LMX2306; P = 8
for the LMX2316/26; P = 32
www.national.com
8


Số phần tương tự - LMX2306

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMX2306 NSC-LMX2306 Datasheet
300Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2306 TI-LMX2306 Datasheet
548Kb / 19P
[Old version datasheet]   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications LMX2306 550 MHz, LMX2316 1.2 GHz, LMX2326 2.8 GHz
logo
National Semiconductor ...
LMX2306SLBX NSC-LMX2306SLBX Datasheet
300Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
LMX2306TM NSC-LMX2306TM Datasheet
300Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
LMX2306TMX NSC-LMX2306TMX Datasheet
300Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
More results

Mô tả tương tự - LMX2306

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMX2326TM TI1-LMX2326TM Datasheet
548Kb / 19P
[Old version datasheet]   PLLatinum Low Power Frequency Synthesizer for RF Personal Communications
logo
National Semiconductor ...
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
   PLLatinum??Frequency Synthesizer for RF Personal Communications
LMX2306 NSC-LMX2306 Datasheet
300Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2310U NSC-LMX2310U Datasheet
662Kb / 29P
   PLLatinum??Ultra Low Power Frequency Synthesizer for RF Personal Communications
LMX2370 NSC-LMX2370 Datasheet
217Kb / 16P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2335 TI-LMX2335 Datasheet
437Kb / 19P
[Old version datasheet]   PLLatinum Dual Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com