công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LC128646-NFNGS3V bảng dữ liệu(PDF) 7 Page - List of Unclassifed Manufacturers

tên linh kiện LC128646-NFNGS3V
Giải thích chi tiết về linh kiện  LCD Module Specification
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

LC128646-NFNGS3V bảng dữ liệu(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button LC128646-NFNGS3V Datasheet HTML 3Page - List of Unclassifed Manufacturers LC128646-NFNGS3V Datasheet HTML 4Page - List of Unclassifed Manufacturers LC128646-NFNGS3V Datasheet HTML 5Page - List of Unclassifed Manufacturers LC128646-NFNGS3V Datasheet HTML 6Page - List of Unclassifed Manufacturers LC128646-NFNGS3V Datasheet HTML 7Page - List of Unclassifed Manufacturers LC128646-NFNGS3V Datasheet HTML 8Page - List of Unclassifed Manufacturers LC128646-NFNGS3V Datasheet HTML 9Page - List of Unclassifed Manufacturers LC128646-NFNGS3V Datasheet HTML 10Page - List of Unclassifed Manufacturers LC128646-NFNGS3V Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LG128642-BMDWH6V
- 7 -
4. OPERATING PRINCIPLES & METHODES
4.1 I/O Buffer
Input buffer controls the status between the enable and display of chip. Unless the IC
(selected by /CS1, /CS2) is in active mode, input or output of data and instruction does
not execute. Therefore internal state is maintained. But /RST can operate regardless the
level of /CS1 or /CS2.
4.2 Register
Both input register and output register are provided to interface to MPU of which the
speed is different from that of internal operation. The selections of these registers depend
on the combination of R/W and RS signals.
RS
R/W
Function
L
Instruction
L
H
Status read (busy check)
L
Data write (from input register to display data RAM)
H
H
Data read (from display data RAM to output register)
4.2.1 Input Register
Input register stores the data temporarily before writing it into display data RAM.
When the IC is in active mode, R/W and RS select the input register. The data from MPU
is written into input register, then into display data RAM. Data is latched at falling edge of
the E signal and then written into the display data RAM automatically by internal
operation.
4.2.2 Output Register
Output register stores the data temporarily which is read from display data RAM when the
IC is in active mode and R/W and RS=H, stored data in display data RAM is latched in
output register. When the IC is in active mode and R/W=H, RS=L, status data (busy
check) can be read out.
To read the contents of display data RAM, twice access of read instruction is needed. In
first access, data in display data RAM is latched into output register. In second access,
MPU can read data that is latched in output register. That is, to read the data in display
data RAM, it needs dummy read. But status read does not need dummy read.
The following shows the MPU read timing.


Số phần tương tự - LC128646-NFNGS3V

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sumida Corporation
LC128B SUMIDA-LC128B Datasheet
92Kb / 1P
   DC-DC CONVERTER?늁IN?
LC128B SUMIDA-LC128B_1 Datasheet
99Kb / 1P
   General Power Transformer
More results

Mô tả tương tự - LC128646-NFNGS3V

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OPTREX CORPORATION
DMC20261NYJ-LY-BCE OPTREX-DMC20261NYJ-LY-BCE Datasheet
179Kb / 16P
   LCD Module Specification
DMC20481NY-LY-AGE OPTREX-DMC20481NY-LY-AGE Datasheet
180Kb / 16P
   LCD Module Specification
DM16207H OPTREX-DM16207H Datasheet
164Kb / 15P
   LCD Module Specification
logo
OPTEK Technologies
DMC20261NY-LY-AXE OPTEK-DMC20261NY-LY-AXE Datasheet
178Kb / 16P
   LCD Module Specification
DMC50448 OPTEK-DMC50448 Datasheet
169Kb / 15P
   LCD Module Specification
logo
OPTREX CORPORATION
DMC16205 OPTREX-DMC16205 Datasheet
165Kb / 15P
   LCD Module Specification
logo
List of Unclassifed Man...
AT043TN13 ETC2-AT043TN13 Datasheet
408Kb / 25P
   LCD MODULE SPECIFICATION
ST50AN01 ETC1-ST50AN01 Datasheet
148Kb / 8P
   LCD MODULE SPECIFICATION
GM123210SFSYB-01 ETC-GM123210SFSYB-01 Datasheet
218Kb / 20P
   LCD MODULE SPECIFICATION
GM126414FRNNB-01 ETC-GM126414FRNNB-01 Datasheet
837Kb / 23P
   LCD MODULE SPECIFICATION
logo
OPTREX CORPORATION
F-51167NCU-FW-AB OPTREX-F-51167NCU-FW-AB Datasheet
281Kb / 17P
   LCD Module Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com