công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS3021_0710 bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện TS3021_0710
Giải thích chi tiết về linh kiện  Rail-to-rail 1.8V high-speed comparator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3021_0710 bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  TS3021_0710 Datasheet HTML 1Page - STMicroelectronics TS3021_0710 Datasheet HTML 2Page - STMicroelectronics TS3021_0710 Datasheet HTML 3Page - STMicroelectronics TS3021_0710 Datasheet HTML 4Page - STMicroelectronics TS3021_0710 Datasheet HTML 5Page - STMicroelectronics TS3021_0710 Datasheet HTML 6Page - STMicroelectronics TS3021_0710 Datasheet HTML 7Page - STMicroelectronics TS3021_0710 Datasheet HTML 8Page - STMicroelectronics TS3021_0710 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
October 2007
Rev 4
1/16
16
TS3021-TS3022
Rail-to-rail 1.8V high-speed comparator
Features
Propagation delay: 33ns
Low current consumption: 64
μA
Rail-to-rail inputs
Push-pull outputs
Supply operation from 1.8V to 5V
Wide temperature range: -40°C to +125°C
ESD tolerance: 2kV HBM / 200V MM
Latch-up immunity: 200mA
SMD packages
Applications
Telecom
Instrumentation
Signal conditioning
High-speed sampling systems
Portable communication systems
Description
The TS3021 and TS3022 single and dual
comparators feature high-speed response time
with rail-to-rail inputs. Specified from 2V to 5V
supply voltage, these comparators can operate
over a wide temperature range: -40°C to +125°C.
The TS3021 and TS3022 comparators offer
micropower consumption as low as a few tens of
microamperes thus providing an excellent ratio of
power consumption current versus response time.
The TS3021 and TS3022 include push-pull
outputs and are available in small packages
(SMD).
Pin connections (top view)
TS3021
SOT23-5 / SC70-5
TS3022
SO-8 / MiniSO-8
VDD
VCC
1
2
3
5
4
8
7
6
Non Inverting Input 1
Inverting Input 1
Output 2
+
_
Output 1
Non Inverting Input 2
Inverting Input 2
+
_
VDD
VCC
1
2
3
5
4
8
7
6
Non Inverting Input 1
Inverting Input 1
Output 2
+
_
Output 1
Non Inverting Input 2
Inverting Input 2
+
_
Pin connections (top view)
5
4
OUT
Vcc-
1
2
IN+
Vcc+
3
IN-
+
-
www.st.com


Số phần tương tự - TS3021_0710

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
TS3021A STMICROELECTRONICS-TS3021A Datasheet
610Kb / 16P
   Rail-to-rail 1.8 V high-speed comparator
Rev 9 - October 2022
TS3021AILT STMICROELECTRONICS-TS3021AILT Datasheet
610Kb / 16P
   Rail-to-rail 1.8 V high-speed comparator
Rev 9 - October 2022
TS3021H STMICROELECTRONICS-TS3021H Datasheet
1Mb / 19P
   Automotive rail-to-rail 1.8 V high-speed comparator
August 2016 Rev 2
TS3021ICT STMICROELECTRONICS-TS3021ICT Datasheet
27Kb / 1P
   Rail-to-Rail 1.8V High-Speed Micropower Comparators
January 2005
TS3021ICT STMICROELECTRONICS-TS3021ICT Datasheet
901Kb / 17P
   Rail-to-rail 1.8V high-speed comparator
More results

Mô tả tương tự - TS3021_0710

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
TS3021 STMICROELECTRONICS-TS3021 Datasheet
901Kb / 17P
   Rail-to-rail 1.8V high-speed comparator
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1_14 Datasheet
1,007Kb / 23P
[Old version datasheet]   Rail-to-Rail High-Speed Comparator
logo
STMicroelectronics
TS3011 STMICROELECTRONICS-TS3011 Datasheet
239Kb / 14P
   Rail-to-rail high-speed comparator
TS3022 STMICROELECTRONICS-TS3022 Datasheet
27Kb / 1P
   Rail-to-Rail 1.8V High-Speed Micropower Comparators
January 2005
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1 Datasheet
575Kb / 17P
[Old version datasheet]   4.5-ns RAIL-TO-RAIL HIGH-SPEED COMPARATOR
logo
Nisshinbo Micro Devices...
NJU7725X NISSHINBO-NJU7725X Datasheet
2Mb / 31P
   High-Speed, Rail-to-Rail Input, CMOS Comparator
June 30, 2022 Ver.0.3
logo
STMicroelectronics
TS3021 STMICROELECTRONICS-TS3021_V01 Datasheet
610Kb / 16P
   Rail-to-rail 1.8 V high-speed comparator
Rev 9 - October 2022
logo
National Semiconductor ...
LMV7251 NSC-LMV7251 Datasheet
221Kb / 11P
   1.8V Low Voltage Comparator with Rail-to-Rail Input
logo
Texas Instruments
TLV3501A-Q1 TI1-TLV3501A-Q1_15 Datasheet
998Kb / 22P
[Old version datasheet]   Rail-to-Rail, High-Speed Comparator in Microsize Packages
logo
STMicroelectronics
TS3021H STMICROELECTRONICS-TS3021H Datasheet
1Mb / 19P
   Automotive rail-to-rail 1.8 V high-speed comparator
August 2016 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com