công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KTX2-433 bảng dữ liệu(PDF) 2 Page - Radiometrix Ltd

tên linh kiện KTX2-433
Giải thích chi tiết về linh kiện  UHF FM Code-Hopping Data Transmitter Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RADIOMETRIX [Radiometrix Ltd]
Trang chủ  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

KTX2-433 bảng dữ liệu(HTML) 2 Page - Radiometrix Ltd

  KTX2-433 Datasheet HTML 1Page - Radiometrix Ltd KTX2-433 Datasheet HTML 2Page - Radiometrix Ltd KTX2-433 Datasheet HTML 3Page - Radiometrix Ltd KTX2-433 Datasheet HTML 4Page - Radiometrix Ltd KTX2-433 Datasheet HTML 5Page - Radiometrix Ltd KTX2-433 Datasheet HTML 6Page - Radiometrix Ltd KTX2-433 Datasheet HTML 7Page - Radiometrix Ltd KTX2-433 Datasheet HTML 8Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Radiometrix Ltd, KTX2 Data Sheet
page 2
Functional and operational description
The KTX2 transmitter module is a crystal based PLL controlled FM code-hopping transmitter with a pre-
programmed Electronic Serial Number (ESN), operating between 3V and 6V supply, at 433.92MHz.
KTX2 is designed to meet or exceed EN 300 220-3 standards for European use and delivers nominally
+3dBm at 8mA (for 5V supply). The module measures 36.2 x 15.2 x 4.5 mm.
The module is very easy to use: there are no modulation input or transmitter-enable pins. The activation
of any combination of the four function lines (S0 – S3) causes a data transmission, part of which is the
status of S0 – S3, i.e. the function code. In this way, up to 15 different control combinations can be sent
from one module. Simple pushbuttons can be connected directly between S0 – S3 and Vcc if desired. The
module will transmit repeatedly whilst any of the function lines is held high for up to 30 seconds (approx.),
when a power-saving time-out feature is activated.
Vcc
(pin 4)
+3V to +6V DC supply. Max ripple content 0.1VP-P. Decoupling is not generally required.
S0
(pin 5)
Input (0) – activate high (>0.55Vcc – Vcc) to cause a transmission.
S1
(pin 6)
Input (1) – activate high (>0.55Vcc – Vcc) to cause a transmission.
S2
(pin 7)
Input (2) – activate high (>0.55Vcc – Vcc) to cause a transmission.
S3
(pin 8)
Input (3) – activate high (>0.55Vcc – Vcc) to cause a transmission.
Internal Use (pin 9)
Modulation (Data). This pin is connected to the modulation input of the Transmitter, therefore do not
connect anything to this pin during operation of the module.
RF gnd
433.92 MHz
band pass
filter
buffer
1
RF out
Loop
Filter
Encoder
ref
osc
φ
5
2
supply
regulator
4
3 - 6Vcc
÷32
V C O
3
0V
6
7
8
9
S1
S0
S2
S3
Fig. 2: KTX2 block diagram
Pin description:
RF OUT
(pin 1)
50
Ω RF output to the antenna. Internally DC-
isolated. See antenna section of apps notes for
details of suitable antennas.
RF GND
(pin 2)
RF ground, internally connected to the module
screen and pin 3 (0V). This pin should be
directly connected to the RF return path - e.g.
coax braid, main PCB ground plane etc.
0V
(pin 3)
DC supply ground. Internally connected to pin
2 and module screen.
4.5 mm
36.2 mm
15.2
mm
15.7
mm
PCB level
Radiometrix
KTX2
9 holes, 0.7 mm dia, pin spacing 2.54 mm
Fig 3: KTX2 physical dimensions
15.24 mm
1
1 = RF OUT
2 = RF GND
3 = 0V
4 = Vcc
6 = S1
7 = S2
5 = S0
2
3
4
5
6
7
8
9
8 = S3
9 = Internal Use


Số phần tương tự - KTX2-433

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
KEC(Korea Electronics)
KTX201 KEC-KTX201 Datasheet
102Kb / 5P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (GENERAL PURPOSE)
KTX201 KEC-KTX201 Datasheet
698Kb / 5P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (GENERAL PURPOSE)
KTX201E KEC-KTX201E Datasheet
102Kb / 5P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (GENERAL PURPOSE)
KTX201U KEC-KTX201U Datasheet
698Kb / 5P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (GENERAL PURPOSE)
KTX213E KEC-KTX213E Datasheet
57Kb / 4P
   EPITAXIAL PLANAR PNP/NPN TRANSISTOR
More results

Mô tả tương tự - KTX2-433

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Radiometrix Ltd
KTX2 RADIOMETRIX-KTX2_12 Datasheet
395Kb / 8P
   UHF FM Code-Hopping Data Transmitter Module
KRX2 RADIOMETRIX-KRX2 Datasheet
141Kb / 9P
   UHF FM Code-Hopping Receiver Module
KFX2 RADIOMETRIX-KFX2 Datasheet
370Kb / 4P
   UHF FM CODE HOPPING REMOTE CONTROL KEYFOB TRANSMITTER
TX2S RADIOMETRIX-TX2S Datasheet
242Kb / 7P
   UHF FM Data Transmitter Module
logo
Microchip Technology
RFHCS362F MICROCHIP-RFHCS362F Datasheet
502Kb / 60P
   Code Hopping Encoder with UHF ASK/FSK Transmitter
2002
RFHCS362G MICROCHIP-RFHCS362G_11 Datasheet
928Kb / 54P
   KEELOQ짰 Code Hopping Encoder with UHF ASK/FSK Transmitter
2011
logo
Radiometrix Ltd
TX3A-869-64 RADIOMETRIX-TX3A-869-64 Datasheet
451Kb / 15P
   UHF FM Data Transmitter and Receiver Modules
TX2A-433-64 RADIOMETRIX-TX2A-433-64 Datasheet
269Kb / 11P
   UHF FM Data Transmitter and Receiver Modules
TX2A RADIOMETRIX-TX2A Datasheet
207Kb / 10P
   UHF FM Data Transmitter and Receiver Modules
TX2-433-40-5V RADIOMETRIX-TX2-433-40-5V Datasheet
753Kb / 15P
   UHF FM Data Transmitter and Receiver Modules
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com