công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KRX416-000-SS bảng dữ liệu(PDF) 3 Page - Radiometrix Ltd

tên linh kiện KRX416-000-SS
Giải thích chi tiết về linh kiện  Code-hopping decoder with 4 outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RADIOMETRIX [Radiometrix Ltd]
Trang chủ  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

KRX416-000-SS bảng dữ liệu(HTML) 3 Page - Radiometrix Ltd

  KRX416-000-SS Datasheet HTML 1Page - Radiometrix Ltd KRX416-000-SS Datasheet HTML 2Page - Radiometrix Ltd KRX416-000-SS Datasheet HTML 3Page - Radiometrix Ltd KRX416-000-SS Datasheet HTML 4Page - Radiometrix Ltd KRX416-000-SS Datasheet HTML 5Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Radiometrix Ltd
KRX416
page 3
Function S0 =1
Message repeated....
150ms: end of message
240ms: function activated
Start of new message
S0 Output
RXD
Notes:
1.
Absolute maximum source/sink current from each S0-S3, LED-L, LED-V pins is 25mA.
2.
Output pulse length is between 10 and 12ms
3.
Can be held high or low. When high, the outputs S0-S3 will be active only for a brief period
(see note 2), even if the same message continues to be received over and over again – this is
intended as a control pulse for interfacing to additional logic or a microcontroller and is the
most basic and secure way to use the decoder.
When low, the outputs will be active for 350-500ms (approx.) and this long period allows
“refreshing” by repeat messages from the same transmitter. In this way, repeated
transmissions with the same code (e.g. a user holding down a function-code button at the
transmitter) will cause the respective decoder output also to stay active, until the message
ceases to be received within the 350-500ms window. The function-code may change (i.e. be
added to) but the outputs will not be cleared until reception of the message has ended.
Data from a code-hopped message
Transmission format is 1250bps (nominal rate) Manchester encoding. Although the function-code is
only 4 bits, total message length is 67 bits. This includes a 28-bit serial number and a 32-bit encrypted
hop-code. Note that the serial number and function code data is not encrypted. The correct status of
the transmission is used to validate the data. This is achieved through use of the ever changing hop-
code (changes for every new message) and by synchronising the KRX416 IC to the transmitter(s) in use.
Put another way: the KRX416 “Learns” individual unique transmitters, as required by the user.
The hop-code is encrypted using the serial number of the transmitter plus the manufacturer code (64-
bit), which is kept secret and is not transmitted. The function-code (S0-S3) appears twice in the
message and forms a part of the hop-code encryption process.
If the KRX416 loses synchronisation with the transmitter (e.g. repeated transmitter activation whilst
out of range of the receiver) then the transmitter must be activated twice with valid and sequential hop-
codes before KRX416 will allow the control to be processed. The hop-code is only valid if it is within a
forward window of +32768 activations. This mechanism prevents “code-grabbers” from breaking the
security of the system by recording and re-broadcasting old codes. Additionally, in the KRX416 a
window exists allowing up to 14 transmissions to occur whilst the transmitter is out of range before two
valid sequential transmissions are required to use the system. In practice a user may not notice the
latter, since human reaction to the unsuccessful attempt is simply to “press the button again”.
The level of redundancy and encryption in a message mean that, in simple terms, the KRX416 will only
output a function-code that has been received from a properly recognised and synchronised transmitter.
Figure 3: Timing diagram – showing action upon receiving a message with S0 = 1
In a typical set-up, the time delay between “button-press” at the transmitter and function activation by
the KRX416 IC at the receiver is approx. ¼s.


Số phần tương tự - KRX416-000-SS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
KEC(Korea Electronics)
KRX101 KEC-KRX101 Datasheet
86Kb / 3P
   EPITAXIAL PLANAR PNP/NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX101 KEC-KRX101 Datasheet
85Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX101E KEC-KRX101E Datasheet
86Kb / 3P
   EPITAXIAL PLANAR PNP/NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX101U KEC-KRX101U Datasheet
85Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX102 KEC-KRX102 Datasheet
86Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results

Mô tả tương tự - KRX416-000-SS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
HCS512 MICROCHIP-HCS512_02 Datasheet
317Kb / 26P
   KEELOQ짰 Code Hopping Decoder
2002
HCS515-I MICROCHIP-HCS515-I Datasheet
313Kb / 32P
   KEELOQ Code Hopping Decoder
01/18/02
HCS500 MICROCHIP-HCS500_15 Datasheet
529Kb / 42P
   KEELOQ짰 Code Hopping Decoder
01/27/15
HCS515 MICROCHIP-HCS515 Datasheet
332Kb / 28P
   KEELOQ CODE HOPPING DECODER
2002
HCS512 MICROCHIP-HCS512 Datasheet
224Kb / 20P
   KEELOQ CODE HOPPING DECODER
1997
HCS515 MICROCHIP-HCS515 Datasheet
324Kb / 32P
   KEELOQ Code Hopping Decoder
01/18/02
HCS500-I MICROCHIP-HCS500-I Datasheet
403Kb / 34P
   KEELOQ Code Hopping Decoder
01/18/02
HCS515 MICROCHIP-HCS515_11 Datasheet
820Kb / 38P
   KEELOQ짰 Code Hopping Decoder stand-alone decoder
2011
logo
Radiometrix Ltd
KDEC RADIOMETRIX-KDEC_12 Datasheet
300Kb / 5P
   Code-hopping receiver with up to 5 relay outputs
KDEC RADIOMETRIX-KDEC Datasheet
431Kb / 5P
   Code-hopping receiver with up to 5 relay outputs
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com