công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS4994IST bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện TS4994IST
Giải thích chi tiết về linh kiện  1W differential input/output audio power amplifier with selectable standby
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TS4994IST bảng dữ liệu(HTML) 5 Page - Texas Instruments

  TS4994IST Datasheet HTML 1Page - Texas Instruments TS4994IST Datasheet HTML 2Page - Texas Instruments TS4994IST Datasheet HTML 3Page - Texas Instruments TS4994IST Datasheet HTML 4Page - Texas Instruments TS4994IST Datasheet HTML 5Page - Texas Instruments TS4994IST Datasheet HTML 6Page - Texas Instruments TS4994IST Datasheet HTML 7Page - Texas Instruments TS4994IST Datasheet HTML 8Page - Texas Instruments TS4994IST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
TS4994
Absolute maximum ratings and operating conditions
5/35
2
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
6V
Vi
Input voltage (2)
GND to VCC
V
Toper
Operating free air temperature range
-40 to + 85
°C
Tstg
Storage temperature
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthja
Thermal resistance junction to ambient (3)
DFN10
MiniSO-8
120
215
°C/W
Pdiss
Power dissipation
internally limited
W
ESD
Human body model
2
kV
Machine model
200
V
Latch-up immunity
200
mA
Lead temperature (soldering, 10sec)
260
°C
1.
All voltage values are measured with respect to the ground pin.
2.
The magnitude of the input signal must never exceed VCC + 0.3V / GND - 0.3V.
3.
The device is protected by a thermal shutdown active at 150°C.
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2.5 to 5.5
V
VSM
Standby mode voltage input:
Standby active LOW
Standby active HIGH
VSM=GND
VSM=VCC
V
VSTBY
Standby voltage input:
Device ON (VSM = GND) or device OFF (VSM =VCC)
Device OFF (VSM = GND) or device ON (VSM =VCC)
1.5
≤ VSTBY ≤ VCC
GND
≤ VSTBY≤ 0.4 (1)
V
TSD
Thermal shutdown temperature
150
°C
RL
Load resistor
≥ 8
Ω
Rthja
Thermal resistance junction to ambient
DFN10 (2)
MiniSO-8
80
190
°C/W
1.
The minimum current consumption (ISTBY) is guaranteed when VSTBY =GND or VCC (i.e. supply rails) for the whole
temperature range.
2.
When mounted on a 4-layer PCB.


Số phần tương tự - TS4994IST

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
TS4994IST STMICROELECTRONICS-TS4994IST Datasheet
762Kb / 31P
   1W Differential Input/Output Audio Power Amplifier with Selectable Standby
More results

Mô tả tương tự - TS4994IST

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
TS4994 STMICROELECTRONICS-TS4994 Datasheet
762Kb / 31P
   1W Differential Input/Output Audio Power Amplifier with Selectable Standby
TS4994FC STMICROELECTRONICS-TS4994FC Datasheet
673Kb / 35P
   1.2 W differential input/output audio power amplifier with selectable standby
TS4872 STMICROELECTRONICS-TS4872_05 Datasheet
1,018Kb / 29P
   RAIL TO RAIL INPUT/OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
TS4872 STMICROELECTRONICS-TS4872 Datasheet
960Kb / 29P
   RAIL TO RAIL INPUT/OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
TS4871 STMICROELECTRONICS-TS4871 Datasheet
1Mb / 28P
   OUTPUT RAIL TO RAIL 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
TS4990 STMICROELECTRONICS-TS4990 Datasheet
143Kb / 6P
   1W AUDIO POWER AMPLIFIER WITH ACTIVE LOW STANDBY MODE
TS4890 STMICROELECTRONICS-TS4890 Datasheet
833Kb / 32P
   RAIL TO RAIL OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
logo
National Semiconductor ...
LM4874 NSC-LM4874 Datasheet
869Kb / 21P
   2.1W Differential Input, BTL Output Stereo Audio Amplifier with Selectable Gain and Shutdown
LM4869 NSC-LM4869 Datasheet
832Kb / 20P
   1.9W Differential Input, BTL Output Stereo Audio Amplifier with Selectable Gain and Shutdown
logo
STMicroelectronics
TS4995 STMICROELECTRONICS-TS4995 Datasheet
442Kb / 26P
   1.2 W fully differential audio power amplifier with selectable standby and 6 dB fixed gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com