công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF52210CVM66 bảng dữ liệu(PDF) 2 Page - Freescale Semiconductor, Inc

tên linh kiện MCF52210CVM66
Giải thích chi tiết về linh kiện  ColdFire Microcontroller
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF52210CVM66 bảng dữ liệu(HTML) 2 Page - Freescale Semiconductor, Inc

  MCF52210CVM66 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF52210CVM66 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF52210CVM66 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF52210CVM66 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF52210CVM66 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF52210CVM66 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF52210CVM66 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF52210CVM66 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF52210CVM66 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
MCF52211 ColdFire Microcontroller, Rev. 1
Freescale Semiconductor
2
Table of Contents
1
MCF52211 Family Configurations . . . . . . . . . . . . . . . . . . . . . .3
1.1
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4
1.2
Reset Signals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .22
1.3
PLL and Clock Signals . . . . . . . . . . . . . . . . . . . . . . . . .22
1.4
Mode Selection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .22
1.5
External Interrupt Signals . . . . . . . . . . . . . . . . . . . . . . .23
1.6
Queued Serial Peripheral Interface (QSPI) . . . . . . . . . .23
1.7
USB On-the-Go. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .23
1.8
I2C I/O Signals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .23
1.9
UART Module Signals . . . . . . . . . . . . . . . . . . . . . . . . . .24
1.10 DMA Timer Signals . . . . . . . . . . . . . . . . . . . . . . . . . . . .24
1.11 ADC Signals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .24
1.12 General Purpose Timer Signals . . . . . . . . . . . . . . . . . .25
1.13 Pulse Width Modulator Signals . . . . . . . . . . . . . . . . . . .25
1.14 Debug Support Signals . . . . . . . . . . . . . . . . . . . . . . . . .25
1.15 EzPort Signal Descriptions . . . . . . . . . . . . . . . . . . . . . .26
1.16 Power and Ground Pins . . . . . . . . . . . . . . . . . . . . . . . .27
2
Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . .27
2.1
Maximum Ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . .28
2.2
Current Consumption . . . . . . . . . . . . . . . . . . . . . . . . . .29
2.3
Thermal Characteristics . . . . . . . . . . . . . . . . . . . . . . . .30
2.4
Flash Memory Characteristics . . . . . . . . . . . . . . . . . . .31
2.5
ESD Protection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .32
2.6
DC Electrical Specifications . . . . . . . . . . . . . . . . . . . . .32
2.7
Clock Source Electrical Specifications . . . . . . . . . . . . .33
2.8
USB Operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .34
2.9
General Purpose I/O Timing . . . . . . . . . . . . . . . . . . . . .34
2.10 Reset Timing. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .35
2.11 I2C Input/Output Timing Specifications . . . . . . . . . . . . .36
2.12 Analog-to-Digital Converter (ADC) Parameters . . . . . .37
2.13 Equivalent Circuit for ADC Inputs . . . . . . . . . . . . . . . . .38
2.14 DMA Timers Timing Specifications . . . . . . . . . . . . . . . .39
2.15 QSPI Electrical Specifications. . . . . . . . . . . . . . . . . . . .39
2.16 JTAG and Boundary Scan Timing . . . . . . . . . . . . . . . . .40
2.17 Debug AC Timing Specifications. . . . . . . . . . . . . . . . . .42
3
Mechanical Outline Drawings . . . . . . . . . . . . . . . . . . . . . . . . .44
3.1
64-pin LQFP Package. . . . . . . . . . . . . . . . . . . . . . . . . .44
3.2
64 QFN Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .47
3.3
81 MAPBGA Package. . . . . . . . . . . . . . . . . . . . . . . . . .51
3.4
100-pin LQFP Package . . . . . . . . . . . . . . . . . . . . . . . . .53
4
Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .54
List of Figures
Figure 1. MCF52211 Block Diagram . . . . . . . . . . . . . . . . . . . . . . 4
Figure 2. 100 LQFP Pin Assignments . . . . . . . . . . . . . . . . . . . . 14
Figure 3. 81 MAPBGA Pin Assignments . . . . . . . . . . . . . . . . . . 15
Figure 4. 64 LQFP and 64 QFN Pin Assignments . . . . . . . . . . . 16
Figure 5. GPIO Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Figure 6. RSTI and Configuration Override Timing . . . . . . . . . . 35
Figure 7. I2C Input/Output Timings . . . . . . . . . . . . . . . . . . . . . . 37
Figure 8. Equivalent Circuit for A/D Loading. . . . . . . . . . . . . . . . 38
Figure 9. QSPI Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
Figure 10.Test Clock Input Timing . . . . . . . . . . . . . . . . . . . . . . . 40
Figure 11.Boundary Scan (JTAG) Timing . . . . . . . . . . . . . . . . . 41
Figure 12.Test Access Port Timing . . . . . . . . . . . . . . . . . . . . . . 41
Figure 13.TRST Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
Figure 14.Real-Time Trace AC Timing . . . . . . . . . . . . . . . . . . . . 42
Figure 15.BDM Serial Port AC Timing . . . . . . . . . . . . . . . . . . . . 43
List of Tables
Table 1. MCF52211 Family Configurations . . . . . . . . . . . . . . . . . 3
Table 2. Orderable Part Number Summary . . . . . . . . . . . . . . . . 12
Table 3. Pin Functions by Primary and Alternate Purpose . . . . 17
Table 4. Reset Signals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Table 5. PLL and Clock Signals . . . . . . . . . . . . . . . . . . . . . . . . 22
Table 6. Mode Selection Signals . . . . . . . . . . . . . . . . . . . . . . . . 22
Table 7. Clocking Modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Table 8. External Interrupt Signals . . . . . . . . . . . . . . . . . . . . . . 23
Table 9. Queued Serial Peripheral Interface (QSPI) Signals. . . 23
Table 10.I2C I/O Signals. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Table 11.UART Module Signals . . . . . . . . . . . . . . . . . . . . . . . . . 24
Table 12.DMA Timer Signals . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Table 13.ADC Signals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Table 14.GPT Signals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Table 15.PWM Signals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Table 16.Debug Support Signals . . . . . . . . . . . . . . . . . . . . . . . . 25
Table 17.EzPort Signal Descriptions . . . . . . . . . . . . . . . . . . . . . 26
Table 18.Power and Ground Pins. . . . . . . . . . . . . . . . . . . . . . . . 27
Table 19.Absolute Maximum Ratings,
. . . . . . . . . . . . . . . . . . . 28
Table 20.Current Consumption in Low-Power Mode, . . . . . . . . . 29
Table 21.Typical Active Current Consumption Specifications. . . 29
Table 22.Thermal Characteristics. . . . . . . . . . . . . . . . . . . . . . . . 30
Table 23.SGFM Flash Program and Erase Characteristics . . . . 31
Table 24.SGFM Flash Module Life Characteristics . . . . . . . . . . 32
Table 25.ESD Protection Characteristics, . . . . . . . . . . . . . . . . . 32
Table 26.DC Electrical Specifications . . . . . . . . . . . . . . . . . . . . 32
Table 27.PLL Electrical Specifications . . . . . . . . . . . . . . . . . . . . 33
Table 28.USB Operation Specifications . . . . . . . . . . . . . . . . . . . 34
Table 29.GPIO Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Table 30.Reset and Configuration Override Timing . . . . . . . . . . 35
Table 31.I2C Input Timing Specifications between I2C_SCL
and I2C_SDA. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Table 32.I2C Output Timing Specifications between I2C_SCL
and I2C_SDA. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Table 33.ADC Parameters . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
Table 34.Timer Module AC Timing Specifications . . . . . . . . . . . 39
Table 35.QSPI Modules AC Timing Specifications. . . . . . . . . . . 39
Table 36.JTAG and Boundary Scan Timing . . . . . . . . . . . . . . . . 40
Table 37.Debug AC Timing Specification . . . . . . . . . . . . . . . . . . 42
Table 38.Revision History. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55


Số phần tương tự - MCF52210CVM66

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF52211 FREESCALE-MCF52211 Datasheet
1Mb / 54P
   ColdFire Microcontroller
More results

Mô tả tương tự - MCF52210CVM66

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF52211 FREESCALE-MCF52211 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF51AC256 FREESCALE-MCF51AC256_09 Datasheet
1Mb / 46P
   ColdFire Microcontroller
MCF51EM256 FREESCALE-MCF51EM256 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_10 Datasheet
2Mb / 46P
   ColdFire Microcontroller
MCF52235DS FREESCALE-MCF52235DS Datasheet
1,001Kb / 54P
   ColdFire Microcontroller
MCF5213 FREESCALE-MCF5213_07 Datasheet
944Kb / 56P
   ColdFire Microcontroller
MCF52223DS FREESCALE-MCF52223DS Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52110 FREESCALE-MCF52110 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52223 FREESCALE-MCF52223_07 Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_09 Datasheet
3Mb / 46P
   ColdFire Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com