công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74VHCT74AM bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện 74VHCT74AM
Giải thích chi tiết về linh kiện  Dual D-Type Flip-Flop with Preset and Clear
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHCT74AM bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  74VHCT74AM Datasheet HTML 1Page - Fairchild Semiconductor 74VHCT74AM Datasheet HTML 2Page - Fairchild Semiconductor 74VHCT74AM Datasheet HTML 3Page - Fairchild Semiconductor 74VHCT74AM Datasheet HTML 4Page - Fairchild Semiconductor 74VHCT74AM Datasheet HTML 5Page - Fairchild Semiconductor 74VHCT74AM Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 5)
Note 1: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. The databook specifica-
tions should be met, without exception, to ensure that the system design is
reliable over its power supply, temperature, and output/input loading varai-
bles. Fairchild does not recommend operation outside databook specifica-
tions.
Note 2: HIGH or LOW state. IOUT absolute maximum rating must be
observed.
Note 3: VCC = 0V.
Note 4: VOUT < GND, VOUT > VCC.(Outputs Active)
Note 5: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Supply Voltage (VCC)
−0.5V to +7.0V
DC Input Voltage (VIN)
−0.5V to +7.0V
DC Output Voltage (VOUT)
(Note 2)
−0.5V to V
CC + 0.5V
(Note 3)
−0.5V to 7.0V
Input Diode Current (IIK)
−20 mA
Output Diode Current (IOK)
(Note 4)
±20 mA
DC Output Current (IOUT)
±25 mA
DC VCC/GND Current (ICC)
±50 mA
Storage Temperature (TSTG)
−65°C to +150°C
Lead Temperature (TL)
Soldering (10 seconds)
260
°C
Supply Voltage (VCC)
4.5V to 5.5V
Input Voltage (VIN)0V to +5.5V
Output Voltage (VOUT)
(Note 2)
0V to VCC
(Note 3)
0V to 5.5V
Operating Temperature (TOPR)
−40°C to +85°C
Input Rise and Fall Time (tr, tf)
VCC = 5.0V ± 0.5V
0 ns/V
∼ 20 ns/V
Symbol
Parameter
VCC
(V)
TA = 25°CTA = −40°C to +85°C
Units
Conditions
Min
Typ
Max
Min
Max
VIH
HIGH Level
4.5
2.0
2.0
V
Input Voltage
5.5
2.0
2.0
VIL
LOW Level
4.5
0.8
0.8
V
Input Voltage
5.5
0.8
0.8
VOH
HIGH Level
4.5
4.40
4.50
4.40
V
VIN = VIH
IOH = −50 µA
Output Voltage
4.5
3.94
3.80
or VIL IOH = −8 mA
VOL
LOW Level
4.5
0.0
0.1
0.1
V
VIN = VIH
IOL = 50 µA
Output Voltage
4.5
0.36
0.44
or VIL IOL = 8 mA
IIN
Input Leakage Current
0–5.5
±0.1
±1.0
µAV
IN = 5.5V or GND
ICC
Quiescent Supply Current
5.5
2.0
20.0
µAV
IN = VCC or GND
ICCT
Maximum ICC/Input
5.5
1.35
1.50
mA
VIN = 3.4V
Other Inputs
= V
CC or GND
IOFF
Output Leakage Current
0.0
+0.5
+5.0
µAV
OUT = 5.5V
(Power Down State)


Số phần tương tự - 74VHCT74AM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
74VHCT74AM STMICROELECTRONICS-74VHCT74AM Datasheet
73Kb / 10P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Fairchild Semiconductor
74VHCT74AM FAIRCHILD-74VHCT74AM Datasheet
105Kb / 8P
   Dual D-Type Flip-Flop with Preset and Clear
74VHCT74AM FAIRCHILD-74VHCT74AM Datasheet
277Kb / 9P
   Dual D-Type Flip-Flop with Preset and Clear
74VHCT74AM FAIRCHILD-74VHCT74AM Datasheet
254Kb / 9P
   Dual D-Type Flip-Flop with Preset and Clear
logo
ON Semiconductor
74VHCT74AM ONSEMI-74VHCT74AM Datasheet
279Kb / 9P
   Dual D-Type Flip-Flop with Preset and Clear
May 2008 Rev. 1.4.0
More results

Mô tả tương tự - 74VHCT74AM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
TC74HCT74AP TOSHIBA-TC74HCT74AP Datasheet
242Kb / 6P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A Datasheet
73Kb / 10P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Toshiba Semiconductor
TC74VHCT74AF TOSHIBA-TC74VHCT74AF Datasheet
221Kb / 6P
   DUAL D-TYPE FLIP-FLOP WITH PRESET AND CLEAR
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A_04 Datasheet
423Kb / 14P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Fairchild Semiconductor
74VHC74 FAIRCHILD-74VHC74 Datasheet
104Kb / 8P
   Dual D-Type Flip-Flop with Preset and Clear
MM74HCT74 FAIRCHILD-MM74HCT74 Datasheet
85Kb / 7P
   Dual D-Type Flip-Flop with Preset and Clear
logo
STMicroelectronics
M54HC74 STMICROELECTRONICS-M54HC74 Datasheet
250Kb / 11P
   DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
74AC74 STMICROELECTRONICS-74AC74 Datasheet
97Kb / 11P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
April 1997
M54HCT74 STMICROELECTRONICS-M54HCT74 Datasheet
249Kb / 11P
   DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Toshiba Semiconductor
TC74VHC74F TOSHIBA-TC74VHC74F_12 Datasheet
220Kb / 9P
   Dual D-Type Flip-Flop with Preset and Clear
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com