công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M74HC193 bảng dữ liệu(PDF) 9 Page - STMicroelectronics |
|
M74HC193 bảng dữ liệu(HTML) 9 Page - STMicroelectronics |
9 / 15 page AC ELECTRICAL CHARACTERISTICS (CL =50 pF, Input tr =tf =6 ns) Symbol Parameter Test Conditions Value Unit VCC (V) TA =25 oC 54HC and 74HC -40 to 85 oC 74HC -55 to 125 oC 54HC Min. Typ. Max. Min. Max. Min. Max. tW(H) tW(L) Minimum Pulse Width (COUNT UP/DOWN) 2.0 34 100 125 150 ns 4.5 9 202530 6.0 7 172126 tW(L) Minimum Pulse Width (LOAD) 2.0 34 75 95 110 ns 4.5 9 151922 6.0 7 131619 tW(H) Minimum Pulse Width (CLEAR) 2.0 40 100 125 150 ns 4.5 12 20 25 30 6.0 10 17 21 26 ts Minimum Set-up Time (DATA - LOAD) 2.0 30 75 95 110 ns 4.5 9 151922 6.0 7 131619 th Minimum Hold Time 2.0 0 0 0 ns 4.5 0 0 0 6.0 0 0 0 tREM Minimum Removal Time (LOAD) 2.0 6 506575 ns 4.5 2 101315 6.0 2 9 11 13 tREM Minimum Removal Time (CLEAR) 2.0 14 50 65 75 ns 4.5 4 101315 6.0 3 9 11 13 CIN Input Capacitance 5 10 10 10 pF CPD (*) Power Dissipation Capacitance for HC192 for HC193 68 67 pF (*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD •VCC •fIN +ICC M54/M74HC192/193 9/15 |
Số phần tương tự - M74HC193 |
|
Mô tả tương tự - M74HC193 |