công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MV20556 bảng dữ liệu(PDF) 8 Page - Mosel Vitelic, Corp

tên linh kiện MV20556
Giải thích chi tiết về linh kiện  8 - Bit MCU Mouse Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOSEL [Mosel Vitelic, Corp]
Trang chủ  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MV20556 bảng dữ liệu(HTML) 8 Page - Mosel Vitelic, Corp

Back Button MV20556 Datasheet HTML 4Page - Mosel Vitelic, Corp MV20556 Datasheet HTML 5Page - Mosel Vitelic, Corp MV20556 Datasheet HTML 6Page - Mosel Vitelic, Corp MV20556 Datasheet HTML 7Page - Mosel Vitelic, Corp MV20556 Datasheet HTML 8Page - Mosel Vitelic, Corp MV20556 Datasheet HTML 9Page - Mosel Vitelic, Corp MV20556 Datasheet HTML 10Page - Mosel Vitelic, Corp MV20556 Datasheet HTML 11Page - Mosel Vitelic, Corp MV20556 Datasheet HTML 12Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
MV20556
MOSEL VITELIC INC.
8/27
PID256** 07/97
Specifications subject to change without notice, contact your sales representatives for the most recent information.
Preliminary
Memory Map Details (Cont'd)
Program Status Word Register(Cont'd)
F0 is a general purpose flag which is pushed onto the
stack as part of a PSW save. The two Register Bank
select bits (RS1 or RS0) determine which one of the
four Register Banks is selected.
Stack Pointer
The 8-bit Stack Pointer (SP) contains the address at
which the last byte was pushed onto the stack. This is
also the address of the next byte that will be popped.
The SP is incremented during a push. SP can be read
or written to under software control.
Data Pointer (High) and Data Pointer (Low)
The 16-bit Data Pointer (DPTR) register is the
concatenation of registers DPH (data pointer's
high-order byte) and DPL (data pointer's low-order
byte).
The DPTR is used in Register-Indirect
Addressing to move Program Memory constants, to
move External Data Memory variables, and to branch
over the 64K Program Memory address space.
Interrupt Priority Register
The Interrupt Priority (IPC) register contains the control
bits to set an interrupt to a desired level. A bit set to a
one gives the particular interrupt a high priority listing.
Interrupt Enable Register
The Interrupt Enable (IEC) register stores the enable
bits for each of the five interrupt sources. Also included
is a global enable/disable bit of the interrupt system.
Timer/Counter Mode Register
Within the Times Mode (TMOD) register are the bits
that select which operations each timer/counter will do.
Timer/Counter Control Register
The timer/counters are controlled by the Timer/Counter
Control (TCON) register bits. The start/stop bits for the
timer/counters along with the overflow and interrupt
request flags are mapped in TCON.
Timer/Counter 1 (High), Timer/Counter 1 (Low),
Timer/Counter 0 (High), Timer/Counter 0 (Low)
There are four register locations for the two 16-bit
timer/counters. These registers can be read or written
to, to give the programmer easy access to the
timer/counters. TH1 and TH0 refer to the 8 high-order
bits of timer/counter 1 and 0, respectively. TL1 and
TL0 refer to the low-order bits of both timer/counter 1
and 0.
Serial Control Register
The Serial Data Buffer (SBUF) register is used to hold
serial port input or output data depending on whether
the serial port is receiving or transmitting data.
PSW definition
MSB
LSB
CY
AC
F0
RS1
RS0
OV
-
P
CY
AC
F0
RS1
RS0
OV
-
P
PSW.7
PSW.6
PSW.5
PSW.4
PSW.3
PSW.2
PSW.1
PSW.0
Carry flag
Auxiliary carry flag
Flag 0 available to the user for general purpose
Register bank selector bit 1.
Register bank selector bit 0.
Overflow flag
Usable as a general purpose flag
Parity flag. Set/clear by hardware at each instruction cycle to indicate an odd/
even number of "1" bus in the accumulator
RS1
0
0
1
1
RS0
0
1
0
1
REGISTER BANK
0
1
2
3
ADDRESS
00H-07H
08H-0FH
10H-17H
18H-1FH


Số phần tương tự - MV20556

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Zarlink Semiconductor I...
MV2000 ZARLINK-MV2000 Datasheet
422Kb / 5P
   REMOTE KEYBOARD TRANSMITTER
logo
Advanced Energy Industr...
MV2000 ADVANCEDENERGY-MV2000 Datasheet
309Kb / 6P
   MEDIUM-VOLTAGE HIGH CURRENT POWER SUPPLIES
logo
Microsemi Corporation
MV20001 MICROSEMI-MV20001 Datasheet
154Kb / 2P
   GaAs Varactor Diodes Abrupt Junction
MV20002 MICROSEMI-MV20002 Datasheet
154Kb / 2P
   GaAs Varactor Diodes Abrupt Junction
MV20003 MICROSEMI-MV20003 Datasheet
154Kb / 2P
   GaAs Varactor Diodes Abrupt Junction
More results

Mô tả tương tự - MV20556

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Holtek Semiconductor In...
HT82M99EE HOLTEK-HT82M99EE Datasheet
367Kb / 47P
   USB Mouse Encoder 8-Bit MCU
HT82M99E HOLTEK-HT82M99E_11 Datasheet
300Kb / 50P
   USB Mouse Encoder 8-Bit MCU
HT82M9BE HOLTEK-HT82M9BE_08 Datasheet
294Kb / 44P
   USB Mouse Encoder 8-Bit MCU
HT82M99EE HOLTEK-HT82M99EE_08 Datasheet
326Kb / 44P
   USB Mouse Encoder 8-Bit MCU
HT82M9AE HOLTEK-HT82M9AE_09 Datasheet
291Kb / 46P
   USB Mouse Encoder 8-Bit MCU
HT82M99E HOLTEK-HT82M99E Datasheet
281Kb / 45P
   USB Mouse Encoder 8-Bit OTP MCU
HT82K74E HOLTEK-HT82K74E Datasheet
348Kb / 56P
   27MHz Keyboard/ Mouse TX 8-Bit MCU
HT82M9BEE HOLTEK-HT82M9BEE_08 Datasheet
305Kb / 44P
   USB Mouse Encoder 8-Bit MCU with EEPROM
HT82M9AEE HOLTEK-HT82M9AEE Datasheet
315Kb / 48P
   USB Mouse Encoder 8-Bit MCU with EEPROM
HT82M9BEE HOLTEK-HT82M9BEE Datasheet
323Kb / 47P
   USB Mouse Encoder 8-Bit MCU with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com