công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1SS84 bảng dữ liệu(PDF) 1 Page - Hitachi Semiconductor

tên linh kiện 1SS84
Giải thích chi tiết về linh kiện  Silicon Epitaxial Planar Diode for High Speed Switching
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HITACHI [Hitachi Semiconductor]
Trang chủ  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

1SS84 bảng dữ liệu(HTML) 1 Page - Hitachi Semiconductor

  1SS84 Datasheet HTML 1Page - Hitachi Semiconductor 1SS84 Datasheet HTML 2Page - Hitachi Semiconductor 1SS84 Datasheet HTML 3Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
• Low reverse current.
• High reliability with glass seal.
Ordering Information
Type No.
Cathode 2nd band
3rd band
Package
Code
1SS84
Light Blue Dark Green Dark Green
DO-35
Outline
1. Cathode
2. Anode
Cathode band
1
2
2nd band
3rd band
ADE-208-151A(Z)
Rev. 1
Aug. 1995
1SS84
Silicon Epitaxial Planar Diode
for High Speed Switching
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Value
Unit
Peak reverse voltage
VRM
75
V
Reverse voltage
VR
70
V
Peak forward current
IFM
450
mA
Non-Repetitive peak forward surge current
IFSM *1
A
Average forward current
I o
150
mA
Power dissipation
Pd
250
mW
Junction temperature
Tj
175
°C
Storage temperature
Tstg
-65 to +175
°C
* Within 1s forward surge current.
Electrical Characteristics (Ta = 25°C)
Item
Symbol Min
Typ
Max
Unit
Test Condition
Forward voltage
VF
0.8
V
IF = 10 mA
IR1
0.3
3
VR = 0.3 V
Reverse current
IR2
10
nA
VR = 20 V
IR3
100
VR = 55 V
Capacitance
C
5
pF
VR = 1 V, f = 1 MHz
Reverse recovery time
trr
50
ns
IF=IR=10mA, Irr=1mA,RL=100Ω


Số phần tương tự - 1SS84

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hitachi Semiconductor
1SS81 HITACHI-1SS81 Datasheet
26Kb / 6P
   Silicon Epitaxial Planar Diode for High Voltage Switching
logo
Renesas Technology Corp
1SS81 RENESAS-1SS81 Datasheet
138Kb / 5P
   Silicon Epitaxial Planar Diode for High Voltage Switching
logo
Kwang Myoung I.S. CO.,L...
1SS81 KISEMICONDUCTOR-1SS81 Datasheet
171Kb / 2P
   SMALL SIGNAL SWITCHING DIODE
logo
Hitachi Semiconductor
1SS82 HITACHI-1SS82 Datasheet
26Kb / 6P
   Silicon Epitaxial Planar Diode for High Voltage Switching
logo
Renesas Technology Corp
1SS82 RENESAS-1SS82 Datasheet
139Kb / 5P
   Silicon Epitaxial Planar Diode for High Voltage Switching
More results

Mô tả tương tự - 1SS84

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hitachi Semiconductor
1SS118 HITACHI-1SS118 Datasheet
17Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
logo
Renesas Technology Corp
HSD119 RENESAS-HSD119 Datasheet
56Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
logo
Hitachi Semiconductor
HSM2838C HITACHI-HSM2838C Datasheet
17Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
HSB124S HITACHI-HSB124S Datasheet
23Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
HSU119 HITACHI-HSU119 Datasheet
26Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
logo
Renesas Technology Corp
HSM2836C RENESAS-HSM2836C Datasheet
148Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
1S2074 RENESAS-1S2074 Datasheet
238Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
1S2075 RENESAS-1S2075 Datasheet
144Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
RKS100KG RENESAS-RKS100KG Datasheet
85Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
HSM124S RENESAS-HSM124S Datasheet
65Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
HSB124S RENESAS-HSB124S Datasheet
85Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com