công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33274A bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC33274A
Giải thích chi tiết về linh kiện  Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33274A bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC33274A Datasheet HTML 1Page - ON Semiconductor MC33274A Datasheet HTML 2Page - ON Semiconductor MC33274A Datasheet HTML 3Page - ON Semiconductor MC33274A Datasheet HTML 4Page - ON Semiconductor MC33274A Datasheet HTML 5Page - ON Semiconductor MC33274A Datasheet HTML 6Page - ON Semiconductor MC33274A Datasheet HTML 7Page - ON Semiconductor MC33274A Datasheet HTML 8Page - ON Semiconductor MC33274A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2004
December, 2004 − Rev. 7
1
Publication Order Number:
MC33272A/D
MC33272A, MC33274A,
NCV33274A
Single Supply,
High Slew Rate,
Low Input Offset Voltage
Operational Amplifiers
The MC33272/74 series of monolithic operational amplifiers are
quality fabricated with innovative Bipolar design concepts. This dual
and quad operational amplifier series incorporates Bipolar inputs
along with a patented Zip−R−Trim element for input offset voltage
reduction. The MC33272/74 series of operational amplifiers exhibits
low input offset voltage and high gain bandwidth product.
Dual−doublet frequency compensation is used to increase the slew rate
while maintaining low input noise characteristics. Its all NPN output
stage exhibits no deadband crossover distortion, large output voltage
swing, and an excellent phase and gain margin. It also provides a low
open loop high frequency output impedance with symmetrical source
and sink AC frequency performance.
The MC33272/74 series is specified over −40
° to +85°C and are
available in plastic DIP and SOIC surface mount packages.
Features
Pb−Free Packages are Available
Input Offset Voltage Trimmed to 100 mV (Typ)
Low Input Bias Current: 300 nA
Low Input Offset Current: 3.0 nA
High Input Resistance: 16 MW
Low Noise: 18 nV/ Hz
@ 1.0 kHz
High Gain Bandwidth Product: 24 MHz @ 100 kHz
High Slew Rate: 10 V/ms
Power Bandwidth: 160 kHz
Excellent Frequency Stability
Unity Gain Stable: w/Capacitance Loads to 500 pF
Large Output Voltage Swing: +14.1 V/ −14.6 V
Low Total Harmonic Distortion: 0.003%
Power Supply Drain Current: 2.15 mA per Amplifier
Single or Split Supply Operation: +3.0 V to +36 V or
±1.5 V to ±18 V
ESD Diodes Provide Added Protection to the Inputs
NCV Prefix for Automotive and Other Applications Requiring Site
and Control Changes
PDIP−8
P SUFFIX
CASE 626
SOIC−8
D SUFFIX
CASE 751
MARKING
DIAGRAMS
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
DUAL
QUAD
PDIP−14
P SUFFIX
CASE 646
14
SOIC−14
D SUFFIX
CASE 751A
1
1
8
MC33272AP
AWL
YYWW
ALYWA
33272
1
14
MC33274AP
AWLYYWW
1
14
MC33274AD
AWLYWW
1
8
1
8
1
14
See detailed ordering and shipping information in the package
dimensions section on page 11 of this data sheet.
ORDERING INFORMATION
1
14
NCV33274A
AWLYWW
http://onsemi.com
1
8


Số phần tương tự - MC33274A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33274A ONSEMI-MC33274A Datasheet
317Kb / 16P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
October, 2006 ??Rev. 11
MC33274AD ONSEMI-MC33274AD Datasheet
287Kb / 12P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
1996 REV 0
MC33274AD ONSEMI-MC33274AD Datasheet
317Kb / 16P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
October, 2006 ??Rev. 11
MC33274AD ONSEMI-MC33274AD Datasheet
325Kb / 16P
   Low Input Offset Voltage Operational Amplifiers
July, 2013 ??Rev. 14
MC33274ADG ONSEMI-MC33274ADG Datasheet
317Kb / 16P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
October, 2006 ??Rev. 11
More results

Mô tả tương tự - MC33274A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A_06 Datasheet
317Kb / 16P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
October, 2006 ??Rev. 11
logo
Unisonic Technologies
MC33272 UTC-MC33272_17 Datasheet
166Kb / 6P
   SINGLE SUPPLY, HIGH SLEW RATE ,LOW INPUT OFFSET VOLTAGE OPERATIONAL
logo
Texas Instruments
TL3X071 TI1-TL3X071_08 Datasheet
108Kb / 6P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3X071 TI-TL3X071 Datasheet
109Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474 TI-TL3474_07 Datasheet
505Kb / 17P
[Old version datasheet]   HIGH-SLEW-RATE,SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL33071 TI1-TL33071 Datasheet
108Kb / 6P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474 TI-TL3474 Datasheet
359Kb / 15P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Renesas Technology Corp
UPC813 RENESAS-UPC813 Datasheet
690Kb / 8P
   High Slew Rate, Low Offset Voltage J-FET Input Operational Amplifier
2019.06.13
logo
Motorola, Inc
MC35071 MOTOROLA-MC35071 Datasheet
1,009Kb / 16P
   High Slew Rate, Wide Bandwidth Single Supply Operational Amplifiers
logo
Unisonic Technologies
UTCMC34072 UTC-UTCMC34072 Datasheet
86Kb / 3P
   HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com