công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33272ADR2G bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện MC33272ADR2G
Giải thích chi tiết về linh kiện  Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33272ADR2G bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  MC33272ADR2G Datasheet HTML 1Page - ON Semiconductor MC33272ADR2G Datasheet HTML 2Page - ON Semiconductor MC33272ADR2G Datasheet HTML 3Page - ON Semiconductor MC33272ADR2G Datasheet HTML 4Page - ON Semiconductor MC33272ADR2G Datasheet HTML 5Page - ON Semiconductor MC33272ADR2G Datasheet HTML 6Page - ON Semiconductor MC33272ADR2G Datasheet HTML 7Page - ON Semiconductor MC33272ADR2G Datasheet HTML 8Page - ON Semiconductor MC33272ADR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MC33272A, MC33274A, NCV33274A
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS (VCC = +15 V, VEE = −15 V, TA = 25°C, unless otherwise noted.)
Characteristics
Figure
Symbol
Min
Typ
Max
Unit
Input Offset Voltage (RS = 10 W, VCM = 0 V, VO = 0 V)
(VCC = +15 V, VEE = −15 V)
TA = +25°C
TA = −40° to +85°C
TA = −40° to +125°C (NCV33274A)
(VCC = 5.0 V, VEE = 0)
TA = +25°C
3
|VIO|
0.1
1.0
1.8
3.5
2.0
mV
Average Temperature Coefficient of Input Offset Voltage
RS = 10 W, VCM = 0 V, VO = 0 V, TA = −40° to +125°C
3
DVIO/DT
2.0
mV/°C
Input Bias Current (VCM = 0 V, VO = 0 V)
TA = +25°C
TA = Tlow to Thigh
4, 5
IIB
300
650
800
nA
Input Offset Current (VCM = 0 V, VO = 0 V)
TA = +25°C
TA = Tlow to Thigh
|IIO|
3.0
65
80
nA
Common Mode Input Voltage Range (
DVIO = 5.0 mV, VO = 0 V)
TA = +25°C
6
VICR
VEE to (VCC −1.8)
V
Large Signal Voltage Gain (VO = 0 V to 10 V, RL = 2.0 kW)
TA = +25°C
TA = Tlow to Thigh
7
AVOL
90
86
100
dB
Output Voltage Swing (VID = ±1.0 V)
(VCC = +15 V, VEE = −15 V)
RL = 2.0 kW
RL = 2.0 kW
RL = 10 kW
RL = 10 kW
(VCC = 5.0 V, VEE = 0 V)
RL = 2.0 kW
RL = 2.0 kW
8, 9, 12
10, 11
VO +
VO
VO +
VO
VOL
VOH
13.4
13.4
3.7
13.9
−13.9
14
−14.7
−13.5
−14.1
0.2
5.0
V
Common Mode Rejection (Vin = +13.2 V to −15 V)
13
CMR
80
100
dB
Power Supply Rejection
VCC/VEE = +15 V/ −15 V, +5.0 V/ −15 V, +15 V/ −5.0 V
14, 15
PSR
80
105
dB
Output Short Circuit Current (VID = 1.0 V, Output to Ground)
Source
Sink
16
ISC
+25
−25
+37
−37
mA
Power Supply Current Per Amplifier (VO = 0 V)
(VCC = +15 V, VEE = −15 V)
TA = +25°C
TA = Tlow to Thigh
(VCC = 5.0 V, VEE = 0 V)
TA = +25°C
17
ICC
2.15
2.75
3.0
2.75
mA
3. MC33272A, MC33274A
Tlow = −40°CThigh = +85°C
NCV33274A
Tlow = −40°CThigh = +125°C


Số phần tương tự - MC33272ADR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33272ADR2G ONSEMI-MC33272ADR2G Datasheet
317Kb / 16P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
October, 2006 ??Rev. 11
MC33272ADR2G ONSEMI-MC33272ADR2G Datasheet
325Kb / 16P
   Low Input Offset Voltage Operational Amplifiers
July, 2013 ??Rev. 14
More results

Mô tả tương tự - MC33272ADR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A_06 Datasheet
317Kb / 16P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
October, 2006 ??Rev. 11
logo
Unisonic Technologies
MC33272 UTC-MC33272_17 Datasheet
166Kb / 6P
   SINGLE SUPPLY, HIGH SLEW RATE ,LOW INPUT OFFSET VOLTAGE OPERATIONAL
logo
Texas Instruments
TL3X071 TI1-TL3X071_08 Datasheet
108Kb / 6P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3X071 TI-TL3X071 Datasheet
109Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474 TI-TL3474_07 Datasheet
505Kb / 17P
[Old version datasheet]   HIGH-SLEW-RATE,SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL33071 TI1-TL33071 Datasheet
108Kb / 6P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474 TI-TL3474 Datasheet
359Kb / 15P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Renesas Technology Corp
UPC813 RENESAS-UPC813 Datasheet
690Kb / 8P
   High Slew Rate, Low Offset Voltage J-FET Input Operational Amplifier
2019.06.13
logo
Motorola, Inc
MC35071 MOTOROLA-MC35071 Datasheet
1,009Kb / 16P
   High Slew Rate, Wide Bandwidth Single Supply Operational Amplifiers
logo
Unisonic Technologies
UTCMC34072 UTC-UTCMC34072 Datasheet
86Kb / 3P
   HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com