công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33272AD bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện MC33272AD
Giải thích chi tiết về linh kiện  Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33272AD bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  MC33272AD Datasheet HTML 1Page - ON Semiconductor MC33272AD Datasheet HTML 2Page - ON Semiconductor MC33272AD Datasheet HTML 3Page - ON Semiconductor MC33272AD Datasheet HTML 4Page - ON Semiconductor MC33272AD Datasheet HTML 5Page - ON Semiconductor MC33272AD Datasheet HTML 6Page - ON Semiconductor MC33272AD Datasheet HTML 7Page - ON Semiconductor MC33272AD Datasheet HTML 8Page - ON Semiconductor MC33272AD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MC33272A, MC33274A, NCV33274A
http://onsemi.com
4
AC ELECTRICAL CHARACTERISTICS (VCC = +15 V, VEE = −15 V, TA = 25°C, unless otherwise noted.)
Characteristics
Figure
Symbol
Min
Typ
Max
Unit
Slew Rate
(Vin = −10 V to +10 V, RL = 2.0 kW, CL = 100 pF, AV = +1.0 V)
18, 33
SR
8.0
10
V/
ms
Gain Bandwidth Product (f = 100 kHz)
19
GBW
17
24
MHz
AC Voltage Gain (RL = 2.0 kW, VO = 0 V, f = 20 kHz)
20, 21, 22
AVO
65
dB
Unity Gain Bandwidth (Open Loop)
BW
5.5
MHz
Gain Margin (RL = 2.0 kW, CL = 0 pF)
23, 24, 26
Am
12
dB
Phase Margin (RL = 2.0 kW, CL = 0 pF)
23, 25, 26
fm
55
Deg
Channel Separation (f = 20 Hz to 20 kHz)
27
CS
−120
dB
Power Bandwidth (VO = 20 Vpp, RL = 2.0 kW, THD ≤ 1.0%)
BWP
160
kHz
Total Harmonic Distortion
(RL = 2.0 kW, f = 20 Hz to 20 kHz, VO = 3.0 Vrms, AV = +1.0)
28
THD
0.003
%
Open Loop Output Impedance (VO = 0 V, f = 6.0 MHz)
29
|ZO|
35
W
Differential Input Resistance (VCM = 0 V)
Rin
16
M
W
Differential Input Capacitance (VCM = 0 V)
Cin
3.0
pF
Equivalent Input Noise Voltage (RS = 100 W, f = 1.0 kHz)
30
en
18
nV/ Hz
Equivalent Input Noise Current (f = 1.0 kHz)
31
in
0.5
pA/ Hz
Vin
Sections
BC
D
VEE
+
Vin
VO
VCC
+
+
Figure 1. Equivalent Circuit Schematic
(Each Amplifier)


Số phần tương tự - MC33272AD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33272AD ONSEMI-MC33272AD Datasheet
287Kb / 12P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
1996 REV 0
MC33272AD ONSEMI-MC33272AD Datasheet
317Kb / 16P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
October, 2006 ??Rev. 11
MC33272AD ONSEMI-MC33272AD Datasheet
325Kb / 16P
   Low Input Offset Voltage Operational Amplifiers
July, 2013 ??Rev. 14
MC33272ADG ONSEMI-MC33272ADG Datasheet
317Kb / 16P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
October, 2006 ??Rev. 11
MC33272ADG ONSEMI-MC33272ADG Datasheet
325Kb / 16P
   Low Input Offset Voltage Operational Amplifiers
July, 2013 ??Rev. 14
More results

Mô tả tương tự - MC33272AD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A_06 Datasheet
317Kb / 16P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
October, 2006 ??Rev. 11
logo
Unisonic Technologies
MC33272 UTC-MC33272_17 Datasheet
166Kb / 6P
   SINGLE SUPPLY, HIGH SLEW RATE ,LOW INPUT OFFSET VOLTAGE OPERATIONAL
logo
Texas Instruments
TL3X071 TI1-TL3X071_08 Datasheet
108Kb / 6P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3X071 TI-TL3X071 Datasheet
109Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474 TI-TL3474_07 Datasheet
505Kb / 17P
[Old version datasheet]   HIGH-SLEW-RATE,SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL33071 TI1-TL33071 Datasheet
108Kb / 6P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474 TI-TL3474 Datasheet
359Kb / 15P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Renesas Technology Corp
UPC813 RENESAS-UPC813 Datasheet
690Kb / 8P
   High Slew Rate, Low Offset Voltage J-FET Input Operational Amplifier
2019.06.13
logo
Motorola, Inc
MC35071 MOTOROLA-MC35071 Datasheet
1,009Kb / 16P
   High Slew Rate, Wide Bandwidth Single Supply Operational Amplifiers
logo
Unisonic Technologies
UTCMC34072 UTC-UTCMC34072 Datasheet
86Kb / 3P
   HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com