công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese▼

Delete All
ON OFF
ALLDATASHEET.VN

X  

Preview PDF Download HTML

MC33272A Datasheet(PDF) 1 Page - ON Semiconductor

tên linh kiện MC33272A
Nội dung chi tiết  Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
tải về  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo 

 
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2004
December, 2004 − Rev. 7
1
Publication Order Number:
MC33272A/D
MC33272A, MC33274A,
NCV33274A
Single Supply,
High Slew Rate,
Low Input Offset Voltage
Operational Amplifiers
The MC33272/74 series of monolithic operational amplifiers are
quality fabricated with innovative Bipolar design concepts. This dual
and quad operational amplifier series incorporates Bipolar inputs
along with a patented Zip−R−Trim element for input offset voltage
reduction. The MC33272/74 series of operational amplifiers exhibits
low input offset voltage and high gain bandwidth product.
Dual−doublet frequency compensation is used to increase the slew rate
while maintaining low input noise characteristics. Its all NPN output
stage exhibits no deadband crossover distortion, large output voltage
swing, and an excellent phase and gain margin. It also provides a low
open loop high frequency output impedance with symmetrical source
and sink AC frequency performance.
The MC33272/74 series is specified over −40
° to +85°C and are
available in plastic DIP and SOIC surface mount packages.
Features
Pb−Free Packages are Available
Input Offset Voltage Trimmed to 100 mV (Typ)
Low Input Bias Current: 300 nA
Low Input Offset Current: 3.0 nA
High Input Resistance: 16 MW
Low Noise: 18 nV/ Hz
@ 1.0 kHz
High Gain Bandwidth Product: 24 MHz @ 100 kHz
High Slew Rate: 10 V/ms
Power Bandwidth: 160 kHz
Excellent Frequency Stability
Unity Gain Stable: w/Capacitance Loads to 500 pF
Large Output Voltage Swing: +14.1 V/ −14.6 V
Low Total Harmonic Distortion: 0.003%
Power Supply Drain Current: 2.15 mA per Amplifier
Single or Split Supply Operation: +3.0 V to +36 V or
±1.5 V to ±18 V
ESD Diodes Provide Added Protection to the Inputs
NCV Prefix for Automotive and Other Applications Requiring Site
and Control Changes
PDIP−8
P SUFFIX
CASE 626
SOIC−8
D SUFFIX
CASE 751
MARKING
DIAGRAMS
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
DUAL
QUAD
PDIP−14
P SUFFIX
CASE 646
14
SOIC−14
D SUFFIX
CASE 751A
1
1
8
MC33272AP
AWL
YYWW
ALYWA
33272
1
14
MC33274AP
AWLYYWW
1
14
MC33274AD
AWLYWW
1
8
1
8
1
14
See detailed ordering and shipping information in the package
dimensions section on page 11 of this data sheet.
ORDERING INFORMATION
1
14
NCV33274A
AWLYWW
http://onsemi.com
1
8



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


bảng dữ liệu tải về




Link URL




Privacy Policy
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ]  

Alldatasheet là?   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Đánh dấu trang   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved© Alldatasheet.com


Site nhân bản
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn