công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CD214B-T7.5A bảng dữ liệu(PDF) 5 Page - Bourns Electronic Solutions |
|
CD214B-T7.5A bảng dữ liệu(HTML) 5 Page - Bourns Electronic Solutions |
5 / 5 page Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. CD214B Transient Voltage Suppressor Diode Series Packaging Information The product will be dispensed in Tape and Reel format (see diagram below). ....... ....... ....... ....... ....... ....... ....... ....... P A F E T 120 ° D2 D D 1 W1 C Index Hole P 0 P 1 W B 10 pitches (min.) Direction of Feed 10 pitches (min.) End Trailer Device Leader Start d Devices are packed in accordance with EIA standard RS-481-A and specifications shown here. MM (INCHES) DIMENSIONS: Item Symbol SMB (DO-214AA) Carrier Width A 4.94 ± 0.10 (0.194 - 0.004) Carrier Length B 5.57 ± 0.10 (0.210 - 0.004) Carrier Depth C 2.36 ± 0.10 (0.093 - 0.004) Sprocket Hole d 1.55 ± 0.05 (0.061 - 0.002) Reel Outside Diameter D 330 (12.992) Reel Inner Diameter D1 50.0 MIN. (1.969) Feed Hole Diameter D2 13.0 ± 0.20 (0.512 - 0.008) Sprocket Hole Position E 1.75 ± 0.10 (0.069 - 0.004)) Punch Hole Position F 5.50 ± 0.05 (0.217 - 0.002) Punch Hole Pitch P 4.00 ± 0.10 (0.157 - 0.004) Sprocket Hole Pitch P0 4.00 ± 0.10 (0.157 - 0.004) Embossment Center P1 2.00 ± 0.05 (0.079 - 0.002) Overall Tape Thickness T 0.30 ± 0.10 (0.012 - 0.004) Tape Width W 12.00 ± 0.20 (0.472 - 0.008) Reel Width W1 18.4 MAX. (0.724) Quantity per Reel -- 3,000 REV. 01/08 |
Số phần tương tự - CD214B-T7.5A |
|
Mô tả tương tự - CD214B-T7.5A |