công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74AHCT02PWR bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74AHCT02PWR
Giải thích chi tiết về linh kiện  QUADRUPLE 2-INPUT POSITIVE-NOR GATES
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN74AHCT02PWR bảng dữ liệu(HTML) 5 Page - Texas Instruments

  SN74AHCT02PWR Datasheet HTML 1Page - Texas Instruments SN74AHCT02PWR Datasheet HTML 2Page - Texas Instruments SN74AHCT02PWR Datasheet HTML 3Page - Texas Instruments SN74AHCT02PWR Datasheet HTML 4Page - Texas Instruments SN74AHCT02PWR Datasheet HTML 5Page - Texas Instruments SN74AHCT02PWR Datasheet HTML 6Page - Texas Instruments SN74AHCT02PWR Datasheet HTML 7Page - Texas Instruments SN74AHCT02PWR Datasheet HTML 8Page - Texas Instruments SN74AHCT02PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
SN54AHCT02, SN74AHCT02
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SCLS262L – DECEMBER 1995 – REVISED JULY 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
50% VCC
3 V
3 V
0 V
0 V
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Data Input
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
3 V
0 V
50% VCC
50% VCC
Input
Out-of-Phase
Output
In-Phase
Output
Timing Input
50% VCC
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
Output
Control
Output
Waveform 1
S1 at VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
≈VCC
0 V
50% VCC
VOL + 0.3 V
50% VCC
≈0 V
3 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open Drain
Open
VCC
GND
VCC
TEST
S1
3 V
0 V
tw
VOLTAGE WAVEFORMS
PULSE DURATION
Input
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr ≤ 3 ns, tf ≤ 3 ns.
D. The outputs are measured one at a time with one input transition per measurement.
E. All parameters and waveforms are not applicable to all devices.
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT FOR
3-STATE AND OPEN-DRAIN OUTPUTS
S1
VCC
RL = 1 kΩ
GND
From Output
Under Test
CL
(see Note A)
Test
Point
LOAD CIRCUIT FOR
TOTEM-POLE OUTPUTS
Open
VOH – 0.3 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
Figure 1. Load Circuit and Voltage Waveforms


Số phần tương tự - SN74AHCT02PWR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74AHCT02PWR TI1-SN74AHCT02PWR Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN74AHCT02PWR TI-SN74AHCT02PWR Datasheet
2Mb / 39P
[Old version datasheet]   SNx4AHCT02 Quadruple 2-Input Positive-NOR Gates
REVISED MAY 2023
SN74AHCT02PWRE4 TI1-SN74AHCT02PWRE4 Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN74AHCT02PWRG4 TI1-SN74AHCT02PWRG4 Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
More results

Mô tả tương tự - SN74AHCT02PWR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hitachi Semiconductor
HD74LS02 HITACHI-HD74LS02 Datasheet
43Kb / 5P
   Quadruple 2-input Positive NOR Gates
logo
Texas Instruments
SN54F36 TI-SN54F36 Datasheet
142Kb / 4P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54ALS02A TI-SN54ALS02A_08 Datasheet
665Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHC02 TI-SN54AHC02 Datasheet
86Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCT02 TI-SN54AHCT02 Datasheet
83Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCC02 TI-SN54AHCC02 Datasheet
624Kb / 18P
[Old version datasheet]   QUADRUPLE 2 - INPUT POSITIVE - NOR GATES
SN54HC02 TI-SN54HC02_07 Datasheet
661Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54HC02 TI-SN54HC02_09 Datasheet
700Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN5402 TI-SN5402_07 Datasheet
968Kb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
74AC11002D TI-74AC11002D Datasheet
83Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com