công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74AHCT00PWR bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74AHCT00PWR
Giải thích chi tiết về linh kiện  QUADRUPLE 2-INPUT POSITIVE-NAND GATES
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN74AHCT00PWR bảng dữ liệu(HTML) 5 Page - Texas Instruments

  SN74AHCT00PWR Datasheet HTML 1Page - Texas Instruments SN74AHCT00PWR Datasheet HTML 2Page - Texas Instruments SN74AHCT00PWR Datasheet HTML 3Page - Texas Instruments SN74AHCT00PWR Datasheet HTML 4Page - Texas Instruments SN74AHCT00PWR Datasheet HTML 5Page - Texas Instruments SN74AHCT00PWR Datasheet HTML 6Page - Texas Instruments SN74AHCT00PWR Datasheet HTML 7Page - Texas Instruments SN74AHCT00PWR Datasheet HTML 8Page - Texas Instruments SN74AHCT00PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
SN54AHCT00, SN74AHCT00
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SCLS229K – OCTOBER 1995 – REVISED JULY 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
50% VCC
3 V
3 V
0 V
0 V
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Data Input
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
3 V
0 V
50% VCC
50% VCC
Input
Out-of-Phase
Output
In-Phase
Output
Timing Input
50% VCC
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
Output
Control
Output
Waveform 1
S1 at VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
≈VCC
0 V
50% VCC
VOL + 0.3 V
50% VCC
≈0 V
3 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open Drain
Open
VCC
GND
VCC
TEST
S1
3 V
0 V
tw
VOLTAGE WAVEFORMS
PULSE DURATION
Input
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr ≤ 3 ns, tf ≤ 3 ns.
D. The outputs are measured one at a time with one input transition per measurement.
E. All parameters and waveforms are not applicable to all devices.
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT FOR
3-STATE AND OPEN-DRAIN OUTPUTS
S1
VCC
RL = 1 kΩ
GND
From Output
Under Test
CL
(see Note A)
Test
Point
LOAD CIRCUIT FOR
TOTEM-POLE OUTPUTS
Open
VOH – 0.3 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
Figure 1. Load Circuit and Voltage Waveforms


Số phần tương tự - SN74AHCT00PWR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74AHCT00PWR TI-SN74AHCT00PWR Datasheet
633Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHCT00PWR TI-SN74AHCT00PWR Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHCT00PWR TI-SN74AHCT00PWR Datasheet
2Mb / 40P
[Old version datasheet]   SNx4AHCT00 Quadruple 2-Input Positive-NAND Gates
REVISED MAY 2023
SN74AHCT00PWRE4 TI-SN74AHCT00PWRE4 Datasheet
633Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHCT00PWRE4 TI-SN74AHCT00PWRE4 Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results

Mô tả tương tự - SN74AHCT00PWR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN54HCT00 TI-SN54HCT00 Datasheet
404Kb / 12P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHCT00-EP TI1-SN74AHCT00-EP Datasheet
421Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Unisonic Technologies
U74AHCT00 UTC-U74AHCT00_15 Datasheet
201Kb / 4P
   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Texas Instruments
SN5400 TI-SN5400_07 Datasheet
737Kb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_08 Datasheet
937Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00A TI-SN54LV00A_10 Datasheet
673Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN7400J TI1-SN7400J Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00 TI-SN54LV00 Datasheet
131Kb / 7P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
CD54ACT00 TI-CD54ACT00 Datasheet
73Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_07 Datasheet
908Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54F00 TI1-SN54F00_14 Datasheet
779Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com