công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34164-3 bảng dữ liệu(PDF) 8 Page - Freescale Semiconductor, Inc

tên linh kiện MC34164-3
Giải thích chi tiết về linh kiện  3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34164-3 bảng dữ liệu(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC34164-3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34164-3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34164-3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34164-3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34164-3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34164-3 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34164-3 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34164-3 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC34164-3 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
34712
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
M2 RDS(ON)
(VIN = 3.3 V, M2 is on)
RDS(ON)M2
1.5
-
4.0
PVIN Pin Leakage Current
(Standby and Shutdown Modes)
IPVIN
-10
-
10
µA
INV Pin Leakage Current
IINV
-1.0
-
1.0
µA
Thermal Shutdown Threshold (16)
TSDFET
-
170
-
°C
Thermal Shutdown Hysteresis (16)
TSDHYFET
-
25
-
°C
OSCILLATOR (FREQ)
Oscillator Frequency Adjusting Reference Voltage Range
VFREQ
0.0
-
VDDI
V
TRACKING (VREFIN, VREFOUT, VOUT)
VREFIN External Reference Voltage Range (16)
VREFIN
0.0
-
2.7
V
VREFOUT Buffered Reference Voltage Range
VREFOUT
0.0
-
1.35
V
VREFOUT Buffered Reference Voltage Accuracy (17)
-
-1.0
-
1.0
%
VREFOUT Buffered Reference Voltage Current Capability
IREFOUT
0.0
-
8.0
mA
VREFOUT Buffered Reference Voltage Over Current Limit
IREFOUTLIM
-
11
-
mA
VREFOUT Total Discharge Resistance(16)
RTDR(M6)
-
50
-
VOUT Total Discharge Resistance (16)
RTDR(M5)
-
50
-
VOUT Pin Leakage Current
(Standby Mode, VOUT = 3.6 V)
IVOUTLKG
-1.0
-
1.0
µA
CONTROL AND SUPERVISORY (STBY, SD, PG)
STBY High Level Input Voltage
VSTBYHI
2.0
-
-
V
STBY Low Level Input Voltage
VSTBYLO
-
-
0.4
V
STBY Pin Internal Pull Up Resistor
RSTBYUP
1.0
-
2.0
M
SD High Level Input Voltage
VSDHI
2.0
-
-
V
SD Low Level Input Voltage
VSDLO
-
-
0.4
V
SD Pin Internal Pull Up Resistor
RSDUP
1.0
-
2.0
M
PG Low Level Output Voltage
(IPG = 3.0 mA)
VPGLO
-
-
0.4
V
PG Pin Leakage Current
(M1 is off, Pulled up to VIN)
IPGLKG
-1.0
-
1.0
µA
Notes
16.
Design information only, this parameter is not production tested.
17.
The 1 % accuracy is only guaranteed for VREFOUT greater than or equal to 0.7 V at room temperature.
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 3.0 V
≤ V
IN ≤ 6.0 V, -40°C ≤ T
A ≤ 85°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Số phần tương tự - MC34164-3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microsemi Corporation
MC34164-3 MICROSEMI-MC34164-3 Datasheet
126Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
MC34164-3 MICROSEMI-MC34164-3 Datasheet
277Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
logo
List of Unclassifed Man...
MC34164-3 ETC2-MC34164-3 Datasheet
278Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
logo
Microsemi Corporation
MC34164-3DM MICROSEMI-MC34164-3DM Datasheet
126Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
logo
List of Unclassifed Man...
MC34164-3DM ETC2-MC34164-3DM Datasheet
278Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
More results

Mô tả tương tự - MC34164-3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC34712 FREESCALE-MC34712 Datasheet
547Kb / 24P
   3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply
logo
NXP Semiconductors
KT34712UG NXP-KT34712UG Datasheet
2Mb / 16P
   Using the 3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply
Rev. 4.0, 1/2009
logo
Freescale Semiconductor...
MC34717 FREESCALE-MC34717 Datasheet
778Kb / 28P
   5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Power Supply
MC34713 FREESCALE-MC34713 Datasheet
587Kb / 23P
   5.0 A 1.0 MHz Fully Integrated Single Switch-Mode Power Supply
34717 FREESCALE-34717 Datasheet
651Kb / 25P
   5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Dual Switch-Mode Power Supply
logo
NXP Semiconductors
KT34717UG NXP-KT34717UG Datasheet
1Mb / 20P
   Using the 5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Power Supply
Rev. 3.0, 1/2009
logo
Freescale Semiconductor...
MC34716 FREESCALE-MC34716 Datasheet
772Kb / 27P
   1.0 MHz Dual Switch-Mode DDR Power Supply
34716 FREESCALE-34716 Datasheet
664Kb / 25P
   1.0 MHz Dual Switch-Mode DDR Power Supply
34712 FREESCALE-34712 Datasheet
477Kb / 23P
   3.0A 1.0MHz Fully Integrated DDR Switch-Mode Power Supply
logo
NXP Semiconductors
KT34716UG NXP-KT34716UG Datasheet
1,005Kb / 17P
   Using the 1.0 MHz Dual Switch-Mode DDR Power Supply
Rev. 3.0, 1/2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com