công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M27C160-70XB6 bảng dữ liệu(PDF) 3 Page - STMicroelectronics |
|
M27C160-70XB6 bảng dữ liệu(HTML) 3 Page - STMicroelectronics |
3 / 19 page 3/19 M27C160 Table 2. Absolute Maximum Ratings (1) Note: 1. Except for the rating "Operating Temperature Range", stresses above those listed in the Table "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating condi- tions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant qual- ity documents. 2. Minimum DC voltage on Input or Output is –0.5V with possible undershoot to –2.0V for a period less than 20ns. Maximum DC voltage on Output is VCC +0.5V withpossibleovershoot toVCC +2V for a period less than 20ns. 3. Depends on range. Table 3. Operating Modes Note: X = VIH or VIL,VID = 12V ± 0.5V. Table 4. Electronic Signature Note: Outputs Q15-Q8 are set to '0'. Symbol Parameter Value Unit TA Ambient Operating Temperature (3) –40 to 125 °C TBIAS Temperature Under Bias –50 to 125 °C TSTG Storage Temperature –65 to 150 °C VIO (2) Input or Output Voltage (except A9) –2 to 7 V VCC Supply Voltage –2 to 7 V VA9 (2) A9 Voltage –2 to 13.5 V VPP Program Supply Voltage –2 to 14 V Mode E G BYTEVPP A9 Q15A–1 Q8-Q14 Q7-Q0 Read Word-wide VIL VIL VIH X Data Out Data Out Data Out Read Byte-wide Upper VIL VIL VIL X VIH Hi-Z Data Out Read Byte-wide Lower VIL VIL VIL X VIL Hi-Z Data Out Output Disable VIL VIH X X Hi-Z Hi-Z Hi-Z Program VIL Pulse VIH VPP X Data In Data In Data In Verify VIH VIL VPP X Data Out Data Out Data Out Program Inhibit VIH VIH VPP X Hi-Z Hi-Z Hi-Z Standby VIH X X X Hi-Z Hi-Z Hi-Z Electronic Signature VIL VIL VIH VID Code Codes Codes Identifier A0 Q7 Q6 Q5 Q4 Q3 Q2 Q1 Q0 Hex Data Manufacturer’s Code VIL 00100000 20h Device Code VIH 10110001 B1h |
Số phần tương tự - M27C160-70XB6 |
|
Mô tả tương tự - M27C160-70XB6 |